Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLB9665VQ2.0 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # SLB9665VQ2.0
Description  Trusted Platform Module
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLB9665VQ2.0 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button SLB9665VQ2.0 Datasheet HTML 7Page - Infineon Technologies AG SLB9665VQ2.0 Datasheet HTML 8Page - Infineon Technologies AG SLB9665VQ2.0 Datasheet HTML 9Page - Infineon Technologies AG SLB9665VQ2.0 Datasheet HTML 10Page - Infineon Technologies AG SLB9665VQ2.0 Datasheet HTML 11Page - Infineon Technologies AG SLB9665VQ2.0 Datasheet HTML 12Page - Infineon Technologies AG SLB9665VQ2.0 Datasheet HTML 13Page - Infineon Technologies AG SLB9665VQ2.0 Datasheet HTML 14Page - Infineon Technologies AG SLB9665VQ2.0 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet
11
Revision 1.0 2015-10-27
SLB 9665 TPM2.0
Trusted Platform Module
Pin Description
21
22
LCLK
I
ST
Clock Input
This pin provides the external clock for the chip
and is typically connected to the PCI clock of the
host. The clock frequency range is 1 MHz - 33 MHz
(nominal).
16
18
LRESET# I
ST
Reset
External reset signal. Asserting this pin
unconditionally resets the device. The signal is
active low and is typically connected to the
PCIRST# signal of the host.
6
2
GPIO
I/O
OD
General Purpose I/O
This pin is a general purpose I/O pin. It is defined
as GPIO-Express-00, please refer to [4] and the
PCI-SIG ECN “Trusted Configuration Space for PCI
Express”.
This pin may be left unconnected; however, to
minimize power consumption, it shall be
connected to a fixed level (either GND or VDD) via
an external resistor (4.7 kΩ..10 kΩ).
731
PP
I
ST
Physical Presence
This pin indicates physical presence; for usage of
this signal, please refer to the TCG specification
v1.2. The TPM 2.0 device does not use this
functionality.
For compatibility reasons (downgrade capability
to a TPM 1.2), the pin should be connected to a
jumper. The standard position of the jumper
should connect the pin to GND. If the pin is
connected to VDD, some special commands are
enabled for a TPM 1.2.
This pin does not have an internal pull-up or pull-
down resistor and must not be left floating.
27
28
SERIRQ
I/O
TS
Serial Interrupt Request
Interrupt request signal, uses the serial interrupt
request protocol (see [2]). Connect to the LPC
host.
Table 4-2 I/O Signals (continued)
Pin Number
Name
Pin
Type
Buffer
Type
Function
PG-TSSOP-
28-2
PG-VQFN-
32-13


Similar Part No. - SLB9665VQ2.0

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLB9665VQ2.0 INFINEON-SLB9665VQ2.0 Datasheet
502Kb / 25P
   Trusted Platform Module
Revision 1.2 2018-09-21
More results

Similar Description - SLB9665VQ2.0

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLM9670AQ2.0 INFINEON-SLM9670AQ2.0 Datasheet
542Kb / 24P
   Trusted Platform Module
Revision 1.0 2019-04-08
logo
ATMEL Corporation
AT97SC3203 ATMEL-AT97SC3203 Datasheet
216Kb / 8P
   Trusted Platform Module
AT97SC3204 ATMEL-AT97SC3204 Datasheet
107Kb / 10P
   Trusted Platform Module
AT97SC3203S ATMEL-AT97SC3203S_08 Datasheet
286Kb / 8P
   Trusted Platform Module
logo
Infineon Technologies A...
SLB9670TPM1.2 INFINEON-SLB9670TPM1.2 Datasheet
261Kb / 18P
   Trusted Platform Module
Revision 1.3 2018-09-21
SLB9660 INFINEON-SLB9660 Datasheet
912Kb / 22P
   Trusted Platform Module
Revision 1.0, 2014-12-12
logo
ATMEL Corporation
AT97SC3201 ATMEL-AT97SC3201 Datasheet
211Kb / 7P
   Trusted Platform Module
AT97SC3205T ATMEL-AT97SC3205T_14 Datasheet
324Kb / 10P
   Trusted Platform Module
logo
Infineon Technologies A...
SLB9670TPM2.0 INFINEON-SLB9670TPM2.0 Datasheet
283Kb / 21P
   Trusted Platform Module
Revision 1.4 2018-12-07
logo
ATMEL Corporation
AT97SC3203S ATMEL-AT97SC3203S Datasheet
212Kb / 8P
   Trusted Platform Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com