Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMS-4416TA Datasheet(PDF) 11 Page - Copal Electronics

Part # CMS-4416TA
Description  SLIDE SWITCHES (SMD)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CMS-4416TA Datasheet(HTML) 11 Page - Copal Electronics

Back Button CMS-4416TA Datasheet HTML 4Page - Copal Electronics CMS-4416TA Datasheet HTML 5Page - Copal Electronics CMS-4416TA Datasheet HTML 6Page - Copal Electronics CMS-4416TA Datasheet HTML 7Page - Copal Electronics CMS-4416TA Datasheet HTML 8Page - Copal Electronics CMS-4416TA Datasheet HTML 9Page - Copal Electronics CMS-4416TA Datasheet HTML 10Page - Copal Electronics CMS-4416TA Datasheet HTML 11Page - Copal Electronics CMS-4416TA Datasheet HTML 12Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
O CMS-2402TA, TB
(Unit : mm)
(Conforms to JIS C 0806)
Installation example
(CMS-2402B)
Direction of feed
0.40.1
7
120.1
40.1
20.1
1.5
φ
+0.1
0
Terminal
No.1
O &06‡7$7%
(Conforms to JIS C 0806)
160.1
1.5 0
+0.1
40.1
0.40.1
5
20.1
Terminal
No.1
Direction of feed
Installation
example
(CMS-2214B)
φ
O CMS-4202TA, TB
(Conforms to JIS C 0806)
Terminal No.1
1.5
φ
120.1
40.1
20.1
0.50.1
8.3
R 0.75
+0.05
0
+0.1
0
Installation
example
(CMS-4202B)
Direction of feed
CMS
SLIDE SWITCHES (SMD)
O &06‡7$7%
(Conforms to JIS C 0806)
Installation
example
(CMS-2412B)
Direction of feed
0.40.1
5
160.1
40.1
20.1
1.5
φ
+0.1
0
Terminal
No.1
O &06‡7$7%
(Conforms to JIS C 0806)
Installation
example
(CMS-2312B)
Direction of feed
0.40.1
5
160.1
40.1
20.1
1.5
φ
+0.1
0
Terminal
No.1
O CMS-2302TA, TB
(Conforms to JIS C 0806)
Installation example
(CMS-2302B)
Direction of feed
0.40.1
7
120.1
40.1
20.1
1.5
φ
+0.1
0
Terminal
No.1


Similar Part No. - CMS-4416TA

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CMS-442 VCC-CMS-442 Datasheet
88Kb / 1P
   WITH SEAL 5MM ROUND STANDARD THREADED FRESNEL LENS
CMS-444 VCC-CMS-444 Datasheet
87Kb / 1P
   SEAL 5MM ROUND STANDARD THREADED PLAIN LENS WITH
More results

Similar Description - CMS-4416TA

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
CJS COPAL-CJS Datasheet
947Kb / 5P
   SLIDE SWITCHES (SMD)
logo
List of Unclassifed Man...
CJS-1201TB1 ETC2-CJS-1201TB1 Datasheet
125Kb / 5P
   SLIDE SWITCHES(SMD)
logo
E-SWITCH
EG1201 E-SWITCH-EG1201 Datasheet
412Kb / 5P
   SLIDE SWITCHES
logo
Grayhill, Inc
48ASSP1S2M6RBT GRAYHILL-48ASSP1S2M6RBT Datasheet
159Kb / 3P
   Slide Switches
logo
Copal Electronics
CES COPAL-CES Datasheet
880Kb / 4P
   SLIDE SWITCHES
CRFS COPAL-CRFS Datasheet
961Kb / 3P
   SLIDE SWITCHES
logo
List of Unclassifed Man...
CAS-120TB1 ETC1-CAS-120TB1 Datasheet
221Kb / 6P
   SLIDE SWITCHES
logo
ITT Industries
S101031SS03Q ITT-S101031SS03Q Datasheet
398Kb / 5P
   Slide Switches
logo
C&K Components
S102031MS02Q CK-COMPONENTS-S102031MS02Q Datasheet
340Kb / 5P
   Slide Switches
logo
Copal Electronics
CL-SB COPAL-CL-SB Datasheet
883Kb / 9P
   SLIDE SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com