Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CF-LA-1AC4-4C Datasheet(PDF) 2 Page - Copal Electronics

Part # CF-LA-1AC4-4C
Description  High In-Rush Rocker Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CF-LA-1AC4-4C Datasheet(HTML) 2 Page - Copal Electronics

  CF-LA-1AC4-4C Datasheet HTML 1Page - Copal Electronics CF-LA-1AC4-4C Datasheet HTML 2Page - Copal Electronics CF-LA-1AC4-4C Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
●Tab:#250 1Pole
●Solder 1Pole
●P/C 1and2Poles
●Tab:#250 2Poles
●Solder 2Poles
●PC-R/A 2Poles
ON
OFF
FUJISOKU
ON
OFF
FUJISOKU
ON
OFF
FUJISOKU
ON
OFF
FUJISOKU
ON
OFF
FUJISOKU
ON
OFF
FUJISOKU
■Outline dimensions


Similar Part No. - CF-LA-1AC4-4C

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
CF-LD COPAL-CF-LD Datasheet
475Kb / 2P
   Hyper-Miniature Lever Switches
CF-LD-1DC-AG2 COPAL-CF-LD-1DC-AG2 Datasheet
475Kb / 2P
   Hyper-Miniature Lever Switches
CF-LD-1DC-AG2 COPAL-CF-LD-1DC-AG2 Datasheet
475Kb / 2P
   Hyper-Miniature Lever Switches
CF-LD-1DC-AG2W COPAL-CF-LD-1DC-AG2W Datasheet
475Kb / 2P
   Hyper-Miniature Lever Switches
CF-LD-1DC-AG2W COPAL-CF-LD-1DC-AG2W Datasheet
475Kb / 2P
   Hyper-Miniature Lever Switches
More results

Similar Description - CF-LA-1AC4-4C

ManufacturerPart #DatasheetDescription
logo
ITT Industries
J01J12AQ ITT-J01J12AQ Datasheet
182Kb / 3P
   Rocker Switches
logo
Carling Technologies
LS1511-13-BL-BL-012 CARLINGTECH-LS1511-13-BL-BL-012 Datasheet
663Kb / 4P
   Rocker Switches
logo
Switchcraft, Inc.
150B98NN SWITCH-150B98NN Datasheet
156Kb / 1P
   ROCKER SWITCHES
logo
ITT Industries
D101J12S215QA ITT-D101J12S215QA Datasheet
369Kb / 5P
   Miniature Snap-in Power Rocker Switches
logo
C&K Components
SW CK-COMPONENTS-SW Datasheet
113Kb / 1P
   Rocker Switches
9 Oct 2019
logo
E-SWITCH
R6ABLKBLKAF E-SWITCH-R6ABLKBLKAF Datasheet
106Kb / 2P
   ROCKER SWITCHES
RA1066 E-SWITCH-RA1066 Datasheet
863Kb / 2P
   ROCKER SWITCHES
logo
NTE Electronics
54-870 NTE-54-870 Datasheet
3Mb / 4P
   Rocker Switches
logo
List of Unclassifed Man...
R2401C2NBB ETC2-R2401C2NBB Datasheet
99Kb / 2P
   R SERIES SNAP-IN ROCKER SWITCHES
logo
C&K Components
D501J12S215PQF CK-COMPONENTS-D501J12S215PQF Datasheet
295Kb / 5P
   Miniature Snap-in Power Rocker Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com