Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPPS-37-GBO-X3-CDFA Datasheet(PDF) 2 Page - Source Photonics, Inc.

Part # SPPS-37-GBO-X3-CDFA
Description  Commercial Temperature Available
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPPS-37-GBO-X3-CDFA Datasheet(HTML) 2 Page - Source Photonics, Inc.

  SPPS-37-GBO-X3-CDFA Datasheet HTML 1Page - Source Photonics, Inc. SPPS-37-GBO-X3-CDFA Datasheet HTML 2Page - Source Photonics, Inc. SPPS-37-GBO-X3-CDFA Datasheet HTML 3Page - Source Photonics, Inc. SPPS-37-GBO-X3-CDFA Datasheet HTML 4Page - Source Photonics, Inc. SPPS-37-GBO-X3-CDFA Datasheet HTML 5Page - Source Photonics, Inc. SPPS-37-GBO-X3-CDFA Datasheet HTML 6Page - Source Photonics, Inc. SPPS-37-GBO-X3-CDFA Datasheet HTML 7Page - Source Photonics, Inc. SPPS-37-GBO-X3-CDFA Datasheet HTML 8Page - Source Photonics, Inc. SPPS-37-GBO-X3-CDFA Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
- 2 -
SPPS-37-GBO-X3-CDFA
DS-5695 Rev 11 2012-09-20
Absolute Maximum Ratings
Table 2 – Absolute Maximum Ratings
Parameter
Symbol
Min.
Typical
Max.
Unit
Notes
Storage Temperature
Ts
-40
-
+85
ºC
Supply Voltage
Vcc
-0.5
-
4.0
V
Operating Relative Humidity
RH
-
-
85
%
Recommended Operating Conditions
Table 3 – Recommended Operating Conditions
Parameter
Symbol
Min.
Typical
Max.
Unit
Notes
Supply Voltage
Vcc
3.14
3.3
3.46
V
Supply Current
Icc
-
-
350
mA
Maximum Power Dissipation
Pvcc
-
-
1.3
W
Inrush Current
IIN-RUSH
-
-
300
mA
1
Operating Temperature (Case)
Topr
-5
-
70
ºC
Data Rate
DR
10.3125
Gb/s
2
Data Rate Drift
-100
100
PPM
Note 1: Max. duration 500ms
Note 2: PRBS 2
31-1.
Optical and Electrical Characteristics
Table 4– Optical Characteristics
Transmitter
Parameter
Symbol
Min.
Typical
Max.
Unit
Notes
Centre Wavelength
λC
1260
1360
nm
Optical Spectrum Width (-20dB)
1
nm
Side Mode Suppression Ratio
SMSR
30
dB
Average Launch Power
POUT
0.62
+5.62
dBm
1
Average Launch Power-OFF Transmitter
POFF
-45
dBm
Extinction Ratio
EX
9
dB
2
Total Jitter
TJ
0.35
UI
2
Rise/Fall Time (20%-80%)
TR/TF
260
ps
2,3
Burst Turn On Time
TBURST_ON
16
ns
4
Burst Turn Off Time
TBURST_OFF
16
ns


Similar Part No. - SPPS-37-GBO-X3-CDFA

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
SPPS-10GLR10-C ATGBICS-SPPS-10GLR10-C Datasheet
569Kb / 10P
   SPPS-10GLR10 Amer Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
logo
Source Photonics, Inc.
SPPS-27-48F-N2-CDFA SOURCE-SPPS-27-48F-N2-CDFA Datasheet
763Kb / 10P
   Sleep Mode for Power Consumption
SPPS-27-48F-N2-IDFA SOURCE-SPPS-27-48F-N2-IDFA Datasheet
764Kb / 10P
   Sleep Mode for Power Consumption
SPPS-27-XE-R3-CDFB SOURCE-SPPS-27-XE-R3-CDFB Datasheet
862Kb / 12P
   Sleep Mode for Power Consumption
More results

Similar Description - SPPS-37-GBO-X3-CDFA

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
XCR22LV10 XILINX-XCR22LV10 Datasheet
209Kb / 14P
   Available in commercial and industrial operating ranges
logo
TDK Electronics
C1005NP01H040C050BA TDK-C1005NP01H040C050BA Datasheet
130Kb / 1P
   Commercial Grade ( High Temperature Application )
C1005NP01H080D050BA TDK-C1005NP01H080D050BA Datasheet
130Kb / 1P
   Commercial Grade ( High Temperature Application )
C1005NP01H090D050BA TDK-C1005NP01H090D050BA Datasheet
130Kb / 1P
   Commercial Grade ( High Temperature Application )
C1005X8R1H682K050BB TDK-C1005X8R1H682K050BB Datasheet
140Kb / 1P
   Commercial Grade ( High Temperature Application )
C1608X8R1H473M080AA TDK-C1608X8R1H473M080AA Datasheet
139Kb / 1P
   Commercial Grade ( High Temperature Application )
C1608X8R2A223K080AB TDK-C1608X8R2A223K080AB Datasheet
138Kb / 1P
   Commercial Grade ( High Temperature Application )
C1608X8R2A332K080AA TDK-C1608X8R2A332K080AA Datasheet
138Kb / 1P
   Commercial Grade ( High Temperature Application )
C3216NP01H223J060AA TDK-C3216NP01H223J060AA Datasheet
131Kb / 1P
   Commercial Grade ( High Temperature Application )
C3216NP02A153J115AA TDK-C3216NP02A153J115AA Datasheet
131Kb / 1P
   Commercial Grade ( High Temperature Application )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com