Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL-SB-13A-02T Datasheet(PDF) 3 Page - Copal Electronics

Part # CL-SB-13A-02T
Description  SLIDE SWITCHES
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CL-SB-13A-02T Datasheet(HTML) 3 Page - Copal Electronics

  CL-SB-13A-02T Datasheet HTML 1Page - Copal Electronics CL-SB-13A-02T Datasheet HTML 2Page - Copal Electronics CL-SB-13A-02T Datasheet HTML 3Page - Copal Electronics CL-SB-13A-02T Datasheet HTML 4Page - Copal Electronics CL-SB-13A-02T Datasheet HTML 5Page - Copal Electronics CL-SB-13A-02T Datasheet HTML 6Page - Copal Electronics CL-SB-13A-02T Datasheet HTML 7Page - Copal Electronics CL-SB-13A-02T Datasheet HTML 8Page - Copal Electronics CL-SB-13A-02T Datasheet HTML 9Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Soldering heat
AB
※1
STANDARD SPECIFICATIONS
Operating temperature range
Storage temperature range
Sealing
Net weight
−40 ~ 85 °C
Non Washable
0.21 g (CL-SB-12 -0 )
0.22 g (CL-SB-22 -0 )
0.26 g (CL-SB-13 -0 )
0.28 g (CL-SB-23 -0 )
0.21 g (CL-SB-12 -1 )
0.22 g (CL-SB-22 -1 )
0.26 g (CL-SB-13 -1 )
0.28 g (CL-SB-23 -1 )
No. of positions
Operation force
Stop strength
Solderability
Shear
Substrate bending
Pull-off strength
2, 3
A
B
1
1.5
± 1.0 N {0.153 ± 0.102kgf}
A
→ B / C → B
2
1.5
± 1.0 N {0.153 ± 0.102kgf}
B
→ A / B → C
2.5
± 1.5 N {0.255 ± 0.153kgf}
Stroke
2 mm
20 N {2.04 kgf} 15 s
245
± 3 °C, 2 ~ 3 s
5 N {0.51 kgf} 10 s
Width 90 mm, bend 3 mm, 5 s, 1 time
5 N {0.51 kgf} 10s
Contact rating
Non-switching
Switching
Minimum
    
Contact resistance
Insulation resistance
Dielectric strength
DC50 V 200 mA
DC12 V 200 mA
DC20 mV 1
μA (Gold contacts)
DC5 V 10 mA (Silver contacts)
100 M
Ω minimum (DC500 V)
1.5 mA 1 kHz
20 mV maximum
70m
Ω maximum
(Gold contacts)
50m
Ω maximum
(Silver contacts)
Contact timing
Non-shorting
AC500 V, 60 s
Vibration
Shock
Load life
Humidity
High temperature exposure
Low temperature exposure
Thermal shock
Amplitude 1.5 mm or
Acceleration 98 m/s
2,
10-500-10 Hz, 3 directions for 2 h each
490 m/s
2, 11 ms
6 directions for 3 times each
10000 cycles
DC12
± 0.5V, 200 ± 10mA
85 °C, 96 h
40 °C, Relative humidity 90 ~ 95 %,
240 h
−40 °C, 96 h
−40 (0.5 h) ~ 85 °C ( 0.5 h ), 5 cycles
ENVIRONMENTAL CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
{ } : Reference only
Reflow profile for soldering heat evaluation
Reflow : two times maximum
Peak : 250
Over 230 C
Pre Heating Zone
180 C
(C)
250
200
150
100
50
150 C
90 30 s
30 10 s
Soldering Zone
Heating time
C
+5
0
Flow : 260
± 3 °C, 5 ~ 6 s
Reflow
:255 °C (Peak temperature)
Please refer to the profile below
Manual soldering
:380
± 10 °C, 3 ~ 4 s
2 Contacts
(CL-SB- 2 -
)
3 Contacts
(CL-SB- 3 -
)
MECHANICAL CHARACTERISTICS
※1
AB C
※2
※2
CL-SB
SLIDE SWITCHES


Similar Part No. - CL-SB-13A-02T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CL-SB-13A-02T ETC2-CL-SB-13A-02T Datasheet
363Kb / 11P
   Adopted Twin-contacts mechanism
More results

Similar Description - CL-SB-13A-02T

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
EG1201 E-SWITCH-EG1201 Datasheet
412Kb / 5P
   SLIDE SWITCHES
logo
Grayhill, Inc
48ASSP1S2M6RBT GRAYHILL-48ASSP1S2M6RBT Datasheet
159Kb / 3P
   Slide Switches
logo
Copal Electronics
CES COPAL-CES Datasheet
880Kb / 4P
   SLIDE SWITCHES
CRFS COPAL-CRFS Datasheet
961Kb / 3P
   SLIDE SWITCHES
logo
List of Unclassifed Man...
CAS-120TB1 ETC1-CAS-120TB1 Datasheet
221Kb / 6P
   SLIDE SWITCHES
logo
ITT Industries
S101031SS03Q ITT-S101031SS03Q Datasheet
398Kb / 5P
   Slide Switches
logo
C&K Components
S102031MS02Q CK-COMPONENTS-S102031MS02Q Datasheet
340Kb / 5P
   Slide Switches
logo
E-SWITCH
500 E-SWITCH-500 Datasheet
315Kb / 4P
   SLIDE SWITCHES
EG1300 E-SWITCH-EG1300 Datasheet
104Kb / 1P
   SLIDE SWITCHES
logo
C&K Components
S101031SS03DQE CK-COMPONENTS-S101031SS03DQE Datasheet
309Kb / 5P
   Slide Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com