Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMS-4412TA Datasheet(PDF) 9 Page - Copal Electronics

Part # CMS-4412TA
Description  SLIDE SWITCHES (SMD)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CMS-4412TA Datasheet(HTML) 9 Page - Copal Electronics

Back Button CMS-4412TA Datasheet HTML 4Page - Copal Electronics CMS-4412TA Datasheet HTML 5Page - Copal Electronics CMS-4412TA Datasheet HTML 6Page - Copal Electronics CMS-4412TA Datasheet HTML 7Page - Copal Electronics CMS-4412TA Datasheet HTML 8Page - Copal Electronics CMS-4412TA Datasheet HTML 9Page - Copal Electronics CMS-4412TA Datasheet HTML 10Page - Copal Electronics CMS-4412TA Datasheet HTML 11Page - Copal Electronics CMS-4412TA Datasheet HTML 12Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
CMS
SLIDE SWITCHES (SMD)
2
23
4.3
0.9 hole
4.2
1
0
1
22
2
φ
1.2 hole
φ
2
22
4
5.3
0.9 hole
5.2
0
1
22
2
φ
1.2 hole
φ
2
2
23
6.3
0.9 hole
6.2
1
0
22
2
2
φ
1.2 hole
φ
1
2
23
4.3
0.9 hole
4.2
1
0
1
22
2
φ
1.2 hole
φ
2
2
24
5.3
0.9 hole
5.2
0
1
22
2
φ
1.2 hole
φ
2
23
6.3
0.9 hole
6.2
1
0
22
2
2
2
1
φ
1.2 hole
φ
RECOMMENDED P.C.B. PAD OUTLINE DIMENSIONS
O CMS-22□□A
O CMS-22□□B
(Unit : mm)
O CMS-23□□A
O CMS-23□□B
O CMS-24□□A
O CMS-24□□B
2
1.5 22
2
2
2 1.5
1
6
6
1.2 hole
φ
0.9 hole
φ
6.1
0
2
1.5 22
2
2
2 1.5
1
6
6
1.2 hole
φ
0.9 hole
φ
6.1
0
O CMS-42□□A
O CMS-42□□B
Note) The zero point is the center of mounting.


Similar Part No. - CMS-4412TA

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CMS-442 VCC-CMS-442 Datasheet
88Kb / 1P
   WITH SEAL 5MM ROUND STANDARD THREADED FRESNEL LENS
CMS-444 VCC-CMS-444 Datasheet
87Kb / 1P
   SEAL 5MM ROUND STANDARD THREADED PLAIN LENS WITH
More results

Similar Description - CMS-4412TA

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
CJS COPAL-CJS Datasheet
947Kb / 5P
   SLIDE SWITCHES (SMD)
logo
List of Unclassifed Man...
CJS-1201TB1 ETC2-CJS-1201TB1 Datasheet
125Kb / 5P
   SLIDE SWITCHES(SMD)
logo
E-SWITCH
EG1201 E-SWITCH-EG1201 Datasheet
412Kb / 5P
   SLIDE SWITCHES
logo
Grayhill, Inc
48ASSP1S2M6RBT GRAYHILL-48ASSP1S2M6RBT Datasheet
159Kb / 3P
   Slide Switches
logo
Copal Electronics
CES COPAL-CES Datasheet
880Kb / 4P
   SLIDE SWITCHES
CRFS COPAL-CRFS Datasheet
961Kb / 3P
   SLIDE SWITCHES
logo
List of Unclassifed Man...
CAS-120TB1 ETC1-CAS-120TB1 Datasheet
221Kb / 6P
   SLIDE SWITCHES
logo
ITT Industries
S101031SS03Q ITT-S101031SS03Q Datasheet
398Kb / 5P
   Slide Switches
logo
C&K Components
S102031MS02Q CK-COMPONENTS-S102031MS02Q Datasheet
340Kb / 5P
   Slide Switches
logo
Copal Electronics
CL-SB COPAL-CL-SB Datasheet
883Kb / 9P
   SLIDE SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com