Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRV16 Datasheet(PDF) 2 Page - Copal Electronics

Part # CRV16
Description  CONDUCTIVE PLASTIC SINGLE TURN TYPE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CRV16 Datasheet(HTML) 2 Page - Copal Electronics

  CRV16 Datasheet HTML 1Page - Copal Electronics CRV16 Datasheet HTML 2Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
13
2
(30)
(30)
7.5
1
10
2
51
6.7
(15)
R12.7
3 –
1.2
3
2
1
φ
10
φ
6.2
φ
(0.75)
M 6 (P=0.75)
Effective screw length
3.5
Mounting face
Terminal width
2.5
M 6 (P=0.75)
9
2
0.5
CCW
Wiring diagram
CW
+0.5
0
1. Nut
2. Washer
(Accessories)
O Environmental characteristics
STANDARD SPECIFICATIONS
O Electrical characteristics
O Mechanical characteristics
Nominal resistance value
1 k , 2 k , 5 k , 10 k
± 20
Resistance tolerance
Essentially infinite
± 1
220° ± 10°
0.25
500, 1min
50 (at DC 500 V)
± 400
0.5 % maximum
Resolution
Independent linearity
Effective electrical angle
Power rating (at 40 °C)
Dielectric strength
Insulation resistance
Temp. coefficient of resistance
Output smoothness
%
%
Mechanical angle
260° ±
3.92 {40}
Rotational torque
0.196 {2}
500 thousand cycles
Stop strength
Rotational life (cycles)
mN·m {gf·cm}
maximum
N·m {kgf·cm}
minimum
W
M
minimum
ppm/°C
10 ~ 80
Approx.5
IP20
Operating temp. range
Net weight
Protection grade
°C
g
OUTLINE DIMENSIONS
Unless otherwise specified tolerance : ± 0.5 (Unit : mm)
CRV16
POTENTIOMETERS
RATED POWER DERATING CURVE
100
Ambient temperature
(C)
–10
+40
+80


Similar Part No. - CRV16

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
CRV1 MURATA-PS-CRV1 Datasheet
254Kb / 8P
   3kVDC Isolated 1W Single & Dual Output DC-DC Converters
2022
CRV1D0512SC MURATA-PS-CRV1D0512SC Datasheet
254Kb / 8P
   3kVDC Isolated 1W Single & Dual Output DC-DC Converters
2022
CRV1D1212SC MURATA-PS-CRV1D1212SC Datasheet
254Kb / 8P
   3kVDC Isolated 1W Single & Dual Output DC-DC Converters
2022
CRV1S0505SC MURATA-PS-CRV1S0505SC Datasheet
254Kb / 8P
   3kVDC Isolated 1W Single & Dual Output DC-DC Converters
2022
CRV1S1215SC MURATA-PS-CRV1S1215SC Datasheet
254Kb / 8P
   3kVDC Isolated 1W Single & Dual Output DC-DC Converters
2022
More results

Similar Description - CRV16

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
JC10_SERIES COPAL-JC10_SERIES Datasheet
69Kb / 2P
   CONDUCTIVE PLASTIC SINGLE TURN TYPE
JC_SERIES COPAL-JC_SERIES Datasheet
83Kb / 3P
   CONDUCTIVE PLASTIC SINGLE TURN TYPE
logo
Vishay Siliconix
708 VISHAY-708 Datasheet
342Kb / 4P
   (22.2 mm) Single Turn Conductive Plastic Precision Potentiometer
01-Jan-2022
308 VISHAY-308 Datasheet
350Kb / 4P
   2" (50.8 mm) Single Turn Conductive Plastic Precision Potentiometer
01-Jan-2022
MODEL308 VISHAY-MODEL308 Datasheet
261Kb / 4P
   2 (50.8 mm) Single Turn Conductive Plastic Precision Potentiometer
Revision: 22-Mar-07
MODEL708 VISHAY-MODEL708 Datasheet
252Kb / 4P
   7/8inch (22.2 mm) Single Turn Conductive Plastic Precision Potentiometer
Revision: 02-Jul-07
logo
Bi technologies
6187R10KT5L1.0 BITECH-6187R10KT5L1.0 Datasheet
374Kb / 3P
   7/8??Diameter Single Turn Conductive Plastic Precision Potentiometer Position Sensor
6143 BITECH-6143 Datasheet
83Kb / 4P
   7/8 Diameter Single Turn Conductive Plastic Precision Potentiometer / Position Sensor
logo
Vishay Siliconix
128 VISHAY-128 Datasheet
347Kb / 4P
   1 1/16" (27 mm) Single Turn Conductive Plastic Precision Potentiometer
01-Jan-2022
208 VISHAY-208 Datasheet
103Kb / 4P
   1 3/4" (44.5 mm) Single Turn Conductive Plastic Precision PotentiometerS
01-Jan-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com