Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS17487-3 Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS17487-3
Description  3V/5V Real-Time Clock
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS17487-3 Datasheet(HTML) 8 Page - Dallas Semiconductor

Back Button DS17487-3 Datasheet HTML 4Page - Dallas Semiconductor DS17487-3 Datasheet HTML 5Page - Dallas Semiconductor DS17487-3 Datasheet HTML 6Page - Dallas Semiconductor DS17487-3 Datasheet HTML 7Page - Dallas Semiconductor DS17487-3 Datasheet HTML 8Page - Dallas Semiconductor DS17487-3 Datasheet HTML 9Page - Dallas Semiconductor DS17487-3 Datasheet HTML 10Page - Dallas Semiconductor DS17487-3 Datasheet HTML 11Page - Dallas Semiconductor DS17487-3 Datasheet HTML 12Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
DS17485/DS17487
8 of 38
The three time alarm bytes can be used in two ways. First, when the alarm time is written in the
appropriate hours, minutes, and seconds alarm locations, the alarm interrupt is initiated at the specified
time each day if the alarm enable bit is high. The second use condition is to insert a “don’t care” state in
one or more of the three time alarm bytes. The “don’t care” code is any hexadecimal value from C0 to
FF. The two most significant bits of each byte set the “don’t care” condition when at logic 1. An alarm is
generated each hour when the “don’t care” bits are set in the hours byte. Similarly, an alarm is generated
every minute with “don’t care” codes in the hours and minute alarm bytes. The “don’t care” codes in all
three time alarm bytes create an interrupt every second. The three time-alarm bytes can be used with the
date alarm as described in Wake-Up/Kickstart. The century counter is discussed later in this text.
Table 1. TIME, CALENDAR, AND ALARM DATA MODES
RANGE
ADDRESS
LOCATION
FUNCTION
DECIMAL
RANGE
BINARY DATA MODE
BCD DATA MODE
OOH
Seconds
0 to 59
00 to B
00 to 59
01H
Seconds Alarm
0 to 59
00 to 3B
00 to 59
02H
Minutes
0 to 59
00 to 3B
00 to 59
03H
Minutes Alarm
0 to 59
00 to 3B
00 to 59
Hours 12-hour Mode
1 to 12
01 to 0C AM, 81 to 8C PM
01 to 12 AM, 81 to 92 PM
04H
Hours 24-hour Mode
0 to 23
00 to 17
00 to 23
Hours Alarm 12-hour Mode
1 to 12
01 to 0C AM, 81 to 8C PM
01 to 12 AM, 81 to 92 PM
05H
Hours Alarm 24-hour Mode
0 to 23
00 to 17
00 to 23
06H
Days of the Week Sunday = 1
1 to 7
01 to 07
01 to 07
07H
Date of Month
1 to 31
01 to 1F
01 to 31
08H
Month
1 to 12
01 to 0C
01 to 12
09H
Year
0 to 99
00 to 63
00 to 99
BANK 1, 48H
Century
0 to 99
00 to 63
00 to 99
BANK 1, 49H
Date Alarm
1 to 31
01 to 1F
01 to 31


Similar Part No. - DS17487-3

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS17487-3 MAXIM-DS17487-3 Datasheet
319Kb / 30P
   Real-Time Clocks
Rev 0; 4/06
DS17487-3++ MAXIM-DS17487-3+ Datasheet
333Kb / 31P
   Real-Time Clocks
Rev 1; 4/10
DS17487-3IND MAXIM-DS17487-3IND Datasheet
319Kb / 30P
   Real-Time Clocks
Rev 0; 4/06
DS17487-3IND++ MAXIM-DS17487-3IND+ Datasheet
333Kb / 31P
   Real-Time Clocks
Rev 1; 4/10
More results

Similar Description - DS17487-3

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS17285 DALLAS-DS17285 Datasheet
411Kb / 38P
   3V/5V Real-Time Clock
DS17885-DS17887 DALLAS-DS17885-DS17887 Datasheet
410Kb / 38P
   3V/5V Real-Time Clock
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685 Datasheet
420Kb / 33P
   3V/5V Real-Time Clocks
REV: 032604
DS1685 MAXIM-DS1685_12 Datasheet
654Kb / 34P
   3V/5V Real-Time Clocks
Rev 10/12
logo
Dallas Semiconductor
DS1685 DALLAS-DS1685_05 Datasheet
766Kb / 39P
   3V/5V Real-Time Clocks
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685_10 Datasheet
350Kb / 34P
   3V/5V Real-Time Clocks
Rev 4/10
logo
STMicroelectronics
M48T86 STMICROELECTRONICS-M48T86 Datasheet
163Kb / 23P
   5V PC REAL TIME CLOCK
logo
Dallas Semiconductor
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
   Real Time Clock
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
   REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
   REAL-TIME CLOCK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com