Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR-CP Datasheet(PDF) 1 Page - Copal Electronics

Part # CR-CP
Description  CERAMIC RESETTABLE CIRCUIT PROTECTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CR-CP Datasheet(HTML) 1 Page - Copal Electronics

  CR-CP Datasheet HTML 1Page - Copal Electronics CR-CP Datasheet HTML 2Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CR-CP
CERAMIC RESETTABLE CIRCUIT PROTECTORS
It is the over-current protective devices which realized low
resistance and a miniaturization by the unique manufacturing
process.
Specification of the 16 V series that have lower resistance
are very suitable for such an application of low-voltage
circuit protection ,protection for PC & motor and the sensor
for current detection.
O This device has faster response time for over current event.
O This device will protect the circuit until unusual condition is reset.
O This device will not create noise, because it does not have
mechanical contacts.
O This device is capable of operating more than 100,000 times
repeatedly within trip current.
FEATURES
O Switching power supply
O AC/DC adaptor
O Personal computers
O Printers
O Air-conditioner
O Audio equipment
O Rechargeable battery for EV/HEV
APPLICATIONS
PART NUMBER DESIGNATION
CR - CP 05 P0 1R0 M 160 -0
Product name
Packaging option
-0 = Bulk packaging
-2 = Tape and Reel
Diameter of element
05=5 mm
Maximum voltage
160=16 V
Tolerance of resistance
M= ±20 %
Switching temperature
P0=120
Resistance
1R0=1x10
0 Ω
RoHS compliant


Similar Part No. - CR-CP

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
CR-02FL6---4K7 RICHTEK-CR-02FL6---4K7 Datasheet
477Kb / 37P
   Programmable USB Type-C PD Controller
March 2020
logo
Merrimac Industries, In...
CR-10-50 MERRIMAC-CR-10-50 Datasheet
163Kb / 2P
   DIRECTIONAL COUPLERS
CR-10-500 MERRIMAC-CR-10-500 Datasheet
163Kb / 2P
   DIRECTIONAL COUPLERS
logo
Tyco Electronics
CR-100-LSR MACOM-CR-100-LSR Datasheet
5Mb / 85P
   tyco electronics contents
CR-101-LSR MACOM-CR-101-LSR Datasheet
5Mb / 85P
   tyco electronics contents
More results

Similar Description - CR-CP

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PRCP-RX72 COPAL-PRCP-RX72 Datasheet
1Mb / 6P
   Polymer Resettable Circuit Protectors
PRCP-USMF COPAL-PRCP-USMF Datasheet
957Kb / 5P
   Polymer Resettable Circuit Protectors
PRCP-R COPAL-PRCP-R Datasheet
1Mb / 7P
   Polymer Resettable Circuit Protectors
PRCP-PSMF COPAL-PRCP-PSMF Datasheet
1Mb / 5P
   Polymer Resettable Circuit Protectors
PRCP-MSMF COPAL-PRCP-MSMF Datasheet
1Mb / 6P
   Polymer Resettable Circuit Protectors
PRCP-SMDF COPAL-PRCP-SMDF Datasheet
1Mb / 5P
   Polymer Resettable Circuit Protectors
PRCP-RM COPAL-PRCP-RM Datasheet
1Mb / 6P
   Polymer Resettable Circuit Protectors
PRCP-SM COPAL-PRCP-SM Datasheet
1Mb / 5P
   Polymer Resettable Circuit Protectors
PRCP-RHT COPAL-PRCP-RHT Datasheet
979Kb / 5P
   Polymer Resettable Circuit Protectors
PRCP-NSMF COPAL-PRCP-NSMF Datasheet
1Mb / 6P
   Polymer Resettable Circuit Protectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com