Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CFS-0300TA Datasheet(PDF) 7 Page - Copal Electronics

Part # CFS-0300TA
Description  SLIDE SWITCHES (FULL PITCH)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CFS-0300TA Datasheet(HTML) 7 Page - Copal Electronics

  CFS-0300TA Datasheet HTML 1Page - Copal Electronics CFS-0300TA Datasheet HTML 2Page - Copal Electronics CFS-0300TA Datasheet HTML 3Page - Copal Electronics CFS-0300TA Datasheet HTML 4Page - Copal Electronics CFS-0300TA Datasheet HTML 5Page - Copal Electronics CFS-0300TA Datasheet HTML 6Page - Copal Electronics CFS-0300TA Datasheet HTML 7Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
CFS
SLIDE SWITCHES (FULL PITCH)
<Magazine packaging specifications>
O Packing quantities of magazines are different depending on
the bit number of the switches.
Please order the multiple numbers of the specific packing quantities.
(e.g. 40 pcs., 80 pcs., 120 pcs., etc., in case of 4 bits version)
Pieces in package : 1 bit, 118 pcs./stick
2 bits, 72 pcs./stick
3 bits, 52 pcs./stick
4 bits, 40 pcs./stick
5 bits, 32 pcs./stick
6 bits, 28 pcs./stick
7 bits, 24 pcs./stick
8 bits, 20 pcs./stick
9 bits, 18 pcs./stick
10 bits, 16 pcs./stick
O Flat knob
1, 2, 3, 4, 5, 6 bits
7, 8, 9, 10 bits
O Convex knob
1, 2, 3, 4, 5, 6 bits
7, 8, 9, 10 bits
(Unit : mm)
4.4
16±0.1
4±0.1
0.4±0.1
2±0.1
1.5
φ
+0.1
0
Direction of feed
16±0.1
4±0.1
0.4±0.1
4.4
2±0.1
1.5
φ
+0.1
0
Direction of feed
5.2
16±0.1
4±0.1
0.4±0.1
2±0.1
1.5
φ
+0.1
0
Direction of feed
16±0.1
4±0.1
0.4±0.1
5.2
2±0.1
1.5
φ
+0.1
0
Direction of feed
No. of bits
1, 2, 3, 4, 5, 6
7
8, 9, 10
B
24
11.5
± 0.1
———
32
14.2
± 0.1
28.4
± 0.1
44
20.2
± 0.1
40.4
± 0.1
C
D
No. of bits
1, 2, 3, 4, 5, 6
7, 8
9, 10
B
24
11.5
± 0.1
———
32
14.2
± 0.1
28.4
± 0.1
44
20.2
± 0.1
40.4
± 0.1
C
D


Similar Part No. - CFS-0300TA

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CFS-145 CITIZEN-CFS-145 Datasheet
56Kb / 1P
   TUNING FORK CRYSTAL UNITS (Cylinder Type)
CFS-145 CITIZEN-CFS-145 Datasheet
139Kb / 2P
   Because of their excellent shock resistance
logo
Eldeco Srl
CFS-2.5 ELDECO-CFS-2.5 Datasheet
168Kb / 1P
   Standard : UL - IEC 150V - 250V 4A - 5A
logo
CITIZEN ELECTRONICS CO....
CFS-206 CITIZEN-CFS-206 Datasheet
56Kb / 1P
   TUNING FORK CRYSTAL UNITS (Cylinder Type)
CFS-206 CITIZEN-CFS-206 Datasheet
139Kb / 2P
   Because of their excellent shock resistance
More results

Similar Description - CFS-0300TA

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
EG1201 E-SWITCH-EG1201 Datasheet
412Kb / 5P
   SLIDE SWITCHES
logo
Grayhill, Inc
48ASSP1S2M6RBT GRAYHILL-48ASSP1S2M6RBT Datasheet
159Kb / 3P
   Slide Switches
logo
Copal Electronics
CES COPAL-CES Datasheet
880Kb / 4P
   SLIDE SWITCHES
CRFS COPAL-CRFS Datasheet
961Kb / 3P
   SLIDE SWITCHES
logo
List of Unclassifed Man...
CAS-120TB1 ETC1-CAS-120TB1 Datasheet
221Kb / 6P
   SLIDE SWITCHES
logo
ITT Industries
S101031SS03Q ITT-S101031SS03Q Datasheet
398Kb / 5P
   Slide Switches
logo
C&K Components
S102031MS02Q CK-COMPONENTS-S102031MS02Q Datasheet
340Kb / 5P
   Slide Switches
logo
Copal Electronics
CL-SB COPAL-CL-SB Datasheet
883Kb / 9P
   SLIDE SWITCHES
logo
E-SWITCH
500 E-SWITCH-500 Datasheet
315Kb / 4P
   SLIDE SWITCHES
EG1300 E-SWITCH-EG1300 Datasheet
104Kb / 1P
   SLIDE SWITCHES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com