Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8A1016C-Z Datasheet(PDF) 5 Page - Copal Electronics

Part # 8A1016C-Z
Description  Toggle Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

8A1016C-Z Datasheet(HTML) 5 Page - Copal Electronics

  8A1016C-Z Datasheet HTML 1Page - Copal Electronics 8A1016C-Z Datasheet HTML 2Page - Copal Electronics 8A1016C-Z Datasheet HTML 3Page - Copal Electronics 8A1016C-Z Datasheet HTML 4Page - Copal Electronics 8A1016C-Z Datasheet HTML 5Page - Copal Electronics 8A1016C-Z Datasheet HTML 6Page - Copal Electronics 8A1016C-Z Datasheet HTML 7Page - Copal Electronics 8A1016C-Z Datasheet HTML 8Page - Copal Electronics 8A1016C-Z Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
8A
Switching
function
Part No.
Key way
Key way
Key way
  8A101■−Z
ON
ON
  8A102■−Z
ON
OFF
ON
  8A104■−Z
(ON)
OFF
(ON)
  8A105■−Z
ON
OFF
(ON)
  8A106■−Z
ON
−(ON)
Connecting terminals
2
−3
2
−1
Switching
function
Part No.
Key way
Key way
Key way
  8A301■−Z
ON
ON
  8A302■−Z
ON
OFF
ON
  8A304■−Z
(ON)
OFF
(ON)
  8A305■−Z
ON
OFF
(ON)
  8A306■−Z
ON
−(ON)
Connecting terminals
2
−3 5−6
8
−9
2
−1 5−4
8
−7
Switching
function
Part No.
Key way
Key way
Key way
  8A201■−Z
ON
ON
  8A202■−Z
ON
OFF
ON
  8A204■−Z
(ON)
OFF
(ON)
  8A205■−Z
ON
OFF
(ON)
  8A206■−Z
ON
−(ON)
Connecting terminals
2
−3
5
−6
2
−1
5
−4
  8A210■−Z
ON
ON
ON
  8A211■−Z
ON
ON
(ON)
  8A212■−Z
(ON)
ON
(ON)
Connecting terminals
2
−3
5
−6
2
−3
5
−4
2
−1
5
−4
Switching
function
Part No.
Key way
Key way
Key way
  8A401■−Z
ON
ON
  8A402■−Z
ON
OFF
ON
  8A404■−Z
(ON)
OFF
(ON)
  8A405■−Z
ON
OFF
(ON)
  8A406■−Z
ON
−(ON)
Connecting terminals
2
−3 5−6
8
−9 11−12
2
−1 5−4
8
−7 11−10
  8A410■−Z
ON
ON
ON
  8A411■−Z
ON
ON
(ON)
  8A412■−Z
(ON)
ON
(ON)
Connecting terminals
2
−3 5−6
8
−9 11−12
2
−3 5−4
8
−9 11−10
2
−1 5−4
8
−7 11−10
SPDT
3PDT
4PDT
DPDT
Terminal numbers are not shown on the switch.
Terminal numbers are not shown on the switch.
Terminal numbers are not shown on the switch.
※Please refer to the next page for products marked with ※.
Terminal numbers are not shown on the switch.
■:Please refer to "Table of Part Numbers" on P.389 for a list of
full part numbers.
■:Please refer to "Table of Part Numbers" on P.389 for a list of
full part numbers.
■:Please refer to "Table of Part Numbers" on P.389 for a list of
full part numbers.
■:Please refer to "Table of Part Numbers" on P.389 for a list of
full part numbers.
Dimensions
Part No.
AB
8A2011
∼2061
9±1
13.8±1
8A2001
∼2121 11.9±1
16.2±1
(ON)
:Momentary.


Similar Part No. - 8A1016C-Z

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
8A1011-Z COILCRAFT-8A1011-Z Datasheet
459Kb / 2P
   STANDARD TOGGLE SWITCH
More results

Similar Description - 8A1016C-Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1MD1T2B4M6RE ETC2-1MD1T2B4M6RE Datasheet
376Kb / 18P
   Toggle Switches
logo
NTE Electronics
54-020 NTE-54-020 Datasheet
5Mb / 21P
   Toggle Switches
logo
List of Unclassifed Man...
9103A ETC2-9103A Datasheet
67Kb / 1P
   Toggle Switches
7580K6 ETC2-7580K6 Datasheet
1Mb / 35P
   Toggle Switches
logo
Carling Technologies
LT1561-130-012 CARLINGTECH-LT1561-130-012 Datasheet
812Kb / 2P
   Toggle Switches
IK251-73 CARLINGTECH-IK251-73 Datasheet
59Kb / 1P
   Toggle Switches
logo
List of Unclassifed Man...
7695K5 ETC2-7695K5 Datasheet
1Mb / 35P
   Toggle Switches
logo
NTE Electronics
54-001 NTE-54-001 Datasheet
5Mb / 21P
   Toggle Switches
logo
List of Unclassifed Man...
7105A ETC2-7105A Datasheet
79Kb / 1P
   toggle switches
10TL020 ETC2-10TL020 Datasheet
142Kb / 1P
   Toggle Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com