Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS17487 Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # DS17487
Description  3V/5V Real-Time Clock
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS17487 Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button DS17487 Datasheet HTML 7Page - Dallas Semiconductor DS17487 Datasheet HTML 8Page - Dallas Semiconductor DS17487 Datasheet HTML 9Page - Dallas Semiconductor DS17487 Datasheet HTML 10Page - Dallas Semiconductor DS17487 Datasheet HTML 11Page - Dallas Semiconductor DS17487 Datasheet HTML 12Page - Dallas Semiconductor DS17487 Datasheet HTML 13Page - Dallas Semiconductor DS17487 Datasheet HTML 14Page - Dallas Semiconductor DS17487 Datasheet HTML 15Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
DS17485/DS17487
11 of 38
REGISTER C
MSB
LSB
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
IRQF
PF
AF
UF
0
0
0
0
IRQF – Interrupt Request Flag. This bit is set to a 1 when one or more of the following are true:
PF = PIE = 1
WF = WIE= 1
AF = AIE = 1
KF = KSE= 1
UF = UIE = 1
RF = RIE = 1
i.e., IRQF = (PF x PIE) + (AF x AIE) + (UF x UIE) + (WF x WIE) + (KF x KSE) + (RF x RIE)
Any time the IRQF bit is a 1, the IRQ pin is driven low. Flag bits PF, AF, and UF are cleared after
Register C is read by the program.
PF – Periodic Interrupt Flag. This is a read-only bit that is set to a 1 when an edge is detected on the
selected tap of the divider chain. The RS3 through RS0 bits establish the periodic rate. PF is set to a 1
independent of the state of the PIE bit. When both PF and PIE are 1s, the IRQ signal is active and sets the
IRQF bit. The PF bit is cleared by a software read of Register C.
AF – Alarm Interrupt Flag. A 1 in the AF bit indicates that the current time has matched the alarm
time. If the AIE bit is also a 1, the IRQ pin goes low and a 1 appears in the IRQF bit. A read of Register
C clears AF.
UF – Update Ended Interrupt Flag. This bit is set after each update cycle. When the UIE bit is set to 1,
the 1 in UF causes the IRQF bit to be a 1, which asserts the IRQ pin. UF is cleared by reading Register C.
BIT 3 to BIT 0 – These are unused bits of the status Register C. These bits always read 0 and cannot be
written.
REGISTER D
MSB
LSB
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
VRT
0
0
0
0
0
0
0
VRT – Valid RAM and Time. This bit is a read-only status bit. When VRT = 0, the RTC and RAM data
are questionable and indicates that the lithium energy source has been exhausted and should be replaced.
This bit indicates that status of the VBAT and VBAUX inputs.
BIT 6 to BIT 0 – The remaining bits of Register D are not usable. They cannot be written and, when
read, they always read 0.


Similar Part No. - DS17487

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS17487 MAXIM-DS17487 Datasheet
319Kb / 30P
   Real-Time Clocks
Rev 0; 4/06
DS17487 MAXIM-DS17487 Datasheet
333Kb / 31P
   Real-Time Clocks
Rev 1; 4/10
DS17487-3 MAXIM-DS17487-3 Datasheet
319Kb / 30P
   Real-Time Clocks
Rev 0; 4/06
DS17487-3++ MAXIM-DS17487-3+ Datasheet
333Kb / 31P
   Real-Time Clocks
Rev 1; 4/10
DS17487-3IND MAXIM-DS17487-3IND Datasheet
319Kb / 30P
   Real-Time Clocks
Rev 0; 4/06
More results

Similar Description - DS17487

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS17285 DALLAS-DS17285 Datasheet
411Kb / 38P
   3V/5V Real-Time Clock
DS17885-DS17887 DALLAS-DS17885-DS17887 Datasheet
410Kb / 38P
   3V/5V Real-Time Clock
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685 Datasheet
420Kb / 33P
   3V/5V Real-Time Clocks
REV: 032604
DS1685 MAXIM-DS1685_12 Datasheet
654Kb / 34P
   3V/5V Real-Time Clocks
Rev 10/12
logo
Dallas Semiconductor
DS1685 DALLAS-DS1685_05 Datasheet
766Kb / 39P
   3V/5V Real-Time Clocks
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685_10 Datasheet
350Kb / 34P
   3V/5V Real-Time Clocks
Rev 4/10
logo
STMicroelectronics
M48T86 STMICROELECTRONICS-M48T86 Datasheet
163Kb / 23P
   5V PC REAL TIME CLOCK
logo
Dallas Semiconductor
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
   Real Time Clock
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
   REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
   REAL-TIME CLOCK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com