Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8B1124C-Z Datasheet(PDF) 8 Page - Copal Electronics

Part # 8B1124C-Z
Description  Toggle Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

8B1124C-Z Datasheet(HTML) 8 Page - Copal Electronics

Back Button 8B1124C-Z Datasheet HTML 2Page - Copal Electronics 8B1124C-Z Datasheet HTML 3Page - Copal Electronics 8B1124C-Z Datasheet HTML 4Page - Copal Electronics 8B1124C-Z Datasheet HTML 5Page - Copal Electronics 8B1124C-Z Datasheet HTML 6Page - Copal Electronics 8B1124C-Z Datasheet HTML 7Page - Copal Electronics 8B1124C-Z Datasheet HTML 8Page - Copal Electronics 8B1124C-Z Datasheet HTML 9Page - Copal Electronics 8B1124C-Z Datasheet HTML 10Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
◆ 8 Series Toggles ◆
■Panel Cut-Out Dimensions
Series
8A
・8D・8J・8S
8C
8E
8A
・8D・8J・8S
8C
8E
8F
Panel thickness
2.5 mm Max. 2.4 mm Max. 1.5 mm Max. 3.5 mm Max. 3.4 mm Max. 2.5 mm Max.
5 mm Max.
Dimensions
With Locking Ring
Without Locking Ring
Series
8B
Panel thickness
5.9 mm Max.
6.9 mm Max.
Dimensions
With Locking Ring
Without Locking Ring
■PC Hole Layouts
Series
8A
・8B・8C・8D・8E・8F・8J・8S
Dimensions
■Standard Accessories
《Q'ty/switch》
Part Name
Dress Nut
Hex Nut
Lockwasher
Locking Ring
O
−Ring
Hex Nut
Lockwasher
Locking Ring
Part No.
140008010253 140008010241 140008030051 140008020062 140000610076 140008010243 140008030055 140008020065
Dimensions
Finish
Nickel plated
Zinc plated
Nitrile rubber
(Black)
Nickel plated
Zinc plated
8A
211
8B
21
1
8C
1
111
8D
211
8E
211
8F
11
1
8J
211
8S
211
● Numbers in the above chart show the quantities of each accessories enclosed with the switch.


Similar Part No. - 8B1124C-Z

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
8B10B ALTERA-8B10B Datasheet
495Kb / 40P
   Encoder/Decoder
logo
Actel Corporation
8B10B ACTEL-8B10B Datasheet
145Kb / 12P
   8b10b Macro
More results

Similar Description - 8B1124C-Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1MD1T2B4M6RE ETC2-1MD1T2B4M6RE Datasheet
376Kb / 18P
   Toggle Switches
logo
NTE Electronics
54-020 NTE-54-020 Datasheet
5Mb / 21P
   Toggle Switches
logo
List of Unclassifed Man...
9103A ETC2-9103A Datasheet
67Kb / 1P
   Toggle Switches
7580K6 ETC2-7580K6 Datasheet
1Mb / 35P
   Toggle Switches
logo
Carling Technologies
LT1561-130-012 CARLINGTECH-LT1561-130-012 Datasheet
812Kb / 2P
   Toggle Switches
IK251-73 CARLINGTECH-IK251-73 Datasheet
59Kb / 1P
   Toggle Switches
logo
List of Unclassifed Man...
7695K5 ETC2-7695K5 Datasheet
1Mb / 35P
   Toggle Switches
logo
NTE Electronics
54-001 NTE-54-001 Datasheet
5Mb / 21P
   Toggle Switches
logo
List of Unclassifed Man...
7105A ETC2-7105A Datasheet
79Kb / 1P
   toggle switches
10TL020 ETC2-10TL020 Datasheet
142Kb / 1P
   Toggle Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com