Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DC-216R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DC-216R
Description  1.8watt 24pins DIP/DIL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DC-216R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DC-216R Datasheet HTML 1Page - List of Unclassifed Manufacturers DC-216R Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1.8watt 24pins DIP/DIL package
YCL
100/200 series
Date: Jan 01, 2000.
9
Feature:
l Low Cost
l Miniature DIP/DIL Package
l 500Vdc Input/Output Isolation
l Single and Dual Outputs
l No External Components required
l Low Profile and Compact Size
Specifications: At 25
°C
Input Specifications:
General Specifications:
Input Voltage Range: ± 10%
Isolation Voltage: 500Vdc
Input Filter: Internal Capacitor
Efficiency: see table
Output Specifications:
Switching Frequency: 25KHz typical
Output Voltage & Current: see table
Isolation Resistance: 1000M ohm
Voltage Accuracy: +5 % max
Environmental Specifications:
Line Regulation(at full load): ± 1% max
Operating Temperature: -25 to + 71
°C
Load Regulation (at full load to 1/4 load):
Storage Temperature: -40 to +105
°C
± 5% max
Cooling: Free air convection
Temperature Coefficient: + 0.05%/
°C max
Derating: See Derating Curve
Ripple & Noise(20Mhz BW): 1% p-p max
Humidity Non-Condensing: 20 to 95% RH
Short Circuit Protection: Momentary
Physical Specifications:
Case Material: Non-conductive plastic case
Weight: 12grams typical
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
-25 -15 -5
0
10 20 30 40 50 60 71 80 90 100
Simplified Schematic
Vin
Vout
Control
Power Derating Curve
TA
°C
Po(W)


Similar Part No. - DC-216R

ManufacturerPart #DatasheetDescription
logo
Intronics Power, Inc.
DC-216-1 INTRONICS-DC-216-1 Datasheet
284Kb / 1P
   1 and 2 WATT DUAL OUTPUT DC-DC CONVERTERS
More results

Similar Description - DC-216R

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
XO5060 MTRONPTI-XO5060 Datasheet
57Kb / 1P
   Standard DIP/DIL Package
logo
Harwin Plc
D8864-42 HARWIN-D8864-42 Datasheet
150Kb / 1P
   1.778mm (0.07") PITCH 64-WAY DIL IC SOCKET (SHRINK-DIP)
logo
MTRONPTI
XO7010 MTRONPTI-XO7010 Datasheet
71Kb / 1P
   High Frequency Fundamental Wide Pulling Range Standard 14 Pin DIP/DIL
logo
Precid-Dip Durtal SA
110-87-304-41-001101 PREDIP-110-87-304-41-001101 Datasheet
23Kb / 5P
   DIL SOCKETS
150-80-316-00-006101 PREDIP-150-80-316-00-006101 Datasheet
20Kb / 4P
   DIL SOCKETS
150-10-632-00-001101 PREDIP-150-10-632-00-001101 Datasheet
20Kb / 3P
   DIL SOCKETS
110-83-316-41-001101 PREDIP-110-83-316-41-001101 Datasheet
23Kb / 5P
   DIL SOCKETS
110-83-628-41-001101 PREDIP-110-83-628-41-001101 Datasheet
24Kb / 5P
   DIL SOCKETS
110-87-210-41-001101 PREDIP-110-87-210-41-001101 Datasheet
24Kb / 5P
   DIL SOCKETS
110-87-628-41-001101 PREDIP-110-87-628-41-001101 Datasheet
24Kb / 5P
   DIL SOCKETS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com