Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA2-24D3 Datasheet(PDF) 6 Page - Bothhand USA, LP.

Part # CHA2-24D3
Description  Isolated DC-DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

CHA2-24D3 Datasheet(HTML) 6 Page - Bothhand USA, LP.

  CHA2-24D3 Datasheet HTML 1Page - Bothhand USA, LP. CHA2-24D3 Datasheet HTML 2Page - Bothhand USA, LP. CHA2-24D3 Datasheet HTML 3Page - Bothhand USA, LP. CHA2-24D3 Datasheet HTML 4Page - Bothhand USA, LP. CHA2-24D3 Datasheet HTML 5Page - Bothhand USA, LP. CHA2-24D3 Datasheet HTML 6Page - Bothhand USA, LP. CHA2-24D3 Datasheet HTML 7Page - Bothhand USA, LP. CHA2-24D3 Datasheet HTML 8Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
BOTHHAND
USA
PRELIMINARY
Isolated DC-DC Converters
CHA2 Series -- 2Watt
E-mail:
sales@bothhandUSA.com
http://www.bothhandusa.com
Rev:20150617A
Page
6
of
8
2. Input power :
Pin = Vin x Iin
Vin:Input voltage
Iin:Input current
3. Output power :
Pout = Vout x Iout
Vout:Output voltage
Iout:Output current
4. Efficiency :
Pout: Output power
Pin: Input power
5. Voltage accuracy:
Vout:Output voltage
Vout(nominal):Nominal output voltage
6. Line regulation: (1) Wide input voltage range and regulated output voltage series.
(2) Narrow input voltage range(±10%)and unregulated output voltage series.
Vout(+10%):Output voltage at Vin = 1.1xVin(nominal)&full load
Vout(-10%):Output voltage at Vin = 0.9xVin(nominal)&full load
Vout:Output voltage at Vin = Vin(nominal)&full load
│Vout(LL)-Vout(HL)│
Vout(LL)
LL: Low Line input voltage
HL: High Line input voltage
x100%
│Vout-Vout(nominal)│
Vout
x100%
Efficiency =
x100%
Pout
Pin
ΔVout
ΔVin
Line regulation=
ΔVout = Vout(+10%)-Vout(-10%)
Vout
x100%


Similar Part No. - CHA2-24D3

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
CHA2-24D3 BOTHHAND-CHA2-24D3 Datasheet
479Kb / 8P
   Isolated DC-DC Converters
More results

Similar Description - CHA2-24D3

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com