Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F7-1205S15MLF Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # F7-1205S15MLF
Description  15 Watt Isolated DC-DC Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

F7-1205S15MLF Datasheet(HTML) 1 Page - Bothhand USA, LP.

  F7-1205S15MLF Datasheet HTML 1Page - Bothhand USA, LP. F7-1205S15MLF Datasheet HTML 2Page - Bothhand USA, LP. F7-1205S15MLF Datasheet HTML 3Page - Bothhand USA, LP. F7-1205S15MLF Datasheet HTML 4Page - Bothhand USA, LP. F7-1205S15MLF Datasheet HTML 5Page - Bothhand USA, LP. F7-1205S15MLF Datasheet HTML 6Page - Bothhand USA, LP. F7-1205S15MLF Datasheet HTML 7Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
F7 LF - Series
15 Watt Isolated DC-DC Converter
Single / Dual Output
97
1 . Features
l
Wide 2 : 1 Input Range
l
Low Ripple And Noise
l
Input / Output Isolation 1.5K Vdc Or 3K Vdc
l
100% Burn-In
l
Input π- Filter
l
Custom Design Available
l
Net Weight :
24 g / 36.5 g
Typical
l
RoHS Converter Certified By SGS
2
. Model Selection Guide
(Specifications typical at Ta= +25℃, Nominal input voltage, Rated output current unless otherwise noted)
Model No.
Input
Voltage
(Vdc)
Output
Voltage
(Vdc)
Output
Current
(mA) Max
Input Current
@No Load
(mA) Typ.
Input Current
@Max. Load
(mA) Typ.
Output
Ripple
(mV) Max.
Load
Regulation
(%)Max.
Efficiency
(%)Typ.
1) 15 W Single Output Series
F7-123R3S15M LF
3.3
4500
10
1510
40
± 0.5
82
F7-1205S15M LF
5
3000
20
1490
50
± 0.5
84
F7-1212S15M LF
12
1250
25
1420
60
± 0.5
88
F7-1215S15M LF
9~18
15
1000
30
1400
70
± 0.5
89
F7-2405S15M LF
5
3000
20
730
50
± 0.5
85
F7-2412S15M LF
12
1250
25
700
60
± 0.5
89
F7-2415S15M LF
18~36
15
1000
30
700
70
± 0.5
89
F7-4805S15M LF
5
3000
20
365
50
± 0.5
85
F7-4815S15M LF
36~72
15
1000
30
350
70
± 0.5
89
2) 15 W Dual Output Series
F7-1205D15M LF
± 5
± 1500
18
1470
50
± 2
85
F7-1212D15M LF
± 12
± 625
22
1450
100
± 2
86
F7-1215D15M LF
9~18
± 15
± 500
20
1440
120
± 2
87
F7-2405D15M LF
± 5
± 1500
18
730
50
± 2
86
F7-2412D15M LF
± 12
± 625
22
720
100
± 2
87
F7-2415D15M LF
18~36
± 15
± 500
20
710
120
± 2
88
F7-4812D15M LF
± 12
± 625
22
355
100
± 2
88
F7-4815D15M LF
36~75
± 15
± 500
20
350
120
± 2
89
Notes :
1. Standard output voltage is 3.3V, 5V, 9V, 12V, 15V, F7-xxxxSxxxx LF or F7-xxxxDxxxx LF is for customer design.
www.bothhandusa.com
978-887-8050
sales@bothhandusa.com


Similar Part No. - F7-1205S15MLF

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
F7-120 TRIAD-F7-120 Datasheet
217Kb / 3P
   Power Transformer Chassis Mount Quick Pack
F7-120 TRIAD-F7-120_13 Datasheet
45Kb / 1P
   Chassis Mount: Quick Pack
More results

Similar Description - F7-1205S15MLF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
F7W-LF-SERIES BOTHHAND-F7W-LF-SERIES Datasheet
762Kb / 6P
   15 Watt Isolated DC-DC Converter
logo
Texas Instruments
SLTS021A TI-SLTS021A Datasheet
173Kb / 3P
[Old version datasheet]   15 Watt Isolated DC-DC Converter
logo
Eaton All Rights Reserv...
EPM25-1V EATON-EPM25-1V Datasheet
1Mb / 9P
   15 Watt isolated DC-DC converter
March 2022
logo
Bothhand USA, LP.
F7WLF BOTHHAND-F7WLF Datasheet
762Kb / 6P
   15 Watt Isolated DC-DC Converter
F7LF BOTHHAND-F7LF Datasheet
805Kb / 7P
   15 Watt Isolated DC-DC Converter
logo
Texas Instruments
PT4100-48V TI-PT4100-48V Datasheet
194Kb / 3P
[Old version datasheet]   48V 15 WATT ISOLATED DC-DC CONVERTER
logo
Bothhand USA, LP.
B7-LF-SERIES BOTHHAND-B7-LF-SERIES Datasheet
818Kb / 8P
   10 To 15 Watt Isolated DC-DC Converter
logo
AIMTEC
AM15E-I AIMTEC-AM15E-I Datasheet
245Kb / 3P
   15 Watt | DC-DC Converter
AM15EW-Z AIMTEC-AM15EW-Z_13 Datasheet
265Kb / 3P
   15 Watt | DC-DC Converter
AM15EW-Z AIMTEC-AM15EW-Z Datasheet
251Kb / 3P
   15 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com