Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8B2104C-Z Datasheet(PDF) 3 Page - Copal Electronics

Part # 8B2104C-Z
Description  Toggle Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

8B2104C-Z Datasheet(HTML) 3 Page - Copal Electronics

  8B2104C-Z Datasheet HTML 1Page - Copal Electronics 8B2104C-Z Datasheet HTML 2Page - Copal Electronics 8B2104C-Z Datasheet HTML 3Page - Copal Electronics 8B2104C-Z Datasheet HTML 4Page - Copal Electronics 8B2104C-Z Datasheet HTML 5Page - Copal Electronics 8B2104C-Z Datasheet HTML 6Page - Copal Electronics 8B2104C-Z Datasheet HTML 7Page - Copal Electronics 8B2104C-Z Datasheet HTML 8Page - Copal Electronics 8B2104C-Z Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
8 Series Toggles
■Part Numbering
■ :LYPLZ ;VNNSLZ *VTTVU :WLJPÄJH[PVUZ
Contact specs.
Silver
Gold
Rating
Max.
AC125V 6A
AC250V 3A
DC30V 4A
AC125V 6A
AC250V 3A
DC20V 25mA
Initial contact resistance
10m
Ω Max.
(DC2∼4V 1A)
20m
Ω Max.
(AC200μV 1.5mA)
Initial dielectric strength
AC1500V 1 minute
Initial insulation resistance
1000M
ΩMin.            (DC500V)
Electrical life
Alternate type
50,000cycles
Momentary type
25,000cycles
Operating temperature range
−30∼+85℃
Storage temperature range
−40∼+85℃
Actuator shape
Type
Terminals
PC Straight
Right Angle
Vertical Mounting
Solder Terminal
8
   A   1 
01
   1  
C
Z
Code
Number of poles
C
A
B
C
D
E
F
J
S
G
Bs=Brass
Cu=Copper
Ag=Silver
Ni=Nickel
Au=Gold
※8AType only.
Contact material and plating
(※1)
Code
None
Plating
Bs
+Ag or Cu+Ag
Bs
+Ag or Cu+Ag
Ag
Ni
+Au
Contact material
Note : Some combinations may not be available. Please check the "Table of Part Numbers" for each series.
Series code
Switching function
Terminals
1 pole
2 poles
3 poles
4 poles
Number
of poles
1
2
3
4
Fig.
1
2
4
6
Fig.
Code
ON  ー  ON
ONーOFFーON
(ON)
ーOFFー
(ON)
ONーOFFー
(ON)
ON  ー (ON)
ON ー ON ー ON
ON ー ONー
(ON)
(ON)
ー ONー(ON)
Standard Toggle
Mustang Toggle
Flatted Toggle
Long Toggle
Lever−lock Toggle
Splash Proof Toggle
Short Toggle
Color Tip Toggle
Washable
01
02
04
05
06
10
11
12
Switching function
(※1)
Switches with gold-plated contacts
("C") are made-to order products.
MOQ is 25 pcs.
(ON)
:Momentary.


Similar Part No. - 8B2104C-Z

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
8B2 DIOTEC-8B2 Datasheet
296Kb / 2P
   Surface mount Silicon Planar Zener Diodes
More results

Similar Description - 8B2104C-Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1MD1T2B4M6RE ETC2-1MD1T2B4M6RE Datasheet
376Kb / 18P
   Toggle Switches
logo
NTE Electronics
54-020 NTE-54-020 Datasheet
5Mb / 21P
   Toggle Switches
logo
List of Unclassifed Man...
9103A ETC2-9103A Datasheet
67Kb / 1P
   Toggle Switches
7580K6 ETC2-7580K6 Datasheet
1Mb / 35P
   Toggle Switches
logo
Carling Technologies
LT1561-130-012 CARLINGTECH-LT1561-130-012 Datasheet
812Kb / 2P
   Toggle Switches
IK251-73 CARLINGTECH-IK251-73 Datasheet
59Kb / 1P
   Toggle Switches
logo
List of Unclassifed Man...
7695K5 ETC2-7695K5 Datasheet
1Mb / 35P
   Toggle Switches
logo
NTE Electronics
54-001 NTE-54-001 Datasheet
5Mb / 21P
   Toggle Switches
logo
List of Unclassifed Man...
7105A ETC2-7105A Datasheet
79Kb / 1P
   toggle switches
10TL020 ETC2-10TL020 Datasheet
142Kb / 1P
   Toggle Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com