Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8A2064C-Z Datasheet(PDF) 9 Page - Copal Electronics

Part # 8A2064C-Z
Description  Toggle Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

8A2064C-Z Datasheet(HTML) 9 Page - Copal Electronics

Back Button 8A2064C-Z Datasheet HTML 2Page - Copal Electronics 8A2064C-Z Datasheet HTML 3Page - Copal Electronics 8A2064C-Z Datasheet HTML 4Page - Copal Electronics 8A2064C-Z Datasheet HTML 5Page - Copal Electronics 8A2064C-Z Datasheet HTML 6Page - Copal Electronics 8A2064C-Z Datasheet HTML 7Page - Copal Electronics 8A2064C-Z Datasheet HTML 8Page - Copal Electronics 8A2064C-Z Datasheet HTML 9Page - Copal Electronics 8A2064C-Z Datasheet HTML 10Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Type
8A
・8C・8D・8E・8J・8N・8S・8R
8F
・8P
8B
・8Y
Part Name
Lock Nut
Round Nut
Pocketed Nut
Locking Ring
Round Nut
Round Nut
Part No.
140008010276
140008010258
140008010274
140008020066
140008010272
140008010273
Dimensions
Finish
Nickel
Chromium
Nickel
Zinc
Chromium
Type
8A
8B
Part Name
Boot
Plate
Plate
Part No.
140000470422
140008040021
140008040025
Dimensions
■Optional Accessories
《Sold separately》
Type
8A
・8F・8GA
BT
8A
・8F・8GA
BT
8B
8E
8S
・8GS
Part Name
Color Cap
Color Tip
Dimensions
Gloss finish
Gloss finish
Gloss finish
Alumite finish
Matte finish
Vinyl chloride resin 
Vinyl chloride resin 
Vinyl chloride resin 
Aluminum alloy 
Polyamide resin 
Silver
−−−
140000470058
White
140000470030
140000470038
140000470063
140000470118
Red
140000470098
140000470100
140000470108
140000470060
140000470119
Black
140000470031
140000470039
140000470064
140000470059
140000470112
Gray
140000470037
140000470077
140000470102
140000470120
Type
8A
・8C・8D・8J・8S
1, 2 poles
Part Name
Bracket
Part No.
140000260715
Dimensions
t=0.5
※The Bracket cannot be used with switches with switching
functions "10", "11", or "12" (ref. P.388). The size of the housings
are di erent in switches with switching functions "10", "11", and
"12" and the Bracket cannot be used.
Red
Black
Red
Black
:Optional Accessories.


Similar Part No. - 8A2064C-Z

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
8A20 DAESAN-8A20 Datasheet
138Kb / 1P
   CURRENT 8.0 Amperes VOLTAGE 50 TO 100 VOLTS
logo
RFE international
8A20 RFE-8A20 Datasheet
95Kb / 1P
   LEADED (THRU-HOLE) General Purpose Rectifiers, 1 to 8 Amps
logo
Shenzhen Luguang Electr...
8A20F LUGUANG-8A20F Datasheet
165Kb / 2P
   Plastic Silicon Rectifiers
8A20T LUGUANG-8A20T Datasheet
163Kb / 2P
   Plastic Silicon Rectifiers
More results

Similar Description - 8A2064C-Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1MD1T2B4M6RE ETC2-1MD1T2B4M6RE Datasheet
376Kb / 18P
   Toggle Switches
logo
NTE Electronics
54-020 NTE-54-020 Datasheet
5Mb / 21P
   Toggle Switches
logo
List of Unclassifed Man...
9103A ETC2-9103A Datasheet
67Kb / 1P
   Toggle Switches
7580K6 ETC2-7580K6 Datasheet
1Mb / 35P
   Toggle Switches
logo
Carling Technologies
LT1561-130-012 CARLINGTECH-LT1561-130-012 Datasheet
812Kb / 2P
   Toggle Switches
IK251-73 CARLINGTECH-IK251-73 Datasheet
59Kb / 1P
   Toggle Switches
logo
List of Unclassifed Man...
7695K5 ETC2-7695K5 Datasheet
1Mb / 35P
   Toggle Switches
logo
NTE Electronics
54-001 NTE-54-001 Datasheet
5Mb / 21P
   Toggle Switches
logo
List of Unclassifed Man...
7105A ETC2-7105A Datasheet
79Kb / 1P
   toggle switches
10TL020 ETC2-10TL020 Datasheet
142Kb / 1P
   Toggle Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com