Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS1085 Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # DS1085
Description  EconOscillator Frequency Synthesizer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1085 Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button DS1085 Datasheet HTML 7Page - Dallas Semiconductor DS1085 Datasheet HTML 8Page - Dallas Semiconductor DS1085 Datasheet HTML 9Page - Dallas Semiconductor DS1085 Datasheet HTML 10Page - Dallas Semiconductor DS1085 Datasheet HTML 11Page - Dallas Semiconductor DS1085 Datasheet HTML 12Page - Dallas Semiconductor DS1085 Datasheet HTML 13Page - Dallas Semiconductor DS1085 Datasheet HTML 14Page - Dallas Semiconductor DS1085 Datasheet HTML 15Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
DS1085
11 of 21
Access RANGE [37h]
If R/ W is 1, the next data bytes read are the values stored in the RANGE register. This register has a 14-
bit value. The upper eight bits are sent first, followed by a second byte that contains the five LSBs of the
register value in the most significant positions of the data byte. The upper five MSBs of the first byte
contain the OS value for the frequency adjust Table 6. The register is read-only.
Write E2 [3Fh]
If WC = 0, the EEPROM is automatically written to at the end of each write command. This is a
DEFAULT condition. In this case, the command “WRITE E2” is not needed. If WC = 1, the EEPROM is
only written to when the “WRITE E2” command is issued. On receipt of the “WRITE E2” command, the
contents of the DIV and MUX registers are written into the EEPROM, thus locking in the register
settings. This is a single-byte transfer.
EXCEPTION: The ADDR register is always automatically written to EEPROM after a write, regardless
of the value of WC.


Similar Part No. - DS1085

ManufacturerPart #DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
DS1085 MAXIM-DS1085 Datasheet
356Kb / 21P
   EconOscillator Frequency Synthesizer
051506
DS1085L MAXIM-DS1085L Datasheet
325Kb / 21P
   3.3V EconOscillator Frequency Synthesizer
021403
DS1085L MAXIM-DS1085L Datasheet
348Kb / 21P
   3.3V EconOscillator Frequency Synthesizer
051606
DS1085LZ-12 MAXIM-DS1085LZ-12 Datasheet
325Kb / 21P
   3.3V EconOscillator Frequency Synthesizer
021403
DS1085LZ-12 MAXIM-DS1085LZ-12 Datasheet
348Kb / 21P
   3.3V EconOscillator Frequency Synthesizer
051606
More results

Similar Description - DS1085

ManufacturerPart #DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
DS1085 MAXIM-DS1085 Datasheet
356Kb / 21P
   EconOscillator Frequency Synthesizer
051506
DS1085L MAXIM-DS1085L Datasheet
325Kb / 21P
   3.3V EconOscillator Frequency Synthesizer
021403
DS1085L MAXIM-DS1085L_V01 Datasheet
348Kb / 21P
   3.3V EconOscillator Frequency Synthesizer
051606
DS1088C MAXIM-DS1088C_V01 Datasheet
478Kb / 8P
   Fixed-Frequency EconOscillator?
19-6186; Rev 1; 4/15
DS1088L MAXIM-DS1088L_V01 Datasheet
458Kb / 8P
   Fixed-Frequency EconOscillator?
19-6184; Rev 3; 4/15
Dallas Semiconductor
Dallas Semiconductor
DS1099 DALLAS-DS1099 Datasheet
78Kb / 6P
   Low-Frequency Dual EconOscillator
Maxim Integrated Products
Maxim Integrated Produc...
DS1099 MAXIM-DS1099_V01 Datasheet
413Kb / 7P
   Low-Frequency Dual EconOscillator
19-7629; Rev 2; 5/15
DS1099 MAXIM-DS1099 Datasheet
119Kb / 6P
   Low-Frequency Dual EconOscillator
Rev 1; 9/07
DS1088L MAXIM-DS1088L_12 Datasheet
1Mb / 8P
   Fixed-Frequency EconOscillator™
Rev 2; 1/12
Dallas Semiconductor
Dallas Semiconductor
DS1088L DALLAS-DS1088L Datasheet
193Kb / 5P
   Low-Cost Fixed-Frequency EconOscillator
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com