Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS92LV16 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS92LV16
Description  16-Bit Bus LVDS Serializer/Deserializer - 25 - 80 MHz
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS92LV16 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS92LV16 Datasheet HTML 1Page - National Semiconductor (TI) DS92LV16 Datasheet HTML 2Page - National Semiconductor (TI) DS92LV16 Datasheet HTML 3Page - National Semiconductor (TI) DS92LV16 Datasheet HTML 4Page - National Semiconductor (TI) DS92LV16 Datasheet HTML 5Page - National Semiconductor (TI) DS92LV16 Datasheet HTML 6Page - National Semiconductor (TI) DS92LV16 Datasheet HTML 7Page - National Semiconductor (TI) DS92LV16 Datasheet HTML 8Page - National Semiconductor (TI) DS92LV16 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
−0.3V to +4V
LVCMOS/LVTTL Input
Voltage
−0.3V to (V
CC +0.3V)
LVCMOS/LVTTL Output
Voltage
−0.3V to (V
CC +0.3V)
Bus LVDS Receiver Input
Voltage
−0.3V to +3.9V
Bus LVDS Driver Output
Voltage
−0.3V to +3.9V
Bus LVDS Output Short
Circuit
Duration
10ms
Junction Temperature
+150˚C
Storage Temperature
−65˚C to +150˚C
Lead Temperature
(Soldering, 4 seconds)
+260˚C
Maximum Package Power Dissipation Capacity
Package Derating:
80L PQFP
23.2 mW/˚C above
+25˚C
θ
JA
43˚C/W
θ
JC
11.1˚C/W
ESD Rating (HBM)
>2.5kV
Recommended Operating
Conditions
Min
Nom
Max
Units
Supply Voltage (V
CC)
3.15
3.3
3.45
V
Operating Free Air
Temperature (T
A)
−40
+25
+85
˚C
Clock Rate
25
80
MHz
Electrical Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Pin/Freq.
Min
Typ
Max
Units
LVCMOS/LVTTL DC Specifications
V
IH
High Level Input Voltage
2.0
V
CC
V
V
IL
Low Level Input Voltage
TCLK_R/F,DEN,
TCLK, TPWDN, DIN,
GND
0.8
V
V
CL
Input Clamp Voltage
I
CL = −18 mA
SYNC, RCLK_R/F,
REN, REFCLK,
PWRDN
-0.7
−1.5
V
I
IN
Input Current
V
IN = 0V or 3.6V
−10
±2
+10
µA
V
OH
High Level Output Voltage
I
OH = −9 mA
2.3
3.0
V
CC
V
V
OL
Low Level Output Voltage
I
OL =9mA
R
OUT, RCLK, LOCK
GND
0.33
0.5
V
I
OS
Output Short Circuit Current
VOUT = 0V
−15
−48
−85
mA
I
OZ
TRI-STATE Output Current
PWRDN or REN =
0.8V, V
OUT =0Vor
VCC
R
OUT, RCLK,
−10
±0.4
+10
µA
Bus LVDS DC specifications
VTH
Differential Threshold High
Voltage
VCM = +1.1V
+100
mV
VTL
Differential Threshold Low
Voltage
RI+, RI-
−100
mV
I
IN
Input Current
V
IN = +2.4V, VCC =
3.6V or 0V
−10
±5
+10
µA
V
IN = 0V, VCC = 3.6V
or 0V
−10
±5
+10
µA
www.national.com
2


Similar Part No. - DS92LV16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS92LV16 TI-DS92LV16 Datasheet
1Mb / 25P
[Old version datasheet]   DS92LV16 16-Bit Bus LVDS Serializer/Deserializer - 25 - 80 MHz
DS92LV16TVHG TI-DS92LV16TVHG Datasheet
1Mb / 25P
[Old version datasheet]   DS92LV16 16-Bit Bus LVDS Serializer/Deserializer - 25 - 80 MHz
DS92LV16TVHG/NOPB TI-DS92LV16TVHG/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   DS92LV16 16-Bit Bus LVDS Serializer/Deserializer - 25 - 80 MHz
DS92LV16TVHGX TI-DS92LV16TVHGX Datasheet
1Mb / 25P
[Old version datasheet]   DS92LV16 16-Bit Bus LVDS Serializer/Deserializer - 25 - 80 MHz
DS92LV16TVHGX/NOPB TI-DS92LV16TVHGX/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   DS92LV16 16-Bit Bus LVDS Serializer/Deserializer - 25 - 80 MHz
More results

Similar Description - DS92LV16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS92LV16 TI-DS92LV16 Datasheet
1Mb / 25P
[Old version datasheet]   DS92LV16 16-Bit Bus LVDS Serializer/Deserializer - 25 - 80 MHz
logo
National Semiconductor ...
DS92LV1021 NSC-DS92LV1021 Datasheet
382Kb / 18P
   16-40 MHz 10 Bit Bus LVDS Serializer and Deserializer
logo
Texas Instruments
DS92LV1021 TI1-DS92LV1021_14 Datasheet
1Mb / 23P
[Old version datasheet]   16-40 MHz 10 Bit Bus LVDS Serializer and Deserializer
logo
National Semiconductor ...
DS92LV18 NSC-DS92LV18 Datasheet
469Kb / 20P
   18-Bit Bus LVDS Serializer/Deserializer - 15-66 MHz
logo
Texas Instruments
DS92LV18 TI1-DS92LV18_15 Datasheet
1Mb / 26P
[Old version datasheet]   18-Bit Bus LVDS Serializer/Deserializer - 15-66 MHz
logo
National Semiconductor ...
DS92LV18 NSC-DS92LV18_06 Datasheet
855Kb / 20P
   18-Bit Bus LVDS Serializer/Deserializer - 15-66 MHz
SCAN921023 NSC-SCAN921023 Datasheet
508Kb / 20P
   20-66 MHz 10 Bit Bus LVDS Serializer and Deserializer
DS92LV1021A NSC-DS92LV1021A Datasheet
209Kb / 12P
   16-40 MHz 10 Bit Bus LVDS Serializer
logo
Texas Instruments
DS92LV1021A TI1-DS92LV1021A_14 Datasheet
1,007Kb / 18P
[Old version datasheet]   16-40 MHz 10 Bit Bus LVDS Serializer
logo
National Semiconductor ...
DS90CR483 NSC-DS90CR483 Datasheet
348Kb / 17P
   48-Bit LVDS Channel Link Serializer/Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com