Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYM1831PY-35C Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CYM1831PY-35C
Description  64K x 32 Static RAM Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYM1831PY-35C Datasheet(HTML) 7 Page - Cypress Semiconductor

  CYM1831PY-35C Datasheet HTML 1Page - Cypress Semiconductor CYM1831PY-35C Datasheet HTML 2Page - Cypress Semiconductor CYM1831PY-35C Datasheet HTML 3Page - Cypress Semiconductor CYM1831PY-35C Datasheet HTML 4Page - Cypress Semiconductor CYM1831PY-35C Datasheet HTML 5Page - Cypress Semiconductor CYM1831PY-35C Datasheet HTML 6Page - Cypress Semiconductor CYM1831PY-35C Datasheet HTML 7Page - Cypress Semiconductor CYM1831PY-35C Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
CYM1831
Document #: 38-05270 Rev. **
Page 7 of 8
© Cypress Semiconductor Corporation, 2002. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use
of any circuitry other than circuitry embodied in a Cypress Semiconductor product. Nor does it convey or imply any license under patent or other rights. Cypress Semiconductor does not authorize
its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress
Semiconductor products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress Semiconductor against all charges.
Package Diagrams
3.580
3.588
3.845
0.525
0.145 REF
0.400
0.250
0.080
PIN 1
0.250
PIN 64
0.62 R
0.001
+
3.35 (64 PINS)
0.250
0.125 DIA.
0.001 2 PLCS
+
0.330
0.050
TYP
3.855
MAX
MAX
64-Pin Plastic SIMM Module PM01
.245/.255
.397/.403
64-Pin Plastic Angled SIMM Module PN01
3.845/3.855
U1
U2
U3
U4
PIN1
.075/.085
.245/.255
3.580/3.588
3.348/3.352
.249/.251
.061/.063R
.590/.600
.330MAX
MIN.
MAX.
3.640
3.660
0.050
TYP
0.330
0.008
0.014
0.120
0.150
0.050
0.050
0.135
0.165
0.015
0.025
0.250
TYP
0.100
TYP
0.500
MAX
MAX
0.100
TYP
DIMENSIONS IN INCHES
64-Pin Plastic ZIP Module PZ01
Bottom View
Pin 1


Similar Part No. - CYM1831PY-35C

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYM1836 CYPRESS-CYM1836 Datasheet
540Kb / 8P
   128K x 32 Static RAM Module
CYM1836P8-15C CYPRESS-CYM1836P8-15C Datasheet
540Kb / 8P
   128K x 32 Static RAM Module
CYM1836P8-20C CYPRESS-CYM1836P8-20C Datasheet
540Kb / 8P
   128K x 32 Static RAM Module
CYM1836P8-25C CYPRESS-CYM1836P8-25C Datasheet
540Kb / 8P
   128K x 32 Static RAM Module
CYM1836P8-30C CYPRESS-CYM1836P8-30C Datasheet
540Kb / 8P
   128K x 32 Static RAM Module
More results

Similar Description - CYM1831PY-35C

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LP6432A ISSI-IS61LP6432A Datasheet
110Kb / 17P
   64K x 32, 64K x 36 SYNCHRONOUS PIPELINED STATIC RAM
61S6432 ISSI-61S6432 Datasheet
140Kb / 19P
   64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
logo
Integrated Circuit Solu...
IS61S6432 ICSI-IS61S6432 Datasheet
511Kb / 20P
   64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
IC61S6432 ICSI-IC61S6432 Datasheet
169Kb / 21P
   64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
IS61LV6432 ICSI-IS61LV6432 Datasheet
487Kb / 16P
   64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
IS61SF6432 ICSI-IS61SF6432 Datasheet
480Kb / 16P
   64K x 32 SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Cypress Semiconductor
CYM1836 CYPRESS-CYM1836 Datasheet
540Kb / 8P
   128K x 32 Static RAM Module
CYM1851 CYPRESS-CYM1851 Datasheet
357Kb / 9P
   1,024K x 32 Static RAM Module
CY7C187 CYPRESS-CY7C187 Datasheet
142Kb / 9P
   64K x 1 Static RAM
CY62126BV CYPRESS-CY62126BV Datasheet
188Kb / 9P
   64K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com