Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP1W-17G-225-Z Datasheet(PDF) 2 Page - Copal Electronics

Part # LP1W-17G-225-Z
Description  Illuminated Pushbutton Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

LP1W-17G-225-Z Datasheet(HTML) 2 Page - Copal Electronics

  LP1W-17G-225-Z Datasheet HTML 1Page - Copal Electronics LP1W-17G-225-Z Datasheet HTML 2Page - Copal Electronics LP1W-17G-225-Z Datasheet HTML 3Page - Copal Electronics LP1W-17G-225-Z Datasheet HTML 4Page - Copal Electronics LP1W-17G-225-Z Datasheet HTML 5Page - Copal Electronics LP1W-17G-225-Z Datasheet HTML 6Page - Copal Electronics LP1W-17G-225-Z Datasheet HTML 7Page - Copal Electronics LP1W-17G-225-Z Datasheet HTML 8Page - Copal Electronics LP1W-17G-225-Z Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
■Component
LP
Optional film insert is provided by the customer.
Legending instructions shown on Page 215.
Fil
Illuminated
Nonilluminated
■Part Numbering
LP
1
S
2
6
S
W
Z
Series code
Code
Box & Terminal style
Poles
Without Flange & PC Terminal
1 pole
2 poles
ON -
(ON)
ON - ON
Silver
White
Cap color
Contact material
Circuit Function
12
×12
12
×15.6
Cap size
Red
Black
Gray
Green
Blue
Orange
Yellow
Brown
Gold
With Flange & Solder Lug
1
2
Code
Code
Code
Code
Code
1
2
6
7
S
G
S
W
W
R
K
G
M
B
O
Y
C
1. Nonilluminated


Similar Part No. - LP1W-17G-225-Z

ManufacturerPart #DatasheetDescription
logo
Altech corporation
LP10 ALTECH-LP10 Datasheet
455Kb / 1P
   30 mm Legend Plates LPxxx (xxx= Title)
logo
Superworld Electronics
LP10-1200 SUPERWORLD-LP10-1200 Datasheet
108Kb / 1P
   POWER TRANSFORMER
logo
Pulse A Technitrol Comp...
LP10-1200B2 PULSE-LP10-1200B2 Datasheet
152Kb / 1P
   Laminated Transformers
LP10-1200B2 PULSE-LP10-1200B2 Datasheet
147Kb / 4P
   IGNITION TRANSFORMERS
logo
Superworld Electronics
LP10-2400 SUPERWORLD-LP10-2400 Datasheet
110Kb / 1P
   POWER TRANSFORMER
More results

Similar Description - LP1W-17G-225-Z

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
13AL COPAL-13AL Datasheet
441Kb / 2P
   Illuminated Pushbutton Switches
13BL COPAL-13BL Datasheet
477Kb / 2P
   Illuminated Pushbutton Switches
logo
E-SWITCH
D16 E-SWITCH-D16 Datasheet
721Kb / 7P
   PUSHBUTTON SWITCHES - ILLUMINATED
logo
List of Unclassifed Man...
TP1251 ETC2-TP1251 Datasheet
279Kb / 2P
   ILLUMINATED PUSHBUTTON SWITCHES
logo
Copal Electronics
15EL COPAL-15EL Datasheet
274Kb / 2P
   Illuminated Pushbutton Switches
CFPB COPAL-CFPB Datasheet
479Kb / 3P
   Illuminated Pushbutton Switches
15GL COPAL-15GL Datasheet
488Kb / 2P
   Illuminated Pushbutton Switches
logo
E-SWITCH
LP2 E-SWITCH-LP2 Datasheet
190Kb / 3P
   PUSHBUTTON SWITCHES - ILLUMINATED
LP15 E-SWITCH-LP15 Datasheet
174Kb / 2P
   PUSHBUTTON SWITCHES - ILLUMINATED
logo
Copal Electronics
LP_SERIES COPAL-LP_SERIES Datasheet
774Kb / 14P
   Illuminated Pushbutton Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com