Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS7201QDRG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7201QDRG4
Description  MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7201QDRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS7201QDRG4 Datasheet HTML 4Page - Texas Instruments TPS7201QDRG4 Datasheet HTML 5Page - Texas Instruments TPS7201QDRG4 Datasheet HTML 6Page - Texas Instruments TPS7201QDRG4 Datasheet HTML 7Page - Texas Instruments TPS7201QDRG4 Datasheet HTML 8Page - Texas Instruments TPS7201QDRG4 Datasheet HTML 9Page - Texas Instruments TPS7201QDRG4 Datasheet HTML 10Page - Texas Instruments TPS7201QDRG4 Datasheet HTML 11Page - Texas Instruments TPS7201QDRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
TPS7201Q, TPS7225Q, TPS7230Q
TPS7233Q, TPS7248Q, TPS7250Q, TPS72xxY
MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
SLVS102G – MARCH 1995 – REVISED JUNE 2000
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TPS7225Q electrical characteristics, IO = 10 mA, VI = 3.5 V, EN = 0 V, CO = 4.7 µF (CSR= 1 Ω), SENSE
shorted to OUT (unless otherwise noted)
PARAMETER
TEST CONDITIONS‡
TJ
TPS7225Q
UNIT
PARAMETER
TEST CONDITIONS‡
TJ
MIN
TYP
MAX
UNIT
Output voltage
VI = 3.5 V,
IO = 10 mA
25
°C
2.5
V
Output voltage
3.5 V
≤ VI ≤ 10 V,
5 mA
≤ IO ≤ 250 mA –40°C to 125°C
2.45
2.55
V
Dropout voltage
IO = 250 mA
VI = 2 97 V
25
°C
560
850
mV
Dropout voltage
IO = 250 mA,
VI = 2.97 V
–40
°C to 125°C
1.1
V
Pass element series resistance
(2.97 V – VO)/IO,
VI = 2.97 V,
25
°C
2.24
3.4
Pass-element series resistance
(
O) O,
IO = 250 mA
I
,
–40
°C to 125°C
3.84
Input regulation
VI =3 5Vto10V
50
µA ≤ IO ≤ 250 mA
25
°C
9
27
mV
Input regulation
VI = 3.5 V to 10 V,
50
µA ≤ IO ≤ 250 mA
–40
°C to 125°C
33
mV
IO =5mAto250 mA
35 V
≤ VI ≤ 10 V
25
°C
28
36
Output regulation
IO = 5 mA to 250 mA,
3.5 V
≤ VI ≤ 10 V
–40
°C to 125°C
60
mV
Output regulation
IO =50 µA to 250 mA
35 V
≤ VI ≤ 10 V
25
°C
24
41
mV
IO = 50 µA to 250 mA, 3.5 V ≤ VI ≤ 10 V
–40
°C to 125°C
73
IO =50 µA
25
°C
47
58
Ripple rejection
f = 120 Hz
IO = 50 µA
–40
°C to 125°C
45
dB
Ripple rejection
f = 120 Hz
IO = 250 mA
25
°C
40
46
dB
IO = 250 mA
–40
°C to 125°C
38
Output noise spectral density
f = 120 Hz
25
°C
2
µV/√Hz
10 H
≤ f ≤ 100 kH
CO = 4.7 µF
25
°C
248
Output noise voltage
10 Hz
≤ f ≤ 100 kHz,
CSR† = 1
CO = 10 µF
25
°C
200
µVrms
CSR† = 1
CO = 100 µF
25
°C
130
PG trip-threshold voltage
VO voltage decreasing from above VPG
–40
°C to 125°C
0.95
×
VO(nom)
V
PG hysteresis voltage
25
°C
50
mV
PG output low voltage
IPG =1 2mA
VI = 2 13 V
25
°C
0.3
0.44
V
PG output low voltage
IPG = 1.2 mA,
VI = 2.13 V
–40
°C to 125°C
0.5
V
† CSR refers to the total series resistance, including the ESR of the capacitor, any series resistance added externally, and PWB trace resistance
to CO.
‡ Pulse-testing techniques are used to maintain virtual junction temperature as close as possible to ambient temperature; thermal effects must
be taken into account separately.


Similar Part No. - TPS7201QDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7201QDRG4 TI-TPS7201QDRG4 Datasheet
581Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
TPS7201QDRG4 TI-TPS7201QDRG4 Datasheet
626Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
More results

Similar Description - TPS7201QDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7225Q TI-TPS7225Q Datasheet
581Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
TPS7201Q TI-TPS7201Q_07 Datasheet
626Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
TPS7201Q TI-TPS7201Q Datasheet
623Kb / 36P
[Old version datasheet]   MICROPOWER LOW-DROPOUT LDO VOLTAGE REGULATORS
logo
National Semiconductor ...
LP2956A NSC-LP2956A Datasheet
654Kb / 20P
   Dual Micropower Low-Dropout Voltage Regulators
LP2952 NSC-LP2952 Datasheet
1Mb / 22P
   Adjustable Micropower Low-Dropout Voltage Regulators
LP2956 NSC-LP2956 Datasheet
501Kb / 16P
   Dual Micropower Low-Dropout Voltage Regulators
logo
Texas Instruments
LP2953QML TI1-LP2953QML Datasheet
439Kb / 24P
[Old version datasheet]   Adjustable Micropower Low-Dropout Voltage Regulators
LP2953QML TI1-LP2953QML_16 Datasheet
763Kb / 26P
[Old version datasheet]   Adjustable Micropower Low-Dropout Voltage Regulators
LP2952 TI1-LP2952 Datasheet
1Mb / 24P
[Old version datasheet]   Adjustable Micropower Low-Dropout Voltage Regulators
logo
Richtek Technology Corp...
RTQ2522A RICHTEK-RTQ2522A Datasheet
262Kb / 16P
   Ultra-Low Dropout Voltage LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com