Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS75401QPWP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS75401QPWP
Description  TPS752xxQ with RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS75401QPWP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS75401QPWP Datasheet HTML 6Page - Texas Instruments TPS75401QPWP Datasheet HTML 7Page - Texas Instruments TPS75401QPWP Datasheet HTML 8Page - Texas Instruments TPS75401QPWP Datasheet HTML 9Page - Texas Instruments TPS75401QPWP Datasheet HTML 10Page - Texas Instruments TPS75401QPWP Datasheet HTML 11Page - Texas Instruments TPS75401QPWP Datasheet HTML 12Page - Texas Instruments TPS75401QPWP Datasheet HTML 13Page - Texas Instruments TPS75401QPWP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
www.ti.com
60
70
50
40
30
20
10
0
90
80
100
100k
10k
1k
100
10
1M
10M
f
Frequency
Hz
-
-
V
=4.3V
C
=100 F
1mA
T =+25
IN
OUT
J
m
I
=
C
OUT
°
V
=4.3V
C
=100 F
2A
T =+25
IN
OUT
J
m
I
=
C
OUT
°
90
70
60
80
85
75
65
55
50
V
=5V
I
=2A
IN
OUT
-
40
10
160
60
110
T
JunctionTemperature
C
J -
- °
10
100
1k
10k
50k
1.8
1.4
1.2
0.8
0.4
0
1.6
1.0
0.6
0.2
2.0
f
Frequency
Hz
-
-
V
=4.3V
V
=3.3V
F
T =+25
IN
OUT
J
C
=100
C
OUT
m
°
I
=2A
OUT
I
=1mA
OUT
100k
10k
1k
100
10
1M
10M
f
Frequency
Hz
-
-
10
1
1
10
-
1
10
-
2
C
=100 F
I
=2A
OUT
OUT
m
C
=100 F
I
=1mA
OUT
OUT
m
TPS752xxQ
TPS754xxQ
SLVS242C – MARCH 2000 – REVISED OCTOBER 2007
TYPICAL CHARACTERISTICS (continued)
Over operating temperature range (TJ= –40°C to +125°C) unless otherwise noted. Typical values are at TJ = +25°C.
TPS75xxxQ
TPS75x33Q
GROUND CURRENT
POWER-SUPPLY RIPPLE REJECTION
vs JUNCTION TEMPERATURE
vs FREQUENCY
Figure 7.
Figure 8.
TPS75x33Q
TPS75x33Q
OUTPUT SPECTRAL NOISE DENSITY
OUTPUT IMPEDANCE
vs FREQUENCY
vs FREQUENCY
Figure 9.
Figure 10.
10
Submit Documentation Feedback
Copyright © 2000–2007, Texas Instruments Incorporated


Similar Part No. - TPS75401QPWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75401QPWP TI-TPS75401QPWP Datasheet
379Kb / 29P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75401QPWP TI-TPS75401QPWP Datasheet
833Kb / 31P
[Old version datasheet]   RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75401QPWP TI1-TPS75401QPWP Datasheet
830Kb / 31P
[Old version datasheet]   TPS752xxQ with RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75401QPWP TI1-TPS75401QPWP Datasheet
979Kb / 32P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75401QPWPG4 TI-TPS75401QPWPG4 Datasheet
833Kb / 31P
[Old version datasheet]   RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS75401QPWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75201 TI1-TPS75201 Datasheet
830Kb / 31P
[Old version datasheet]   TPS752xxQ with RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS752XXQ TI-TPS752XXQ Datasheet
833Kb / 31P
[Old version datasheet]   RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS751XXQ TI1-TPS751XXQ_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS751xxQ with Power Good Output, TPS753xxQ with RESET Output FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS751XXQ TI-TPS751XXQ Datasheet
832Kb / 31P
[Old version datasheet]   TPS751xxQ with Power Good Output, TPS753xxQ with RESET Output FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75101 TI1-TPS75101 Datasheet
830Kb / 31P
[Old version datasheet]   TPS751xxQ with Power Good Output, TPS753xxQ with RESET Output FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201-EP TI-TPS75201-EP Datasheet
388Kb / 27P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201-Q1 TI1-TPS75201-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201-Q1 TI-TPS75201-Q1 Datasheet
398Kb / 27P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS775XX TI1-TPS775XX_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS775xx with RESET Output, TPS776xx with PG Output FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501 TI-TPS77501_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS775xx with RESET Output, TPS776xx with PG Output FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com