Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS7201Q Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS7201Q
Description  MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7201Q Datasheet(HTML) 4 Page - Texas Instruments

  TPS7201Q_16 Datasheet HTML 1Page - Texas Instruments TPS7201Q_16 Datasheet HTML 2Page - Texas Instruments TPS7201Q_16 Datasheet HTML 3Page - Texas Instruments TPS7201Q_16 Datasheet HTML 4Page - Texas Instruments TPS7201Q_16 Datasheet HTML 5Page - Texas Instruments TPS7201Q_16 Datasheet HTML 6Page - Texas Instruments TPS7201Q_16 Datasheet HTML 7Page - Texas Instruments TPS7201Q_16 Datasheet HTML 8Page - Texas Instruments TPS7201Q_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
TPS7201Q, TPS7225Q, TPS7230Q
TPS7233Q, TPS7248Q, TPS7250Q, TPS72xxY
MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
SLVS102G – MARCH 1995 – REVISED JUNE 2000
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Input voltage range , VI, PG, SENSE, EN
– 0.3 V to 11 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current, IO
1.5 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Tables 1 and 2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature range, TJ
–55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
‡ All voltage values are with respect to network ground terminal.
DISSIPATION RATING TABLE 1 – FREE-AIR TEMPERATURE (see Note 1 and Figure 3)
PACKAGE
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
TA = 125°C
PACKAGE
A
POWER RATING
ABOVE TA = 25°C
A
POWER RATING
A
POWER RATING
A
POWER RATING
D
P
725 mW
1175 mW
5.8 mW/
°C
8 74 mW/
°C
464 mW
782 mW
377 mW
650 mW
145 mW
301 mW
P
PW
1175 mW
525 mW
8.74 mW/
°C
4.2 mW/
°C
782 mW
336 mW
650 mW
273 mW
301 mW
105 mW
DISSIPATION RATING TABLE 2 – CASE TEMPERATURE (see Note 1 and Figure 4)
PACKAGE
TC ≤ 25°C
DERATING FACTOR
TC = 70°C
TC = 85°C
TC = 125°C
PACKAGE
C
POWER RATING
ABOVE TC = 25°C
C
POWER RATING
C
POWER RATING
C
POWER RATING
D
P
2063 mW
2738 mW
16.5 mW/
°C
20 49 mW/
°C
1320 mW
1816 mW
1073 mW
1508 mW
413 mW
689 mW
P
PW
2738 mW
2900 mW
20.49 mW/
°C
23.2 mW/
°C
1816 mW
1856 mW
1508 mW
1508 mW
689 mW
580 mW
NOTE 1: Dissipation rating tables and figures are provided for maintenance of junction temperature at or below absolute
maximum of 150
°C. For guidelines on maintaining junction temperature within the recommended operating range,
see application information section.
Figure 3
600
400
200
0
25
50
75
100
800
1000
1200
125
150
1100
900
700
500
300
100
MAXIMUM CONTINUOUS DISSIPATION
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
D Package
R
θJA = 172°C/W
PW Package
R
θJA = 238°C/W
P Package
R
θJA = 114.4°C/W
Figure 4
MAXIMUM CONTINUOUS DISSIPATION
vs
CASE TEMPERATURE
TC – Case Temperature – °C
1500
1000
500
0
25
50
75
100
2000
2500
3000
125
150
D Package
R
θJC = 60.6°C/W
PW Package
R
θJC = 43.1°C/W
P Package
R
θJC = 48.8°C/W


Similar Part No. - TPS7201Q_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7201QD TI-TPS7201QD Datasheet
623Kb / 36P
[Old version datasheet]   MICROPOWER LOW-DROPOUT LDO VOLTAGE REGULATORS
TPS7201QD TI-TPS7201QD Datasheet
581Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
TPS7201QD TI-TPS7201QD Datasheet
626Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
TPS7201QDG4 TI-TPS7201QDG4 Datasheet
626Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
TPS7201QDR TI-TPS7201QDR Datasheet
581Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
More results

Similar Description - TPS7201Q_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7225Q TI-TPS7225Q Datasheet
581Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
TPS7201Q TI-TPS7201Q_07 Datasheet
626Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
TPS7201Q TI-TPS7201Q Datasheet
623Kb / 36P
[Old version datasheet]   MICROPOWER LOW-DROPOUT LDO VOLTAGE REGULATORS
logo
National Semiconductor ...
LP2956A NSC-LP2956A Datasheet
654Kb / 20P
   Dual Micropower Low-Dropout Voltage Regulators
LP2952 NSC-LP2952 Datasheet
1Mb / 22P
   Adjustable Micropower Low-Dropout Voltage Regulators
LP2956 NSC-LP2956 Datasheet
501Kb / 16P
   Dual Micropower Low-Dropout Voltage Regulators
logo
Texas Instruments
LP2953QML TI1-LP2953QML Datasheet
439Kb / 24P
[Old version datasheet]   Adjustable Micropower Low-Dropout Voltage Regulators
LP2953QML TI1-LP2953QML_16 Datasheet
763Kb / 26P
[Old version datasheet]   Adjustable Micropower Low-Dropout Voltage Regulators
LP2952 TI1-LP2952 Datasheet
1Mb / 24P
[Old version datasheet]   Adjustable Micropower Low-Dropout Voltage Regulators
logo
Richtek Technology Corp...
RTQ2522A RICHTEK-RTQ2522A Datasheet
262Kb / 16P
   Ultra-Low Dropout Voltage LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com