Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

593D107X9010D2W Datasheet(PDF) 6 Page - Texas Instruments

Part # 593D107X9010D2W
Description  FIXED NEGATIVE 5-V 200-mA INVERTING DC/DC CONVERTER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

593D107X9010D2W Datasheet(HTML) 6 Page - Texas Instruments

Back Button 593D107X9010D2W Datasheet HTML 2Page - Texas Instruments 593D107X9010D2W Datasheet HTML 3Page - Texas Instruments 593D107X9010D2W Datasheet HTML 4Page - Texas Instruments 593D107X9010D2W Datasheet HTML 5Page - Texas Instruments 593D107X9010D2W Datasheet HTML 6Page - Texas Instruments 593D107X9010D2W Datasheet HTML 7Page - Texas Instruments 593D107X9010D2W Datasheet HTML 8Page - Texas Instruments 593D107X9010D2W Datasheet HTML 9Page - Texas Instruments 593D107X9010D2W Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
TPS6735
FIXED NEGATIVE 5V 200mA INVERTING DC/DC CONVERTER
SLVS141A − JULY 1996 − REVISED JANUARY 1997
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
electrical characteristics over recommended operating free-air temperature range, VCC = 5 V,
IO = 0, EN = 5 V, typical values are at TA = 25°C (unless otherwise noted) (refer to Figure 15)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
Supply current
1.9
mA
Standby current
EN = 0.4 V
1
10
µA
High-level input threshold voltage, EN
2
V
Low-level input threshold voltage, EN
0.4
V
Input current, EN
1
1
µA
Compensation pin impedance
7.5
k
Oscillator frequency
160
kHz
Reference voltage
IO(ref) ≤ 125 µA
1.22
V
Reference drift
50
ppm/
°C
Undervoltage lockout
3.7
V
On resistance, OUT
0.4
Leakage current, OUT
20
nA
performance characteristics over recommended operating free-air temperature range, typical
values at TA = 25°C (unless otherwise noted) (refer to Figure 15)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
Output voltage
VCC = 4.5 V to 6.2 V
IO = 0 mA to 200 mA
−4.75
−5
−5.25
V
Load current
VCC = 4.5 V to 6.2 V
200
270
mA
Line regulation
VCC = 4.5 V to 6.2 V
0.2%
Load regulation
IO = 25 mA to 200 mA
0.2%
Efficiency
IO =100 mA
78%


Similar Part No. - 593D107X9010D2W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
593D107X9010D2W VISHAY-593D107X9010D2W Datasheet
148Kb / 11P
   Solid Tantalum Chip Capacitors Tantamount Commercial, Surface Mount for Switch Mode Power Supplies and Converters
Revision 01-Mar-04
593D107X9010D2WE3 VISHAY-593D107X9010D2WE3 Datasheet
117Kb / 6P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® , Molded Case, Low ESR
Revision: 20-Oct-08
593D107X9010D2WE3 VISHAY-593D107X9010D2WE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
593D107X9010D2WE3 VISHAY-593D107X9010D2WE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
593D107X9010D2WE3 VISHAY-593D107X9010D2WE3 Datasheet
398Kb / 19P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
More results

Similar Description - 593D107X9010D2W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLVS141A TI1-SLVS141A Datasheet
366Kb / 18P
[Old version datasheet]   FIXED NEGATIVE 5-V 200-mA INVERTING DC/DC CONVERTER
TPS6735 TI-TPS6735 Datasheet
306Kb / 18P
[Old version datasheet]   FIXED NEGATIVE 5-V 200-mA INVERTING DC/DC CONVERTER
logo
Analog Devices
ADP1073 AD-ADP1073_15 Datasheet
44Kb / 2P
   Micropower DC-DC Converter Adjustable and Fixed 5 V, 12 V
REV. 0
logo
Texas Instruments
TPS60100 TI-TPS60100_15 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI1-TPS60100_16 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI-TPS60100 Datasheet
348Kb / 22P
[Old version datasheet]   REGULATED 3.3 V 200-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
logo
Semtech Corporation
SC1652 SEMTECH-SC1652 Datasheet
81Kb / 4P
   MICROPOWER INVERTING DC-DC CONVERTER
logo
Analog Microelectronics
AME5150 AME-AME5150 Datasheet
111Kb / 14P
   Micropower Inverting DC/DC Converter
logo
Microsemi Corporation
LX1734 MICROSEMI-LX1734 Datasheet
198Kb / 8P
   1.0MHz Inverting DC/DC Converter
logo
Analog Intergrations Co...
AIC1652 AIC-AIC1652 Datasheet
57Kb / 6P
   MICROPOWER INVERTING DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com