Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

593D476X9016D2W Datasheet(PDF) 5 Page - Texas Instruments

Part # 593D476X9016D2W
Description  FIXED NEGATIVE 5-V 200-mA INVERTING DC/DC CONVERTER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

593D476X9016D2W Datasheet(HTML) 5 Page - Texas Instruments

  593D476X9016D2W Datasheet HTML 1Page - Texas Instruments 593D476X9016D2W Datasheet HTML 2Page - Texas Instruments 593D476X9016D2W Datasheet HTML 3Page - Texas Instruments 593D476X9016D2W Datasheet HTML 4Page - Texas Instruments 593D476X9016D2W Datasheet HTML 5Page - Texas Instruments 593D476X9016D2W Datasheet HTML 6Page - Texas Instruments 593D476X9016D2W Datasheet HTML 7Page - Texas Instruments 593D476X9016D2W Datasheet HTML 8Page - Texas Instruments 593D476X9016D2W Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
TPS6735
FIXED NEGATIVE 5V 200mA INVERTING DC/DC CONVERTER
SLVS141A − JULY 1996 − REVISED JANUARY 1997
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
SS clamp
The SS clamp circuit limits the signal level on error-amplifier output during start-up. The voltage on SS is
amplified and used to override the error-amplifier output until it rises above that output, at which point the error
amplifier takes over. This prevents the input to the PWM comparator from exceeding its common-mode range
(i.e., error amplifier output too high to be reached by the current ramp) by limiting the maximum voltage on the
error-amplifier output during start-up.
Soft start causes the output voltage to increase to the regulation point at the controlled rate. The voltage on the
charging soft-start capacitor gradually raises the clamp on the error amplifier output voltage, limiting surge
currents at power up by increasing the current limit threshold on a cycle-by-cycle basis. A soft-start cycle is
initiated when either the enable (EN) signal is switched high or an overcurrent fault condition triggers the
discharge of the soft-start capacitor.
undervoltage lockout (UVLO)
The supply voltage is fed through a voltage divider to the input of the UVLO and compared to a reference. The
undervoltage-lockout logic prevents the MOSFET from turning on while the supply voltage is below the
undervoltage-lockout voltage threshold, and once the supply voltage on VCC is above the threshold, an SS cycle
is initiated.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
D
725 mW
5.8 mW/
°C
464 mW
377 mW
P
1175 mW
9.4 mW/
°C
752 mW
611 mW
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Pin voltages:
VCC (see Note 1)
−0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
OUT to VCC
12.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
FB (see Note 1)
25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SS, COMP, EN voltage range (see Note 1)
−0.3 V to VCC +0.3 V
. . . . . . . . . . . . . . . . . . . .
Peak switch current
2 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reference current
2.5 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
−40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6mm (1/16 inch) from case for 10 s
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to network terminal ground.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage
4
6.2
V
Decoupling capacitor
1
µF
Input capacitor
47
µF
Reference capacitor
10
µF
Output capacitor
100
µF
Compensation capacitor
82
pF
Inductor
10
µH


Similar Part No. - 593D476X9016D2W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
593D476X9016D2T VISHAY-593D476X9016D2T Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Oct-12
More results

Similar Description - 593D476X9016D2W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLVS141A TI1-SLVS141A Datasheet
366Kb / 18P
[Old version datasheet]   FIXED NEGATIVE 5-V 200-mA INVERTING DC/DC CONVERTER
TPS6735 TI-TPS6735 Datasheet
306Kb / 18P
[Old version datasheet]   FIXED NEGATIVE 5-V 200-mA INVERTING DC/DC CONVERTER
logo
Analog Devices
ADP1073 AD-ADP1073_15 Datasheet
44Kb / 2P
   Micropower DC-DC Converter Adjustable and Fixed 5 V, 12 V
REV. 0
logo
Texas Instruments
TPS60100 TI-TPS60100_15 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI1-TPS60100_16 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI-TPS60100 Datasheet
348Kb / 22P
[Old version datasheet]   REGULATED 3.3 V 200-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
logo
Semtech Corporation
SC1652 SEMTECH-SC1652 Datasheet
81Kb / 4P
   MICROPOWER INVERTING DC-DC CONVERTER
logo
Analog Microelectronics
AME5150 AME-AME5150 Datasheet
111Kb / 14P
   Micropower Inverting DC/DC Converter
logo
Microsemi Corporation
LX1734 MICROSEMI-LX1734 Datasheet
198Kb / 8P
   1.0MHz Inverting DC/DC Converter
logo
Analog Intergrations Co...
AIC1652 AIC-AIC1652 Datasheet
57Kb / 6P
   MICROPOWER INVERTING DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com