Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DG9431 Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. DG9431
Description  Low-Voltage Single SPDT Analog Switch
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9431 Datasheet(HTML) 4 Page - Vishay Siliconix

  DG9431 Datasheet HTML 1Page - Vishay Siliconix DG9431 Datasheet HTML 2Page - Vishay Siliconix DG9431 Datasheet HTML 3Page - Vishay Siliconix DG9431 Datasheet HTML 4Page - Vishay Siliconix DG9431 Datasheet HTML 5Page - Vishay Siliconix DG9431 Datasheet HTML 6Page - Vishay Siliconix DG9431 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DG9431
Vishay Siliconix
www.vishay.com
S FaxBack 408-970-5600
4-4
Document Number: 70831
S-63598—Rev. B, 26-Jul-99
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
–2.5
–2.0
–1.5
–1.0
–0.5
0.0
0.5
1.0
1.5
2.0
2.5
012345
12
15
18
21
24
27
30
012345
25
45
65
85
105
125
–140
–120
–100
–80
–60
–40
–500
0
500
1000
1500
2000
2500
3000
012345
–2
–1.5
–1.0
–0.5
0.0
0.5
1.0
1.5
2.0
0
0.5
1.0
1.5
2.0
2.5
3.0
Charge Injection
Supply Current vs. VIN
Off-Leakage vs. Voltage @ 25
_CrDS vs. VCOM
Leakage Current vs. Temperature
Off-Isolation vs. Frequency
VCOM
VIN
Frequency (Hz)
VCOM
V+ = 3 V
V+ = 3 V
V+ = 5 V
V+ = 5 V
Temperature (
_C)
ICOM
INO/NC
V+ = 5 V
VCOM
ICOM(on)
ICOM(off)
10 nA
1 nA
100 pA
10 pA
1 pA
0.1 pA
0.1 M
1 M
10 M
0.01 M
0.001 M
V+ = 3 V


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn