Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C63412 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C63412
Description  Low-speed USB Peripheral Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C63412 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C63412 Datasheet HTML 3Page - Cypress Semiconductor CY7C63412 Datasheet HTML 4Page - Cypress Semiconductor CY7C63412 Datasheet HTML 5Page - Cypress Semiconductor CY7C63412 Datasheet HTML 6Page - Cypress Semiconductor CY7C63412 Datasheet HTML 7Page - Cypress Semiconductor CY7C63412 Datasheet HTML 8Page - Cypress Semiconductor CY7C63412 Datasheet HTML 9Page - Cypress Semiconductor CY7C63412 Datasheet HTML 10Page - Cypress Semiconductor CY7C63412 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
CY7C63411/12/13
CY7C63511/12/13
CY7C63612/13
FOR
FOR
Document #: 38-08027 Rev. **
Page 7 of 36
.
Note:
1.
CY7C63612/13 is not bonded out for all GPIO pins shown in Logic Block Diagram. Refer to pin configuration diagram for bonded out pins. See note on page 17
for firmware code needed for unused GPIO pins.
Logic Block Diagram
Interrupt
Controller
EPROM
12-bit
Timer
Reset
Watch Dog
Timer
Power-on
GPIO
PORT 1
GPIO
PORT 0
P0[0]
P0[7]
P1[0]
P1[7]
6-MHz ceramic resonator
RAM
USB
SIE
USB
Transceiver
D+
D–
USB
GPIO
PORT 3
GPIO
PORT 2
P2[0]
P2[7]
P3[0]
P3[7]
DAC
PORT
DAC[0]
DAC[7]
High Current
Outputs
256 byte
4/6/8 Kbyte
OSC
6 MHz
12-MHz
8-bit
CPU
12 MHz
Pin Configuration
PS/2
PORT
CY7C63612/13
1
2
3
4
5
6
7
9
11
12
D–
10
8
15
14
13
17
16
19
18
21
20
23
22
24
VCC
VSS
P3[6]
P3[4]
P1[2]
P1[0]
P0[6]
P0[4]
P3[7]
P3[5]
P1[3]
P1[1]
P0[7]
P0[5]
P0[3]
P0[1]
VPP
Vss
D+
P0[2]
P0[0]
XTALOUT
XTALIN
24-pin SOIC
TOP VIEW
See Note 1
CY7C63411/12/13
1
2
3
4
5
6
7
9
11
12
13
14
15
16
18
17
D–
10
8
19
20
31
30
29
33
32
35
34
37
36
39
38
40
25
27
26
28
VCC
VSS
P3[6]
P3[4]
P3[2]
P3[0]
P2[6]
P2[4]
P3[7]
P3[5]
P3[3]
P3[1]
P2[7]
P2[5]
P2[3]
P2[1]
P1[7]
P1[5]
P1[3]
P1[1]
P0[7]
P0[5]
P0[3]
P0[1]
VPP
Vss
D+
P2[2]
P2[0]
P1[6]
P1[4]
P1[2]
P1[0]
P0[6]
P0[4]
P0[2]
P0[0]
XTALOUT
XTALIN
40-pin PDIP
48-pin SSOP
TOP VIEW
1
2
3
4
5
6
7
9
11
12
13
14
15
16
18
17
D–
10
8
19
20
31
30
29
33
32
35
34
37
36
39
38
41
40
43
42
45
44
46
48
47
21
22
23
24
25
27
26
28
VCC
Vss
P3[6]
P3[4]
P3[2]
P3[0]
P2[6]
P2[4]
P3[7]
P3[5]
P3[3]
P3[1]
P2[7]
P2[5]
P2[3]
P2[1]
P1[7]
P1[5]
P1[3]
P1[1]
NC
NC
P0[7]
P0[5]
P0[3]
P0[1]
NC
NC
VPP
Vss
D+
P2[2]
P2[0]
P1[6]
P1[4]
P1[2]
P1[0]
NC
NC
P0[6]
P0[4]
P0[2]
P0[0]
NC
NC
XTALOUT
XTALIN
48-pin SSOP
1
2
3
4
5
6
7
9
11
12
13
14
15
16
18
17
D–
10
8
19
20
31
30
29
33
32
35
34
37
36
39
38
41
40
43
42
45
44
46
48
47
21
22
23
24
25
27
26
28
VCC
Vss
P3[6]
P3[4]
P3[2]
P3[0]
P2[6]
P2[4]
P3[7]
P3[5]
P3[3]
P3[1]
P2[7]
P2[5]
P2[3]
P2[1]
P1[7]
P1[5]
P1[3]
P1[1]
DAC[7]
DAC[5]
P0[7]
P0[5]
P0[3]
P0[1]
DAC[3]
DAC[1]
VPP
Vss
D+
P2[2]
P2[0]
P1[6]
P1[4]
P1[2]
P1[0]
DAC[6]
DAC[4]
P0[6]
P0[4]
P0[2]
P0[0]
DAC[2]
DAC[0]
XTALOUT
XTALIN
21
23
22
24
40-pin CerDIP
48-pin SideBraze
48-pin SideBraze
TOP VIEW


Similar Part No. - CY7C63412

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C63413C CYPRESS-CY7C63413C Datasheet
1Mb / 32P
   Low-Speed High I/O, 1.5-Mbps USB Controller
CY7C63413C-PVXC CYPRESS-CY7C63413C-PVXC Datasheet
1Mb / 32P
   Low-Speed High I/O, 1.5-Mbps USB Controller
CY7C63413C-PVXCT CYPRESS-CY7C63413C-PVXCT Datasheet
1Mb / 32P
   Low-Speed High I/O, 1.5-Mbps USB Controller
CY7C63413C-PXC CYPRESS-CY7C63413C-PXC Datasheet
1Mb / 32P
   Low-Speed High I/O, 1.5-Mbps USB Controller
CY7C63413C-XC CYPRESS-CY7C63413C-XC Datasheet
1Mb / 32P
   Low-Speed High I/O, 1.5-Mbps USB Controller
More results

Similar Description - CY7C63412

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C63221 CYPRESS-CY7C63221 Datasheet
1Mb / 50P
   Low-speed USB Peripheral Controller
CY7C63221A CYPRESS-CY7C63221A_04 Datasheet
966Kb / 50P
   Low-speed USB Peripheral Controller
CY7C632XX CYPRESS-CY7C632XX Datasheet
44Kb / 3P
   Low-speed USB Peripheral Controller
CY7C63221A CYPRESS-CY7C63221A Datasheet
960Kb / 49P
   enCoRe USB Low-speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310_11 Datasheet
1Mb / 86P
   enCoRe??II Low Speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310_08 Datasheet
1Mb / 83P
   enCoRe II Low Speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310 Datasheet
1Mb / 83P
   enCoRe??II Low-Speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310_12 Datasheet
1,018Kb / 91P
   enCoRe??II Low Speed USB Peripheral Controller
CY7C63923-PVXC CYPRESS-CY7C63923-PVXC Datasheet
1Mb / 68P
   enCoRe??II Low-Speed USB Peripheral Controller
logo
NXP Semiconductors
ISP1582 NXP-ISP1582 Datasheet
364Kb / 69P
   Hi-Speed USB peripheral controller
Rev. 07-22 September 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com