Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8B1044C-Z Datasheet(PDF) 1 Page - Copal Electronics

Part # 8B1044C-Z
Description  Toggle Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

8B1044C-Z Datasheet(HTML) 1 Page - Copal Electronics

  8B1044C-Z Datasheet HTML 1Page - Copal Electronics 8B1044C-Z Datasheet HTML 2Page - Copal Electronics 8B1044C-Z Datasheet HTML 3Page - Copal Electronics 8B1044C-Z Datasheet HTML 4Page - Copal Electronics 8B1044C-Z Datasheet HTML 5Page - Copal Electronics 8B1044C-Z Datasheet HTML 6Page - Copal Electronics 8B1044C-Z Datasheet HTML 7Page - Copal Electronics 8B1044C-Z Datasheet HTML 8Page - Copal Electronics 8B1044C-Z Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
■Introduction
The 8 Series Toggles is Copal Electronics' high-
reliability miniature switch product offering. This
product line meets and exceeds all basic international
switch standards.
With 8 toggle options, PC and solder lug terminals,
power and logic level current ratings, 1-4 pole and
THU` JPYJ\P[ VLYPUNZ [OLZL Z^P[JOLZ JHU IL \ZLK PU
many industries and various applications within these
industries.
Four of the 8 Series lines are washable. Specifically
designed for PC applications with automated solder
and cleaning methods.
The 8 Series is available with UL Recognition and CSA
*LY[PÄJH[PVU\WVUYLX\LZ[MYVT[OLJ\Z[VTLY
■Applications
●*VTT\UPJH[PVULX\PWTLU[
●*VTW\[LYWLYPWOLYHSLX\PWTLU[
●Measuring instruments
●4LKPJHSLX\PWTLU[
●Automotive diagnosis
The switches can be used in a wide range of fields
MYVTPUK\Z[YPHS[VJVUZ\TLYLX\PWTLU[
■Features of 8 Series Toggles
1. Terminal style :
Solder, Straight, Right angle and vertical mount PC terminals.
2. Contacts :
Silver or gold.
3. Epoxy resin case :
UL94V-0 self-extinguishing epoxy.
4. Actuator styles :
Over 30 actuator variations.
5. Insulation between terminal and ground :
4 mm minimum.
7YL]LU[PVUVMÅ\_LU[Y`
The epoxy resin seal on bottom of the switch helps
WYL]LU[[OLLU[Y`VMZVSKLYHUKÅ\_
7. Insulation barrier :
Insulation barrier design between poles helps prevent
short-circuiting between poles ensuring high reliability.
8. UL Recognized product
File No.E43275
*:(*LY[PÄLKWYVK\J[
-PSL5V39
10. For the UL Recognized and CSA Certified
products please see page 412.
8 Series
Toggle Switches


Similar Part No. - 8B1044C-Z

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
8B10B ALTERA-8B10B Datasheet
495Kb / 40P
   Encoder/Decoder
logo
Actel Corporation
8B10B ACTEL-8B10B Datasheet
145Kb / 12P
   8b10b Macro
More results

Similar Description - 8B1044C-Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1MD1T2B4M6RE ETC2-1MD1T2B4M6RE Datasheet
376Kb / 18P
   Toggle Switches
logo
NTE Electronics
54-020 NTE-54-020 Datasheet
5Mb / 21P
   Toggle Switches
logo
List of Unclassifed Man...
9103A ETC2-9103A Datasheet
67Kb / 1P
   Toggle Switches
7580K6 ETC2-7580K6 Datasheet
1Mb / 35P
   Toggle Switches
logo
Carling Technologies
LT1561-130-012 CARLINGTECH-LT1561-130-012 Datasheet
812Kb / 2P
   Toggle Switches
IK251-73 CARLINGTECH-IK251-73 Datasheet
59Kb / 1P
   Toggle Switches
logo
List of Unclassifed Man...
7695K5 ETC2-7695K5 Datasheet
1Mb / 35P
   Toggle Switches
logo
NTE Electronics
54-001 NTE-54-001 Datasheet
5Mb / 21P
   Toggle Switches
logo
List of Unclassifed Man...
7105A ETC2-7105A Datasheet
79Kb / 1P
   toggle switches
10TL020 ETC2-10TL020 Datasheet
142Kb / 1P
   Toggle Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com