Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1338F-66BGC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C1338F-66BGC
Description  4-Mb (128K x 32) Flow-Through Sync SRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1338F-66BGC Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C1338F-66BGC Datasheet HTML 3Page - Cypress Semiconductor CY7C1338F-66BGC Datasheet HTML 4Page - Cypress Semiconductor CY7C1338F-66BGC Datasheet HTML 5Page - Cypress Semiconductor CY7C1338F-66BGC Datasheet HTML 6Page - Cypress Semiconductor CY7C1338F-66BGC Datasheet HTML 7Page - Cypress Semiconductor CY7C1338F-66BGC Datasheet HTML 8Page - Cypress Semiconductor CY7C1338F-66BGC Datasheet HTML 9Page - Cypress Semiconductor CY7C1338F-66BGC Datasheet HTML 10Page - Cypress Semiconductor CY7C1338F-66BGC Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
CY7C1338F
Document #: 38-05218 Rev. *A
Page 7 of 17
Partial Truth Table for Read/Write[2, 7]
Function
GW
BWE
BWD
BWC
BWB
BWA
Read
H
H
XXXX
Read
H
L
HHHH
Write Byte A
H
L
HHH
L
Write Byte B
H
L
H
H
L
H
Write Bytes B, A
H
L
H
H
L
L
Write Byte C
H
LH
LH
H
Write Bytes C, A
H
L
H
L
H
L
Write Bytes C, B
H
L
H
L
L
H
Write Bytes C, B, A
H
L
H
L
L
L
Write Byte D
H
L
L
HHH
Write Bytes D, A
H
L
L
H
H
L
Write Bytes D, B
H
L
L
H
L
H
Write Bytes D, B, A
H
L
L
H
L
L
Write Bytes D, B
H
L
L
L
H
H
Write Bytes D, B, A
H
L
L
L
H
L
Write Bytes D, C, A
H
LLLL
H
Write All Bytes
H
LLLLL
Write All Bytes
L
XXXXX


Similar Part No. - CY7C1338F-66BGC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1338 CYPRESS-CY7C1338 Datasheet
277Kb / 16P
   128K x 32 Synchronous-Flow-Through 3.3V Cache RAM
CY7C1338-100AC CYPRESS-CY7C1338-100AC Datasheet
277Kb / 16P
   128K x 32 Synchronous-Flow-Through 3.3V Cache RAM
CY7C1338-117AC CYPRESS-CY7C1338-117AC Datasheet
277Kb / 16P
   128K x 32 Synchronous-Flow-Through 3.3V Cache RAM
CY7C1338-50AC CYPRESS-CY7C1338-50AC Datasheet
277Kb / 16P
   128K x 32 Synchronous-Flow-Through 3.3V Cache RAM
CY7C1338-90AC CYPRESS-CY7C1338-90AC Datasheet
277Kb / 16P
   128K x 32 Synchronous-Flow-Through 3.3V Cache RAM
More results

Similar Description - CY7C1338F-66BGC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1345F CYPRESS-CY7C1345F Datasheet
421Kb / 17P
   4-Mb (128K x 36) Flow-Through Sync SRAM
CY7C1338G CYPRESS-CY7C1338G_06 Datasheet
396Kb / 17P
   4-Mbit (128K x 32) Flow-Through Sync SRAM
CY7C1338G CYPRESS-CY7C1338G Datasheet
291Kb / 17P
   4-Mbit (128K x 32) Flow-Through Sync SRAM
CY7C1324F CYPRESS-CY7C1324F Datasheet
325Kb / 15P
   2-Mb (128K x 18) Flow-Through Sync SRAM
CY7C1214F CYPRESS-CY7C1214F Datasheet
290Kb / 15P
   1-Mb (32K x 32) Flow-Through Sync SRAM
CY7C1365B CYPRESS-CY7C1365B Datasheet
328Kb / 16P
   9-Mb (265K x 32) Flow-Through Sync SRAM
CY7C1340F CYPRESS-CY7C1340F Datasheet
348Kb / 17P
   4-Mb (128K x 32) Pipelined DCD Sync SRAM
CY7C1325F-117AC CYPRESS-CY7C1325F-117AC Datasheet
430Kb / 17P
   4-Mb (256K x 18) Flow-Through Sync SRAM
CY7C1345G CYPRESS-CY7C1345G_07 Datasheet
767Kb / 20P
   4-Mbit (128K x 36) Flow Through Sync SRAM
CY7C1345G CYPRESS-CY7C1345G Datasheet
331Kb / 17P
   4-Mbit (128K x 36) Flow-Through Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com