Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS73725DCQRG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73725DCQRG4
Description  1-A Low-Dropout Regulator With Reverse Current Protection
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS73725DCQRG4 Datasheet(HTML) 1 Page - Texas Instruments

  TPS73725DCQRG4 Datasheet HTML 1Page - Texas Instruments TPS73725DCQRG4 Datasheet HTML 2Page - Texas Instruments TPS73725DCQRG4 Datasheet HTML 3Page - Texas Instruments TPS73725DCQRG4 Datasheet HTML 4Page - Texas Instruments TPS73725DCQRG4 Datasheet HTML 5Page - Texas Instruments TPS73725DCQRG4 Datasheet HTML 6Page - Texas Instruments TPS73725DCQRG4 Datasheet HTML 7Page - Texas Instruments TPS73725DCQRG4 Datasheet HTML 8Page - Texas Instruments TPS73725DCQRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
TPS737xx
GND
EN
FB
IN
OUT
V
IN
V
OUT
Optional
1.0 F
m
OFF
ON
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS737
SBVS067Q – JANUARY 2006 – REVISED MAY 2015
TPS737xx 1-A Low-Dropout Regulator With Reverse Current Protection
1 Features
3 Description
The TPS737xx family of linear low-dropout (LDO)
1
Stable With 1-
μF or Larger Ceramic Output
voltage regulators uses an NMOS pass element in a
Capacitor
voltage-follower
configuration.
This
topology
is
Input Voltage Range: 2.2 V to 5.5 V
relatively insensitive to output capacitor value and
Ultralow Dropout Voltage: 130 mV Typical at 1 A
ESR, allowing a wide variety of load configurations.
Load transient response is excellent, even with a
Excellent Load Transient Response—Even With
small 1-
μF ceramic output capacitor. The NMOS
Only 1-
μF Output Capacitor
topology also allows very low dropout.
NMOS Topology Delivers Low Reverse Leakage
The TPS737xx family uses an advanced BiCMOS
Current
process to yield high precision while delivering very
1% Initial Accuracy
low dropout voltages and low ground pin current.
3% Overall Accuracy Over Line, Load, and
Current consumption, when not enabled, is less than
Temperature
20 nA and ideal for portable applications. These
devices are protected by thermal shutdown and
Less Than 20 nA Typical IQ in Shutdown Mode
foldback current limit.
Thermal Shutdown and Current Limit for Fault
Protection
For applications that require higher output voltage
accuracy, consider TI's TPS7A37xx family of 1%
Available in Multiple Output Voltage Versions
overall accuracy, 1-A low-dropout voltage regulators.
Adjustable Output: 1.20 V to 5.5 V
Custom Outputs Available Using Factory
Device Information(1)
Package-Level Programming
PART NUMBER
PACKAGE
BODY SIZE (NOM)
VSON (8)
3.00 mm × 3.00 mm
2 Applications
TPS737xx
SOT-223 (6)
6.50 mm × 3.50 mm
Point-of-Load Regulation for DSPs, FPGAs,
WSON (6)
2.00 mm × 2.00 mm
ASICs, and Microprocessors
(1) For all available packages, see the orderable addendum at
Post-Regulation for Switching Supplies
the end of the data sheet.
Portable and Battery-Powered Equipment
space
Typical Application Circuit
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS73725DCQRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73725DCQRG4 TI-TPS73725DCQRG4 Datasheet
972Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73725DCQRG4 TI-TPS73725DCQRG4 Datasheet
991Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73725DCQRG4 TI1-TPS73725DCQRG4 Datasheet
1Mb / 31P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
More results

Similar Description - TPS73725DCQRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73719-Q1 TI1-TPS73719-Q1 Datasheet
536Kb / 19P
[Old version datasheet]   1-A LOW-DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73719-Q1 TI-TPS73719-Q1_15 Datasheet
991Kb / 22P
[Old version datasheet]   1-A LOW-DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73719-Q1 TI1-TPS73719-Q1_16 Datasheet
1Mb / 26P
[Old version datasheet]   1-A Low-Dropout Regulator With Reverse Current Protection
TPS737 TI-TPS737_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS737xx 1-A Low-Dropout Regulator With Reverse Current Protection
TPS737 TI-TPS737 Datasheet
2Mb / 40P
[Old version datasheet]   TPS737 1-A Low-Dropout Regulator With Reverse Current Protection
REVISED NOVEMBER 2023
TPS7A37 TI-TPS7A37_15 Datasheet
1,023Kb / 26P
[Old version datasheet]    1% High-Accuracy, 1-A, Low-Dropout Regulator with Reverse Current Protection
TPS7A37 TI1-TPS7A37_16 Datasheet
1Mb / 31P
[Old version datasheet]   High-Accuracy, 1-A, Low-Dropout Regulator With Reverse Current Protection
TPS7A37 TI1-TPS7A37 Datasheet
1Mb / 24P
[Old version datasheet]   1% High-Accuracy, 1-A, Low-Dropout Regulator with Reverse Current Protection
TPS73718 TI-TPS73718 Datasheet
972Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73701 TI1-TPS73701_13 Datasheet
1Mb / 31P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com