Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS718xx-yywwwz Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS718xx-yywwwz
Description  Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS718xx-yywwwz Datasheet(HTML) 5 Page - Texas Instruments

  TPS718xx-yywwwz Datasheet HTML 1Page - Texas Instruments TPS718xx-yywwwz Datasheet HTML 2Page - Texas Instruments TPS718xx-yywwwz Datasheet HTML 3Page - Texas Instruments TPS718xx-yywwwz Datasheet HTML 4Page - Texas Instruments TPS718xx-yywwwz Datasheet HTML 5Page - Texas Instruments TPS718xx-yywwwz Datasheet HTML 6Page - Texas Instruments TPS718xx-yywwwz Datasheet HTML 7Page - Texas Instruments TPS718xx-yywwwz Datasheet HTML 8Page - Texas Instruments TPS718xx-yywwwz Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
EN1
GND
GND
EN2
6
5
4
OUT1
IN
OUT2
1
2
3
OUT1
IN
OUT2
EN1
GND
EN2
C2
B2
A2
C1
B1
A1
TPS718xx
TPS719xx
TPS718Axx
TPS719Axx
OUT1
IN
OUT2
EN1
GND
EN2
A1
B1
C1
A2
B2
C2
TPS718xx
TPS719xx
www.ti.com..................................................................................................................................................... SBVS088C – FEBRUARY 2007 – REVISED MAY 2008
DRV PACKAGE
SON-6
(TOP VIEW)
YZC PACKAGE
6-BALL WCSP
(TOP VIEW)
YZC PACKAGE
6-BALL WCSP
(TOP VIEW)
PIN DESCRIPTIONS
TPS718xx
TPS718Axx(1)
TPS719xx
TPS719Axx(1)
NAME
DRV
YZC
YZC
DESCRIPTION
Output of Regulator 1. A small ceramic capacitor (typically
≥ 1
µF) is
OUT1
1
C1
A2
needed from this pin to ground to assure stability.
IN
2
B1
B2
Input supply to both regulators.
Output of Regulator 2. A small ceramic capacitor (typically
≥ 1
µF) is
OUT2
3
A1
C2
needed from this pin to ground to assure stability.
Enable pin for Regulator 2. Driving the Enable pin (EN2) high turns on
EN2
4
A2
C1
Regulator 2. Driving this pin low puts Regulator 2 into shutdown mode,
reducing operating current.
GND
5
B2
B1
Ground. DRV thermal pad should also be connected to ground.
Enable pin for Regulator 1. Driving the Enable pin (EN1) high turns on
EN1
6
C2
A1
Regulator 1. Driving this pin low puts Regulator 1 into shutdown mode,
reducing operating current.
(1)
A option denotes devices with rotated Pin 1 orientation on Wafer Chipscale packages.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS718xx TPS719xx


Similar Part No. - TPS718xx-yywwwz

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS718XX TI-TPS718XX Datasheet
506Kb / 15P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators in 2mm x 2mm SON Package
TPS718xx TI-TPS718xx Datasheet
849Kb / 23P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS718XX TI1-TPS718XX Datasheet
1Mb / 26P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS718XX TI-TPS718XX_07 Datasheet
325Kb / 18P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators in 2mm x 2mm SON Package
TPS718XX TI-TPS718XX_08 Datasheet
849Kb / 23P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
More results

Similar Description - TPS718xx-yywwwz

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71812-33 TI1-TPS71812-33 Datasheet
905Kb / 24P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS71812 TI-TPS71812 Datasheet
774Kb / 23P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS718XX TI-TPS718XX_08 Datasheet
849Kb / 23P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS718XX TI1-TPS718XX_17 Datasheet
1Mb / 26P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS72301 TI1-TPS72301_16 Datasheet
1Mb / 25P
[Old version datasheet]   200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
logo
ams AG
AS1374 AMSCO-AS1374_04 Datasheet
1Mb / 19P
   Dual 200mA, Low-Noise, High-PSRR, Low Dropout Regulators
logo
Texas Instruments
TPS72301 TI1-TPS72301_V01 Datasheet
1Mb / 25P
[Old version datasheet]   TPS723xx 200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
TPS723 TI-TPS723_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS723xx 200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
logo
ams AG
AS1374 AMSCO-AS1374 Datasheet
2Mb / 14P
   200mA, Ultra-Low-Noise, High-PSRR, Dual Low Dropout Regulators
logo
Texas Instruments
TPS718XX TI-TPS718XX Datasheet
506Kb / 15P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators in 2mm x 2mm SON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com