Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS71H01QPWPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS71H01QPWPR
Description  LOW-DROPOUT VOLTAGE REGULATORS
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS71H01QPWPR Datasheet(HTML) 1 Page - Texas Instruments

  TPS71H01QPWPR Datasheet HTML 1Page - Texas Instruments TPS71H01QPWPR Datasheet HTML 2Page - Texas Instruments TPS71H01QPWPR Datasheet HTML 3Page - Texas Instruments TPS71H01QPWPR Datasheet HTML 4Page - Texas Instruments TPS71H01QPWPR Datasheet HTML 5Page - Texas Instruments TPS71H01QPWPR Datasheet HTML 6Page - Texas Instruments TPS71H01QPWPR Datasheet HTML 7Page - Texas Instruments TPS71H01QPWPR Datasheet HTML 8Page - Texas Instruments TPS71H01QPWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
TPS71H01Q, TPS71H33Q, TPS71H48Q, TPS71H50Q
LOW DROPOUT VOLTAGE REGULATORS
SLVS152B − NOVEMBER 1996 − REVISED AUGUST 2002
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Available in 5-V, 4.85-V, and 3.3-V
Fixed-Output and Adjustable Versions
D Very Low-Dropout Voltage . . . Maximum of
32 mV at IO = 100 mA (TPS71H50)
D Very Low Quiescent Current − Independent
of Load . . . 285
µA Typ
D Extremely Low Sleep-State Current
0.5
µA Max
D 2% Tolerance Over Specified Conditions
For Fixed-Output Versions
D Output Current Range of 0 mA to 500 mA
D TSSOP Package Option Offers Reduced
Component Height for Space-Critical
Applications
D Thermally Enhanced Surface-Mount
Package
D Power-Good (PG) Status Output
description
The TPS71Hxx integrated circuits are a family of
micropower low-dropout (LDO) voltage regula-
tors. An order of magnitude reduction in dropout
voltage and quiescent current over conventional
LDO performance is achieved by replacing the
typical pnp pass transistor with a PMOS device.
Because the PMOS device behaves as a
low-value resistor, the dropout voltage is very low
(maximum of 32 mV at an output current of
100 mA for the TPS71H50) and is directly
proportional to the output current (see Figure 1). Additionally, since the PMOS pass element is a voltage-driven
device, the quiescent current is very low and remains independent of output loading (typically 285
µA over the
full range of output current, 0 mA to 500 mA). These two key specifications yield a significant improvement in
operating life for battery-powered systems. The LDO family also features a sleep mode; applying a TTL high
signal to EN (enable) shuts down the regulator, reducing the quiescent current to 0.5
µA maximum at TJ = 25°C.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2002, Texas Instruments Incorporated
NC − No internal connection
† SENSE − Fixed voltage options only (TPS71H33,
TPS71H48, and TPS71H50)
‡ FB − Adjustable version only (TPS71H01)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
GND/HEATSINK
GND/HEATSINK
GND
NC
EN
IN
IN
NC
GND/HEATSINK
GND/HEATSINK
GND/HEATSINK
GND/HEATSINK
NC
NC
PG
SENSE/FB
OUT
OUT
GND/HEATSINK
GND/HEATSINK
PWP PACKAGE
(TOP VIEW)
Thermal
Pad
PWP PACKAGE
(BOTTOM VIEW)


Similar Part No. - TPS71H01QPWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71H01QPWPR TI-TPS71H01QPWPR Datasheet
634Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS71H01QPWPR TI1-TPS71H01QPWPR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS71H01QPWPRG4 TI-TPS71H01QPWPRG4 Datasheet
634Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS71H01QPWPRG4 TI1-TPS71H01QPWPRG4 Datasheet
1Mb / 45P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS71H01QPWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL750L TI-TL750L Datasheet
124Kb / 18P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_07 Datasheet
829Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750M TI-TL750M_08 Datasheet
812Kb / 22P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL2931AZ-5 IKSEMICON-IL2931AZ-5 Datasheet
120Kb / 3P
   LOW DROPOUT VOLTAGE REGULATORS
logo
Texas Instruments
TL750M05 TI-TL750M05_15 Datasheet
1Mb / 24P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_08 Datasheet
858Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL75LP05 TI1-TL75LP05 Datasheet
237Kb / 15P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q Datasheet
541Kb / 33P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS71H01Q TI-TPS71H01Q Datasheet
634Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7133Q TI-TPS7133Q Datasheet
690Kb / 31P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
STMicroelectronics
L2605 STMICROELECTRONICS-L2605 Datasheet
79Kb / 6P
   LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com