Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK57FU394AG-E Datasheet(PDF) 4 Page - ON Semiconductor

Part # STK57FU394AG-E
Description  Intelligent Power Module (IPM)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK57FU394AG-E Datasheet(HTML) 4 Page - ON Semiconductor

  STK57FU394AG-E Datasheet HTML 1Page - ON Semiconductor STK57FU394AG-E Datasheet HTML 2Page - ON Semiconductor STK57FU394AG-E Datasheet HTML 3Page - ON Semiconductor STK57FU394AG-E Datasheet HTML 4Page - ON Semiconductor STK57FU394AG-E Datasheet HTML 5Page - ON Semiconductor STK57FU394AG-E Datasheet HTML 6Page - ON Semiconductor STK57FU394AG-E Datasheet HTML 7Page - ON Semiconductor STK57FU394AG-E Datasheet HTML 8Page - ON Semiconductor STK57FU394AG-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
STK57FU394AG-E
www.onsemi.com
4
PIN FUNCTION DESCRIPTION
Pin
Name
Description
1
PFCL
PFC Inductor Connection to IGBT and Rectifier node
4
VBW
High Side Floating Supply voltage for W phase
5
W
V phase output. Internally connected to W phase high side driver ground
8
VBV
High Side Floating Supply voltage for V phase
9
V
V phase output. Internally connected to V phase high side driver ground
12
VBU
High Side Floating Supply voltage for U phase
13
U
U phase output. Internally connected to U phase high side driver ground
16
VP
Positive PFC Output Voltage
19
HVGND
Negative PFC Output Voltage
20
NW
Low Side Emitter Connection - Phase W
21
NV
Low Side Emitter Connection - Phase V
22
NU
Low Side Emitter Connection - Phase U
23
HINU
Logic Input High Side Gate Driver - Phase U
24
HINV
Logic Input High Side Gate Driver - Phase V
25
HINW
Logic Input High Side Gate Driver - Phase W
26
LINU
Logic Input Low Side Gate Driver - Phase U
27
LINV
Logic Input Low Side Gate Driver - Phase V
28
LINW
Logic Input Low Side Gate Driver – Phase W
29
PFCIN
Logic Input PFC Gate Driver
30
FLTEN
Bidirectional FAULT output and ENABLE input
31
PTRIP
Current protection pin for PFC
32
ITRIP
Current protection pin for inverter
33
TH
Thermistor output
34
VDD
+15V Main Supply
35
GND
Negative Main Supply
Note: Pins 2, 3, 6, 7, 10, 11, 14, 15, 17 and 18 are not present


Similar Part No. - STK57FU394AG-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK57FU394AG-E ONSEMI-STK57FU394AG-E Datasheet
271Kb / 13P
   Inverter IPM
February 2015 - Rev.1
STK57FU394AG-E ONSEMI-STK57FU394AG-E Datasheet
271Kb / 13P
   Inverter IPM
February 2015 - Rev.1
More results

Similar Description - STK57FU394AG-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK5Q4U362J-E ONSEMI-STK5Q4U362J-E Datasheet
684Kb / 15P
   Intelligent Power Module (IPM)
October 2016 - Rev. P3
STK5U4UCC0D-E ONSEMI-STK5U4UCC0D-E Datasheet
591Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
STK5U4UFB0D-E ONSEMI-STK5U4UFB0D-E Datasheet
599Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
STK534U342C-E ONSEMI-STK534U342C-E Datasheet
390Kb / 15P
   Intelligent Power Module (IPM)
September 2016 - Rev. 1
STK5Q4U340J-E ONSEMI-STK5Q4U340J-E Datasheet
683Kb / 15P
   Intelligent Power Module (IPM)
October 2016 - Rev. P3
logo
Toshiba Semiconductor
TLP104 TOSHIBA-TLP104 Datasheet
592Kb / 13P
   IPM (Intelligent Power Module)
logo
ON Semiconductor
STK554U392C-E ONSEMI-STK554U392C-E Datasheet
454Kb / 14P
   Intelligent Power Module (IPM)
June, 2019 - Rev. 1
STK5C4U332J-E ONSEMI-STK5C4U332J-E Datasheet
729Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P4
STK5Q4U352J-E ONSEMI-STK5Q4U352J-E Datasheet
683Kb / 15P
   Intelligent Power Module (IPM)
October 2016 - Rev. P3
STK5U4UCE0D-E ONSEMI-STK5U4UCE0D-E Datasheet
587Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
STK5U4UCG0D-E ONSEMI-STK5U4UCG0D-E Datasheet
587Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com