Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK57FU394AG-E Datasheet(PDF) 10 Page - ON Semiconductor

Part # STK57FU394AG-E
Description  Intelligent Power Module (IPM)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK57FU394AG-E Datasheet(HTML) 10 Page - ON Semiconductor

Back Button STK57FU394AG-E Datasheet HTML 6Page - ON Semiconductor STK57FU394AG-E Datasheet HTML 7Page - ON Semiconductor STK57FU394AG-E Datasheet HTML 8Page - ON Semiconductor STK57FU394AG-E Datasheet HTML 9Page - ON Semiconductor STK57FU394AG-E Datasheet HTML 10Page - ON Semiconductor STK57FU394AG-E Datasheet HTML 11Page - ON Semiconductor STK57FU394AG-E Datasheet HTML 12Page - ON Semiconductor STK57FU394AG-E Datasheet HTML 13Page - ON Semiconductor STK57FU394AG-E Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
STK57FU394AG-E
www.onsemi.com
10
TYPICAL CHARACTERISTICS INVERTER SECTION
0
5
10
15
20
25
30
00.5
11.5
22.533.5
4
VCE, COLLECTOR-EMITTER VOLTAGE (V)
TJ = 25°C
TJ = 100°C
0
5
10
15
20
25
30
00.511.522.533.5
4
VF, FORWARD VOLTAGE (V)
TJ = 25°C
TJ = 100°C
0
0.5
1
1.5
0
5
10
15
20
25
30
35
IC, COLLECTOR CURRENT (A)
VCE = 300V
VDD = 15V
TJ = 25°C
TJ = 100°C
0
0.2
0.4
0.6
0.8
0
5
10
15
20
25
30
35
IC, COLLECTOR CURRENT (A)
VCE = 300V
VDD = 15V
TJ = 25°C
TJ = 100°C
0.0
0.2
0.4
0.6
0.8
1.0
0.000001
0.0001
0.01
1
100
ON-PULSE WIDTH (S)
-10
0
10
20
30
40
50
60
-100
0
100
200
300
400
500
600
-1 -0.8 -0.6 -0.4 -0.2
0
0.2 0.4 0.6 0.8
1
Time (μs)
IC
VCE
-10
0
10
20
30
40
50
60
-100
0
100
200
300
400
500
600
-1 -0.8 -0.6 -0.4 -0.2
0
0.2 0.4 0.6 0.8
1
Time (μs)
IC
VCE
Figure 12. VF versus ID for different temperatures
Figure 11. VCE versus ID for different temperatures
(VDD=15V)
Figure 13. EON versus ID for different temperatures
Figure 14. EOFF versus ID for different temperatures
Figure 17. Turn-off waveform Tj=100°C, VCC=300V
Figure 16. Turn-on waveform Tj=100°C, VCC=300V
Figure 15. Thermal Impedance Plot


Similar Part No. - STK57FU394AG-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK57FU394AG-E ONSEMI-STK57FU394AG-E Datasheet
271Kb / 13P
   Inverter IPM
February 2015 - Rev.1
STK57FU394AG-E ONSEMI-STK57FU394AG-E Datasheet
271Kb / 13P
   Inverter IPM
February 2015 - Rev.1
More results

Similar Description - STK57FU394AG-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK5Q4U362J-E ONSEMI-STK5Q4U362J-E Datasheet
684Kb / 15P
   Intelligent Power Module (IPM)
October 2016 - Rev. P3
STK5U4UCC0D-E ONSEMI-STK5U4UCC0D-E Datasheet
591Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
STK5U4UFB0D-E ONSEMI-STK5U4UFB0D-E Datasheet
599Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
STK534U342C-E ONSEMI-STK534U342C-E Datasheet
390Kb / 15P
   Intelligent Power Module (IPM)
September 2016 - Rev. 1
STK5Q4U340J-E ONSEMI-STK5Q4U340J-E Datasheet
683Kb / 15P
   Intelligent Power Module (IPM)
October 2016 - Rev. P3
logo
Toshiba Semiconductor
TLP104 TOSHIBA-TLP104 Datasheet
592Kb / 13P
   IPM (Intelligent Power Module)
logo
ON Semiconductor
STK554U392C-E ONSEMI-STK554U392C-E Datasheet
454Kb / 14P
   Intelligent Power Module (IPM)
June, 2019 - Rev. 1
STK5C4U332J-E ONSEMI-STK5C4U332J-E Datasheet
729Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P4
STK5Q4U352J-E ONSEMI-STK5Q4U352J-E Datasheet
683Kb / 15P
   Intelligent Power Module (IPM)
October 2016 - Rev. P3
STK5U4UCE0D-E ONSEMI-STK5U4UCE0D-E Datasheet
587Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
STK5U4UCG0D-E ONSEMI-STK5U4UCG0D-E Datasheet
587Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com