Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C67300-100AI Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C67300-100AI
Description  EZ-Host Programmable Embedded USB Host/Peripheral Controller
Download  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C67300-100AI Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C67300-100AI Datasheet HTML 6Page - Cypress Semiconductor CY7C67300-100AI Datasheet HTML 7Page - Cypress Semiconductor CY7C67300-100AI Datasheet HTML 8Page - Cypress Semiconductor CY7C67300-100AI Datasheet HTML 9Page - Cypress Semiconductor CY7C67300-100AI Datasheet HTML 10Page - Cypress Semiconductor CY7C67300-100AI Datasheet HTML 11Page - Cypress Semiconductor CY7C67300-100AI Datasheet HTML 12Page - Cypress Semiconductor CY7C67300-100AI Datasheet HTML 13Page - Cypress Semiconductor CY7C67300-100AI Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 119 page
background image
CY7C67300
Document #: 38-08015 Rev. *E
Page 10 of 119
1.0
INTRODUCTION
EZ-Host™ (CY7C67300) is Cypress Semiconductor’s first full-speed, low-cost multiport host/peripheral controller. EZ-Host is
designed to easily interface to most high-performance CPUs to add USB host functionality. EZ-Host has its own 16-bit RISC
processor to act as a coprocessor or operate in standalone mode. EZ-Host also has a programmable I/O interface block allowing
a wide range of interface options.
1.1
EZ-Host Features
• Single-chip programmable USB dual-role (Host/Peripheral) controller with two configurable Serial Interface Engines
(SIEs) and four USB ports
• Support for USB On-The-Go (OTG) protocol
• On-chip 48-MHz 16-bit processor with dynamically switchable clock speed
• Configurable I/O block supporting a variety of I/O options or up to 32 bits of General Purpose I/O (GPIO)
• 4K x 16 internal masked ROM containing built-in BIOS that supports a communication ready state with access to I2C
EEPROM Interface, external ROM, UART, or USB
• 8K x 16 internal RAM for code and data buffering
• Extended memory interface port for external SRAM and ROM
• 16-bit parallel Host Port Interface (HPI) with a DMA/Mailbox data path for an external processor to directly access all
of the on-chip memory and control on-chip SIEs
• Fast serial port supports from 9600 baud to 2.0 Mbaud
• SPI support in both master and slave
• On-chip 16-bit DMA/Mailbox data path interface
• Supports 12-MHz external crystal or clock
• 3.3V operation
• Package option — 100-pin TQFP
Figure 1-1. Block Diagram
Timer 0
Timer 1
Watchdog
Control
4Kx16
ROM BIOS
8Kx16
RAM
CY16
16-bit RISC CORE
External MEM I/F
(SRAM/ROM)
SIE1
USB-A
USB-B
SIE2
USB-A
USB-B
OTG
Host/
Peripheral
USB Ports
D+,D-
D+,D-
D+,D-
D+,D-
UART I/F
PWM
HSS I/F
I2C
EEPROM I/F
HPI I/F
IDE I/F
SPI I/F
nRESET
A[15:0] D[15:0] CTRL[9:0]
CY7C67300
GPIO [31:0]
PLL
X1
X2
GPIO
SHARED INPUT/OUTPUT PINS
Vbus, ID
Mobile
Power
Booster


Similar Part No. - CY7C67300-100AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C67300-100AXA CYPRESS-CY7C67300-100AXA Datasheet
1Mb / 98P
   EZ-Host??Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
CY7C67300-100AXA CYPRESS-CY7C67300-100AXA Datasheet
1Mb / 99P
   EZ-Host Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
CY7C67300-100AXA CYPRESS-CY7C67300-100AXA Datasheet
1Mb / 102P
   EZ-Host Programmable Embedded USB Host and Peripheral Controller
CY7C67300-100AXA CYPRESS-CY7C67300-100AXA Datasheet
917Kb / 112P
   EZ-Host??Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
CY7C67300-100AXAT CYPRESS-CY7C67300-100AXAT Datasheet
1Mb / 98P
   EZ-Host??Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
More results

Similar Description - CY7C67300-100AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C67300 CYPRESS-CY7C67300_11 Datasheet
1Mb / 102P
   EZ-Host Programmable Embedded USB Host and Peripheral Controller
CY7C67300 CYPRESS-CY7C67300_07 Datasheet
1Mb / 98P
   EZ-Host??Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
CY7C67300 CYPRESS-CY7C67300_06 Datasheet
268Kb / 9P
   EZ-Host??Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
CY7C67300 CYPRESS-CY7C67300_13 Datasheet
917Kb / 112P
   EZ-Host??Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
CY7C67300 CYPRESS-CY7C67300_08 Datasheet
1Mb / 99P
   EZ-Host Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
CY7C67200 CYPRESS-CY7C67200_13 Datasheet
1Mb / 92P
   EZ-OTG??Programmable USB On-The-Go Host/Peripheral Controller
CY7C67200 CYPRESS-CY7C67200 Datasheet
618Kb / 98P
   EZ-OTG Programmable USB On-The-Go Host/Peripheral Controller
logo
Future Technology Devic...
VNC1L FTDI-VNC1L Datasheet
700Kb / 31P
   Embedded USB Host Controller IC
logo
Cypress Semiconductor
SL811HS CYPRESS-SL811HS Datasheet
499Kb / 29P
   Embedded USB Host/Slave Controller
SL811HS CYPRESS-SL811HS_11 Datasheet
641Kb / 32P
   Embedded USB Host/Slave Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com