Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L2-R22-10 Datasheet(PDF) 2 Page - Superworld Electronics

Part # L2-R22-10
Description  FERRITE CHIP INDUCTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

L2-R22-10 Datasheet(HTML) 2 Page - Superworld Electronics

  L2-R22-10 Datasheet HTML 1Page - Superworld Electronics L2-R22-10 Datasheet HTML 2Page - Superworld Electronics L2-R22-10 Datasheet HTML 3Page - Superworld Electronics L2-R22-10 Datasheet HTML 4Page - Superworld Electronics L2-R22-10 Datasheet HTML 5Page - Superworld Electronics L2-R22-10 Datasheet HTML 6Page - Superworld Electronics L2-R22-10 Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
FERRITE CHIP INDUCTORS
L2 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
26.01.2015
6. ELECTRICAL CHARACTERISTICS :
( MHz )
Frequency
L2-R18□-10
15
0.180
L2-100□-10
10.000
30
L2-1R0□-10
L2-1R2□-10
L2-1R5□-10
L2-1R8□-10
L2-2R2□-10
L2-2R7□-10
L2-3R3□-10
L2-3R9□-10
L2-4R7□-10
L2-R22□-10
L2-R27□-10
L2-R33□-10
L2-R39□-10
L2-R47□-10
L2-R56□-10
L2-R68□-10
L2-R82□-10
30
1.000
2.200
3.300
4.700
3.900
2.700
1.500
1.800
1.200
30
30
30
30
30
30
30
30
0.680
0.820
0.560
0.470
0.270
0.390
0.330
0.220
15
15
15
15
15
15
15
15
1.60
Dim. A
L2-47N□-10
L2-68N□-10
L2-82N□-10
L2-R10□-10
L2-R12□-10
L2-R15□-10
Part Number
Inductance
0.082
0.120
0.150
0.100
0.068
0.047
( μH )
10
15
15
15
10
10
Min.
Q
165
50
0.60
25
217
2.55
15
70
0.60
10
45
10
10
10
10
10
38
36
33
40
10
10
10
55
50
60
1.15
1.55
2.10
1.70
1.35
0.80
0.95
0.80
150
125
136
105
110
25
25
25
25
80
75
95
25
25
25
25
1.70
2.10
1.35
1.55
0.80
1.00
0.85
0.80
25
25
15
25
15
15
15
15
25
35
35
35
35
35
50
50
35
Max.
DC Resistance
( Ω )
SRF
Test
260
240
245
180
205
250
( MHz )
Min.
50
25
25
25
50
50
0.30
0.50
0.60
0.50
0.30
0.30
Rated Current
50
50
50
50
50
50
( mA )
Inductance tolerance :
□ : K : ±10%
L : ± 15%
±0.15
( mm )
1.60
1.60
1.60
1.60
1.60
1.60
1.60
1.60
1.60
1.60
1.60
1.60
1.60
1.60
1.60
1.60
1.60
1.60
1.60
1.60
1.60
1.60
1.60
1.80
M : ± 20%
Max.


Similar Part No. - L2-R22-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
L2-R22-10 SUPERWORLD-L2-R22-10 Datasheet
250Kb / 7P
   FERRITE CHIP INDUCTORS
L2-R22-10 SUPERWORLD-L2-R22-10 Datasheet
275Kb / 6P
   Chip Inductors
More results

Similar Description - L2-R22-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
L2-47N-10 SUPERWORLD-L2-47N-10 Datasheet
250Kb / 7P
   FERRITE CHIP INDUCTORS
L3-47N SUPERWORLD-L3-47N Datasheet
367Kb / 9P
   FERRITE CHIP INDUCTORS
L201610 SUPERWORLD-L201610 Datasheet
348Kb / 7P
   FERRITE CHIP INDUCTORS
L3-47NK-10 SUPERWORLD-L3-47NK-10 Datasheet
358Kb / 9P
   FERRITE CHIP INDUCTORS
logo
WALSIN TECHNOLOGY CORPO...
WLFI2012 WALSIN-WLFI2012 Datasheet
1Mb / 7P
   Ferrite Chip Inductors
WLFI1608 WALSIN-WLFI1608 Datasheet
592Kb / 7P
   Ferrite Chip Inductors
logo
Superworld Electronics
L252010 SUPERWORLD-L252010 Datasheet
380Kb / 7P
   FERRITE CHIP INDUCTORS
L4-47NK-10 SUPERWORLD-L4-47NK-10 Datasheet
360Kb / 9P
   FERRITE CHIP INDUCTORS
L201210_SERIES SUPERWORLD-L201210_SERIES Datasheet
376Kb / 6P
   FERRITE CHIP INDUCTORS
logo
Coilcraft lnc.
0603AF COILCRAFT-0603AF Datasheet
136Kb / 2P
   Ferrite Chip Inductors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com