Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L2-3R3-10 Datasheet(PDF) 6 Page - Superworld Electronics

Part # L2-3R3-10
Description  FERRITE CHIP INDUCTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

L2-3R3-10 Datasheet(HTML) 6 Page - Superworld Electronics

  L2-3R3-10 Datasheet HTML 1Page - Superworld Electronics L2-3R3-10 Datasheet HTML 2Page - Superworld Electronics L2-3R3-10 Datasheet HTML 3Page - Superworld Electronics L2-3R3-10 Datasheet HTML 4Page - Superworld Electronics L2-3R3-10 Datasheet HTML 5Page - Superworld Electronics L2-3R3-10 Datasheet HTML 6Page - Superworld Electronics L2-3R3-10 Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 6
26.01.2015
FERRITE CHIP INDUCTORS
L2 SERIES
9-1. Reel Dimension
7" x 12mm
R0.5
R10.5
13.5± 0.5
7" x 8mm
7" x 8mm
120°
7" x 12mm
R1.9
2± 0.5
A
178.0± 2.0
178.0± 2.0
60.0± 2.0
B(mm)
60.0± 2.0
13.5± 0.5
9.0± 0.5
A(mm)
Type
13.5± 0.5
13.5± 0.5
C(mm)
D(mm)
9. PACKAGING INFORMATION :
D1:1± 0.1
P2:2± 0.05
P
Po:4± 0.1
Size
3(12)
Section A-A
Ko
Ao
A
5
4(11)
t
A
D:1.5+0.1
1.27± 0.10
1.45± 0.10
1.55± 0.10
3.42± 0.10
2.77± 0.10
3.50± 0.10
2.35± 0.10
1.88± 0.10
1.50± 0.10
4.0± 0.10
0.22± 0.05
4.0± 0.10
4.0± 0.10
0.22± 0.05
0.22± 0.05
Ko(mm)
Bo(mm)
Ao(mm)
P(mm)
t(mm)
Material of taping is plastic
1.0± 0.10
1.0± 0.10
1.0± 0.10
D1(mm)
P(mm)
4.0± 0.10
4.0± 0.10
1.50± 0.05
1.05± 0.05
1.85± 0.05
2
3(09)
2.30± 0.05
Size
Bo(mm)
0.95± 0.05
0.95± 0.05
Ko(mm)
Ao(mm)
0.95± 0.05
0.95± 0.05
t(mm)
P
Po:4± 0.1
P2:2± 0.1
Ao
D:1.56
+0.1
-0.05
Ko
t
2.0± 0.05
P(mm)
0.38± 0.05
0
Size
Bo(mm)
0.68± 0.05
Ko(mm)
0.50max
Ao(mm)
t(mm)
0.50max
Material of taping is paper
P
Po:4± 0.1
Ao
D:1.5+0.1/-0.0
Ko
t
9-2.1 Tape Dimension / 8mm
4(09)
1.04± 0.10
3.40± 0.10
1.77± 0.10
4.0± 0.10
0.22± 0.05
1.0± 0.10
2.0± 0.10
0.62± 0.03
1
1.12± 0.03
0.60± 0.03
0.60± 0.03
2(08)
1.05± 0.10
1.95± 0.10
1.05± 0.10
4.0± 0.10
0.23± 0.05
none
3(09)
1.04± 0.10
2.25± 0.10
1.42± 0.10
4.0± 0.10
0.22± 0.05
1.0± 0.10


Similar Part No. - L2-3R3-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
L2-3R3-10 SUPERWORLD-L2-3R3-10 Datasheet
250Kb / 7P
   FERRITE CHIP INDUCTORS
L2-3R3-10 SUPERWORLD-L2-3R3-10 Datasheet
275Kb / 6P
   Chip Inductors
More results

Similar Description - L2-3R3-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
L2-47N-10 SUPERWORLD-L2-47N-10 Datasheet
250Kb / 7P
   FERRITE CHIP INDUCTORS
L3-47N SUPERWORLD-L3-47N Datasheet
367Kb / 9P
   FERRITE CHIP INDUCTORS
L201610 SUPERWORLD-L201610 Datasheet
348Kb / 7P
   FERRITE CHIP INDUCTORS
L3-47NK-10 SUPERWORLD-L3-47NK-10 Datasheet
358Kb / 9P
   FERRITE CHIP INDUCTORS
logo
WALSIN TECHNOLOGY CORPO...
WLFI2012 WALSIN-WLFI2012 Datasheet
1Mb / 7P
   Ferrite Chip Inductors
WLFI1608 WALSIN-WLFI1608 Datasheet
592Kb / 7P
   Ferrite Chip Inductors
logo
Superworld Electronics
L252010 SUPERWORLD-L252010 Datasheet
380Kb / 7P
   FERRITE CHIP INDUCTORS
L4-47NK-10 SUPERWORLD-L4-47NK-10 Datasheet
360Kb / 9P
   FERRITE CHIP INDUCTORS
L201210_SERIES SUPERWORLD-L201210_SERIES Datasheet
376Kb / 6P
   FERRITE CHIP INDUCTORS
logo
Coilcraft lnc.
0603AF COILCRAFT-0603AF Datasheet
136Kb / 2P
   Ferrite Chip Inductors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com