Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1-4N3S-10 Datasheet(PDF) 2 Page - Superworld Electronics

Part # C1-4N3S-10
Description  CERAMIC CHIP INDUCTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

C1-4N3S-10 Datasheet(HTML) 2 Page - Superworld Electronics

  C1-4N3S-10 Datasheet HTML 1Page - Superworld Electronics C1-4N3S-10 Datasheet HTML 2Page - Superworld Electronics C1-4N3S-10 Datasheet HTML 3Page - Superworld Electronics C1-4N3S-10 Datasheet HTML 4Page - Superworld Electronics C1-4N3S-10 Datasheet HTML 5Page - Superworld Electronics C1-4N3S-10 Datasheet HTML 6Page - Superworld Electronics C1-4N3S-10 Datasheet HTML 7Page - Superworld Electronics C1-4N3S-10 Datasheet HTML 8Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
C1 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
26.01.2015
6. ELECTRICAL CHARACTERISTICS :
100
100
100
100
100
100
100
100
100
100
100
100
Test Frequency
( MHz )
100
100
C1-1N0S-10
Part Number
Typ.
300
DC Resistance
( Ω )
Min
Q
8
1.0
(nH)
1.2
1.5
2.0
1.8
3.0
3.6
3.3
4.3
3.9
2.2
2.4
2.7
4.7
Inductance
( MHz )
Min
SRF
Rated Current
(mA) Max
5.1
100
0.04
8
8
8
8
8
8
8
8
8
8
8
8
8
8
300
300
300
300
300
300
300
300
300
300
300
300
300
300
>13000
6000
6000
6000
6000
6000
6000
6000
6000
5000
4000
4000
4000
4000
100
100
100
100
100
300
300
300
300
300
4000
3900
3900
3700
3600
8
8
8
8
8
5.6
6.2
6.8
7.5
8.2
C1-1N2S-10
C1-1N5S-10
C1-1N8S-10
C1-2N0S-10
C1-2N2S-10
C1-2N4S-10
C1-2N7S-10
C1-3N0S-10
C1-3N3S-10
C1-3N6S-10
C1-3N9S-10
C1-4N3S-10
C1-4N7S-10
C1-5N1S-10
C1-5N6S-10
C1-6N2S-10
C1-6N8□-10
C1-7N5□-10
C1-8N2□-10
Q(Typ.) Frequency(MHz)
100 300 500 800 1000
11
11
11
11
11
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
25
25
24
23
21
18
18
18
18
18
18
18
18
18
18
18
18
18
18
18
34
35
33
30
27
25
24
24
24
24
24
24
24
24
24
24
24
23
23
23
43
44
44
36
34
31
31
31
31
31
31
31
31
31
31
30
30
29
29
29
52
52
48
42
39
36
35
34
35
35
35
35
35
34
34
35
34
32
32
31
Max.
0.08
Typ.
10000
>13000
11000
10500
10000
9500
9000
8500
8000
7500
7000
6500
6000
5800
5700
5600
5500
5200
4900
0.04
0.09
0.05
0.10
0.06
0.12
0.06
0.12
0.07
0.13
0.07
0.13
0.08
0.13
0.09
0.16
0.10
0.16
0.11
0.20
0.12
0.21
0.12
0.20
0.12
0.21
0.13
0.21
0.15
0.23
0.16
0.25
0.17
0.25
0.18
0.25
0.21
0.28
100
300
3400
8
9.1
C1-9N1□-10
10
18
23
29
31
4500
0.22
0.30
100
300
3200
8
10
C1-10N□-10
10
18
23
29
31
4300
0.23
0.31
100
300
2700
8
12
C1-12N□-10
11
18
23
29
31
3900
0.28
0.40
100
300
2300
8
15
C1-15N□-10
11
18
23
28
30
3500
0.31
0.46
100
300
2100
8
18
C1-18N□-10
11
18
23
28
30
3100
0.35
0.55
100
300
1900
8
22
C1-22N□-10
11
17
22
26
27
2800
0.42
0.60
100
300
1600
8
27
C1-27N□-10
11
17
21
25
26
2300
0.47
0.70
100
200
1300
8
33
C1-33N□-10
11
16
20
23
22
1900
0.50
0.80
100
200
1200
8
39
C1-39N□-10
11
16
20
23
21
1700
0.52
0.90
100
200
1000
8
47
C1-47N□-10
11
16
19
21
18
1500
0.58
1.00
100
200
750
8
56
C1-56N□-10
11
16
18
18
16
1300
0.61
1.00
100
180
750
8
68
C1-68N□-10
11
15
17
18
11
1200
0.70
1.20
100
150
600
8
82
C1-82N□-10
10
14
16
15
6
1100
0.81
1.30
100
150
600
8
100
C1-R10□-10
10
14
14
12
-
1000
0.94
1.50
CERAMIC CHIP INDUCTORS
>13000
10000


Similar Part No. - C1-4N3S-10

ManufacturerPart #DatasheetDescription
logo
Semikron International
C1-4N3S-10 SEMIKRON-C1-4N3S-10 Datasheet
225Kb / 8P
   CERAMIC CHIP INDUCTORS
More results

Similar Description - C1-4N3S-10

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LMC2012 ABCO-LMC2012 Datasheet
636Kb / 4P
   CERAMIC CHIP INDUCTORS
logo
Superworld Electronics
C3-1N5S-10 SUPERWORLD-C3-1N5S-10 Datasheet
380Kb / 9P
   CERAMIC CHIP INDUCTORS
C1-1N0S-10 SUPERWORLD-C1-1N0S-10 Datasheet
397Kb / 7P
   CERAMIC CHIP INDUCTORS
logo
Semikron International
C0BQ-0N6S-10 SEMIKRON-C0BQ-0N6S-10 Datasheet
195Kb / 8P
   CERAMIC CHIP INDUCTORS
logo
Superworld Electronics
C0BQ_SERIES SUPERWORLD-C0BQ_SERIES Datasheet
213Kb / 8P
   CERAMIC CHIP INDUCTORS
C2-1N0S-10 SUPERWORLD-C2-1N0S-10_09 Datasheet
374Kb / 8P
   CERAMIC CHIP INDUCTORS
C3-1N0S-10 SUPERWORLD-C3-1N0S-10 Datasheet
359Kb / 8P
   CERAMIC CHIP INDUCTORS
C1HQ_SERIES SUPERWORLD-C1HQ_SERIES Datasheet
197Kb / 7P
   CERAMIC CHIP INDUCTORS
C2_SERIES SUPERWORLD-C2_SERIES Datasheet
313Kb / 7P
   CERAMIC CHIP INDUCTORS
C0_SERIES SUPERWORLD-C0_SERIES Datasheet
373Kb / 7P
   CERAMIC CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com