Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1382BV25 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C1382BV25
Description  512K x 36 / 1 Mb x 18 Pipelined SRAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1382BV25 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C1382BV25 Datasheet HTML 1Page - Cypress Semiconductor CY7C1382BV25 Datasheet HTML 2Page - Cypress Semiconductor CY7C1382BV25 Datasheet HTML 3Page - Cypress Semiconductor CY7C1382BV25 Datasheet HTML 4Page - Cypress Semiconductor CY7C1382BV25 Datasheet HTML 5Page - Cypress Semiconductor CY7C1382BV25 Datasheet HTML 6Page - Cypress Semiconductor CY7C1382BV25 Datasheet HTML 7Page - Cypress Semiconductor CY7C1382BV25 Datasheet HTML 8Page - Cypress Semiconductor CY7C1382BV25 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
CY7C1380BV25
CY7C1382BV25
PRELIMINARY
4
Pin Configurations (continued)
2
3
4
5
6
7
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
VDDQ
NC
NC
DQPc
DQc
DQd
DQc
DQd
A
A
A
A
ADSP
VDDQ
A
DQc
VDDQ
DQc
VDDQ
VDDQ
VDDQ
DQd
DQd
NC
NC
VDDQ
VDD
CLK
VDD
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
NC
NC
NC
NC
TDO
TCK
TDI
TMS
NC
NC
NC
VDDQ
VDDQ
VDDQ
A
AA
A
A
A
A
A
A
A
A
A0
A1
DQa
DQc
DQa
DQa
DQa
DQb
DQb
DQb
DQb
DQb
DQb
DQb
DQa
DQa
DQa
DQa
DQb
VDD
DQc
DQc
DQc
VDD
DQd
DQd
DQd
DQd
ADSC
NC
CE1
OE
ADV
GW
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
DQPa
MODE
DQPd
DQPb
BWb
BWc
NC
VDD
NC
BWa
NC
BWE
BWd
ZZ
2
3
4
5
6
7
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
VDDQ
NC
NC
NC
DQb
DQb
DQb
DQb
A
A
A
A
ADSP
VDDQ
A
NC
VDDQ
NC
VDDQ
VDDQ
VDDQ
NC
NC
NC
NC
VDDQ
VDD
CLK
VDD
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
NC
NC
NC
NC
TDO
TCK
TDI
TMS
A
A
NC
VDDQ
VDDQ
VDDQ
A
NC
A
A
A
A
A
A
A
A
A
A0
A1
DQa
DQb
NC
NC
DQa
NC
DQa
DQa
NC
NC
DQa
NC
DQa
NC
DQa
NC
DQa
VDD
NC
DQb
NC
VDD
DQb
NC
DQb
NC
ADSC
NC
CE1
OE
ADV
GW
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
NC
MODE
DQPb
DQPa
VSS
BWb
NC
VDD
NC
BWa
NC
BWE
VSS
ZZ
CY7C1382BV25 (1 Mb x 18)
CY7C1380BV25 (512K x 36)
A
A


Similar Part No. - CY7C1382BV25

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1382B CYPRESS-CY7C1382B Datasheet
841Kb / 34P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1382B-133AC CYPRESS-CY7C1382B-133AC Datasheet
841Kb / 34P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1382B-133AI CYPRESS-CY7C1382B-133AI Datasheet
841Kb / 34P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1382B-133BGC CYPRESS-CY7C1382B-133BGC Datasheet
841Kb / 34P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1382B-133BGI CYPRESS-CY7C1382B-133BGI Datasheet
841Kb / 34P
   512K x 36/1M x 18 Pipelined SRAM
More results

Similar Description - CY7C1382BV25

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1380C CYPRESS-CY7C1380C Datasheet
788Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined SRAM
CY7C1386C CYPRESS-CY7C1386C Datasheet
554Kb / 34P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1386CV25 CYPRESS-CY7C1386CV25 Datasheet
547Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1380CV25 CYPRESS-CY7C1380CV25 Datasheet
519Kb / 33P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1380B CYPRESS-CY7C1380B Datasheet
841Kb / 34P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1366A CYPRESS-CY7C1366A Datasheet
307Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM
CY7C1366B CYPRESS-CY7C1366B Datasheet
550Kb / 32P
   9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1380D CYPRESS-CY7C1380D Datasheet
469Kb / 29P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1386B CYPRESS-CY7C1386B Datasheet
789Kb / 32P
   512K x 36/1M x 18 Pipelined DCD SRAM
CY7C1380D CYPRESS-CY7C1380D_07 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com