Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1HQ-1N5S-10 Datasheet(PDF) 2 Page - Superworld Electronics

Part # C1HQ-1N5S-10
Description  CERAMIC CHIP INDUCTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

C1HQ-1N5S-10 Datasheet(HTML) 2 Page - Superworld Electronics

  C1HQ-1N5S-10 Datasheet HTML 1Page - Superworld Electronics C1HQ-1N5S-10 Datasheet HTML 2Page - Superworld Electronics C1HQ-1N5S-10 Datasheet HTML 3Page - Superworld Electronics C1HQ-1N5S-10 Datasheet HTML 4Page - Superworld Electronics C1HQ-1N5S-10 Datasheet HTML 5Page - Superworld Electronics C1HQ-1N5S-10 Datasheet HTML 6Page - Superworld Electronics C1HQ-1N5S-10 Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
C1HQ SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
28.01.2015
6. ELECTRICAL CHARACTERISTICS :
100
100
100
100
100
100
100
100
100
100
100
100
Test Frequency
( MHz )
100
100
C1HQ-1N0S-10
Part Number
Typ.
710
DC Resistance
( Ω )
Min
Q
8
Inductance Tolerence : S=± 0.3nH , J=± 5% , K=± 10%
1.0
(nH)
1.2
1.5
2.0
1.8
3.0
3.6
3.3
4.3
3.9
2.2
2.4
2.7
4.7
Inductance
( MHz )
Min.
SRF
Rated Current
(mA) Max
5.1
100
0.07
8
8
8
8
8
8
8
8
8
8
8
8
8
8
710
710
710
660
660
630
630
570
540
500
490
470
450
430
10000
>13000
11000
10500
10000
9600
9200
8700
8300
7800
7300
6900
6400
6300
100
100
100
100
100
420
400
390
370
360
6200
6100
6000
5500
5000
8
8
8
8
8
5.6
6.2
6.8
7.5
8.2
C1HQ-1N2S-10
C1HQ-1N5S-10
C1HQ-1N8S-10
C1HQ-2N0S-10
C1HQ-2N2S-10
C1HQ-2N4S-10
C1HQ-2N7S-10
C1HQ-3N0S-10
C1HQ-3N3S-10
C1HQ-3N6S-10
C1HQ-3N9S-10
C1HQ-4N3S-10
C1HQ-4N7S-10
C1HQ-5N1S-10
C1HQ-5N6S-10
C1HQ-6N2S-10
C1HQ-6N8S-10
C1HQ-7N5S-10
C1HQ-8N2S-10
Q(Typ.) Frequency(MHz)
300 800 900 1500 1800
53
45
35
32
38
37
34
30
31
32
33
34
29
30
30
30
31
28
28
29
129
97
69
61
68
67
54
49
51
54
53
53
47
48
48
48
49
44
45
46
147
110
76
66
73
71
59
52
54
57
56
56
50
51
51
51
52
49
50
50
217
156
104
92
94
92
74
67
70
72
71
70
64
65
64
65
66
59
60
62
244
177
116
100
103
101
86
73
76
79
77
76
71
72
71
71
72
64
65
66
Max.
0.014
Typ.
>13000
8000
6000
6000
6000
6000
6000
6000
6000
5000
4000
4000
4000
4000
4000
3900
3900
3700
3600
0.07
0.016
0.07
0.030
0.07
0.035
0.08
0.035
0.08
0.040
0.09
0.050
0.09
0.060
0.11
0.070
0.12
0.075
0.14
0.080
0.15
0.085
0.16
0.090
0.17
0.095
0.19
0.110
0.20
0.120
0.22
0.130
0.23
0.130
0.25
0.135
0.27
0.140
100
350
4800
8
9.1
C1HQ-9N1S-10
29
45
49
59
62
3400
0.29
0.150
100
330
4500
8
10
C1HQ-10NS-10
28
45
48
57
60
3200
0.31
0.165
100
300
4300
8
12
C1HQ-12NS-10
26
40
45
51
52
2700
0.39
0.165
100
280
4100
8
15
C1HQ-15NS-10
25
38
42
49
51
2300
0.45
0.190
CERAMIC CHIP INDUCTORS
10000
>13000


Similar Part No. - C1HQ-1N5S-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
C1HQ-1N5S-10 SUPERWORLD-C1HQ-1N5S-10 Datasheet
182Kb / 7P
   CERAMIC CHIP INDUCTORS
More results

Similar Description - C1HQ-1N5S-10

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LMC2012 ABCO-LMC2012 Datasheet
636Kb / 4P
   CERAMIC CHIP INDUCTORS
logo
Superworld Electronics
C3-1N5S-10 SUPERWORLD-C3-1N5S-10 Datasheet
380Kb / 9P
   CERAMIC CHIP INDUCTORS
C1-1N0S-10 SUPERWORLD-C1-1N0S-10 Datasheet
397Kb / 7P
   CERAMIC CHIP INDUCTORS
logo
Semikron International
C0BQ-0N6S-10 SEMIKRON-C0BQ-0N6S-10 Datasheet
195Kb / 8P
   CERAMIC CHIP INDUCTORS
logo
Superworld Electronics
C1_SERIES SUPERWORLD-C1_SERIES Datasheet
384Kb / 8P
   CERAMIC CHIP INDUCTORS
C0BQ_SERIES SUPERWORLD-C0BQ_SERIES Datasheet
213Kb / 8P
   CERAMIC CHIP INDUCTORS
C2-1N0S-10 SUPERWORLD-C2-1N0S-10_09 Datasheet
374Kb / 8P
   CERAMIC CHIP INDUCTORS
C3-1N0S-10 SUPERWORLD-C3-1N0S-10 Datasheet
359Kb / 8P
   CERAMIC CHIP INDUCTORS
C2_SERIES SUPERWORLD-C2_SERIES Datasheet
313Kb / 7P
   CERAMIC CHIP INDUCTORS
C0_SERIES SUPERWORLD-C0_SERIES Datasheet
373Kb / 7P
   CERAMIC CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com