Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0-1N5S-10 Datasheet(PDF) 2 Page - Superworld Electronics

Part # C0-1N5S-10
Description  CERAMIC CHIP INDUCTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

C0-1N5S-10 Datasheet(HTML) 2 Page - Superworld Electronics

  C0-1N5S-10 Datasheet HTML 1Page - Superworld Electronics C0-1N5S-10 Datasheet HTML 2Page - Superworld Electronics C0-1N5S-10 Datasheet HTML 3Page - Superworld Electronics C0-1N5S-10 Datasheet HTML 4Page - Superworld Electronics C0-1N5S-10 Datasheet HTML 5Page - Superworld Electronics C0-1N5S-10 Datasheet HTML 6Page - Superworld Electronics C0-1N5S-10 Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
C0 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
26.01.2015
6. ELECTRICAL CHARACTERISTICS :
100
100
100
100
100
100
100
100
100
100
100
100
Test Frequency
( MHz )
100
100
C0-1N0S-10
Part Number
Max.
470
DC Resistance
( Ω )
Min
Q
4
Inductance Tolerence : S=± 0.3nH , J=± 5% , K=± 10%
1.0
(nH)
1.2
1.5
2.0
1.8
3.0
3.6
3.3
4.3
3.9
2.2
2.4
2.7
4.7
Inductance
( MHz )
Typ.
SRF
Rated Current
(mA) Max
5.1
100
0.11
>13000
4
4
4
4
4
4
5
5
5
5
5
5
5
5
450
430
390
380
360
350
340
330
320
310
300
280
280
270
>13000
>13000
>13000
>13000
12500
11700
11000
11000
9600
9100
8600
8100
7600
7100
100
100
100
100
100
260
250
250
240
230
6600
6100
5600
5300
4900
5
5
5
5
5
5.6
6.2
6.8
7.5
8.2
C0-1N2S-10
C0-1N5S-10
C0-1N8S-10
C0-2N0S-10
C0-2N2S-10
C0-2N4S-10
C0-2N7S-10
C0-3N0S-10
C0-3N3S-10
C0-3N6S-10
C0-3N9S-10
C0-4N3S-10
C0-4N7S-10
C0-5N1S-10
C0-5N6S-10
C0-6N2S-10
C0-6N8J-10
C0-7N5J-10
C0-8N2J-10
Q(Typ.) Frequency(MHz)
100 300 500 800 1000
6
6
6
6
6
6
6
7
7
7
7
7
7
7
7
7
7
7
7
7
12
12
12
12
12
12
12
12
12
12
12
12
12
12
12
12
11
11
11
11
17
16
15
15
15
15
15
15
15
15
15
15
15
15
15
15
14
14
14
14
22
21
20
20
20
20
20
20
20
20
20
20
19
19
19
19
18
18
18
18
27
25
23
23
22
22
22
22
22
22
22
22
21
21
21
21
20
20
19
19
Typ.
0.088
Min
10000
10000
10000
10000
10000
8800
8300
7700
7200
6700
6400
6000
5700
5300
5000
4600
4200
3900
3600
3400
0.12
0.089
0.13
0.11
0.16
0.12
0.17
0.13
0.19
0.14
0.20
0.15
0.21
0.16
0.22
0.18
0.23
0.19
0.25
0.20
0.27
0.20
0.30
0.22
0.30
0.24
0.33
0.26
0.36
0.27
0.38
0.29
0.39
0.30
0.41
0.34
0.45
0.34
100
220
4600
5
9.1
C0-9N1J-10
7
111417
18
3200
0.48
0.40
100
220
4200
5
10
C0-10NJ-10
7
111417
18
2900
0.51
0.41
100
190
3800
5
12
C0-12NJ-10
7
111417
18
2700
0.68
0.45
100
180
3300
5
15
C0-15NJ-10
7
111316
17
2300
0.71
0.50
100
170
3000
5
18
C0-18NJ-10
7
111316
17
2100
0.81
0.57
100
150
2600
5
22
C0-22NJ-10
7
111315
16
1800
1.00
0.71
100
120
2600
4
27
C0-27NJ-10
6
101214
15
1800
1.35
1.11
100
110
2400
4
33
C0-33NJ-10
6
101214
14
1700
1.47
1.33
100
100
2100
4
39
C0-39NJ-10
6
101213
12
1500
1.72
1.51
100
100
1800
4
47
C0-47NJ-10
6
101112
11
1300
1.90
1.74
100
80
1600
4
56
C0-56NJ-10
6
101111
10
1100
2.27
1.85
100
80
1500
4
68
C0-68NJ-10
6
101111
10
1100
2.66
2.30
100
70
1400
4
82
C0-82NJ-10
6
101110
8
1000
3.37
2.60
100
60
1200
4
100
C0-R10J-10
69
10
9
6
900
3.74
3.00
CERAMIC CHIP INDUCTORS


Similar Part No. - C0-1N5S-10

ManufacturerPart #DatasheetDescription
logo
Semikron International
C0-1N5S-10 SEMIKRON-C0-1N5S-10 Datasheet
220Kb / 7P
   CERAMIC CHIP INDUCTORS
More results

Similar Description - C0-1N5S-10

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LMC2012 ABCO-LMC2012 Datasheet
636Kb / 4P
   CERAMIC CHIP INDUCTORS
logo
Superworld Electronics
C3-1N5S-10 SUPERWORLD-C3-1N5S-10 Datasheet
380Kb / 9P
   CERAMIC CHIP INDUCTORS
C1-1N0S-10 SUPERWORLD-C1-1N0S-10 Datasheet
397Kb / 7P
   CERAMIC CHIP INDUCTORS
logo
Semikron International
C0BQ-0N6S-10 SEMIKRON-C0BQ-0N6S-10 Datasheet
195Kb / 8P
   CERAMIC CHIP INDUCTORS
logo
Superworld Electronics
C1_SERIES SUPERWORLD-C1_SERIES Datasheet
384Kb / 8P
   CERAMIC CHIP INDUCTORS
C0BQ_SERIES SUPERWORLD-C0BQ_SERIES Datasheet
213Kb / 8P
   CERAMIC CHIP INDUCTORS
C2-1N0S-10 SUPERWORLD-C2-1N0S-10_09 Datasheet
374Kb / 8P
   CERAMIC CHIP INDUCTORS
C3-1N0S-10 SUPERWORLD-C3-1N0S-10 Datasheet
359Kb / 8P
   CERAMIC CHIP INDUCTORS
C1HQ_SERIES SUPERWORLD-C1HQ_SERIES Datasheet
197Kb / 7P
   CERAMIC CHIP INDUCTORS
C2_SERIES SUPERWORLD-C2_SERIES Datasheet
313Kb / 7P
   CERAMIC CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com