Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNJ5417J Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SNJ5417J
Description  Hex Buffers and Drivers With Open-Collector High-Voltage Outputs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SNJ5417J Datasheet(HTML) 7 Page - Texas Instruments

Back Button SNJ5417J Datasheet HTML 3Page - Texas Instruments SNJ5417J Datasheet HTML 4Page - Texas Instruments SNJ5417J Datasheet HTML 5Page - Texas Instruments SNJ5417J Datasheet HTML 6Page - Texas Instruments SNJ5417J Datasheet HTML 7Page - Texas Instruments SNJ5417J Datasheet HTML 8Page - Texas Instruments SNJ5417J Datasheet HTML 9Page - Texas Instruments SNJ5417J Datasheet HTML 10Page - Texas Instruments SNJ5417J Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
From Output
Under Test
CL
(see Note A)
RL
Test Point
VCC
LOAD CIRCUIT
1.5 V
1.5 V
High-Level
Pulse
1.5 V
1.5 V
tw
Low-Level
Pulse
VOLTAGE WAVEFORMS
PULSE WIDTHS
1.5 V
1.5 V
Input
tPLH
In-Phase
Output
3 V
0 V
1.5 V
1.5 V
VOH
VOL
tPHL
1.5 V
1.5 V
VOH
VOL
tPHL
tPLH
Out-of-Phase
Output
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
7
SN5407, SN5417, SN7407, SN7417
www.ti.com
SDLS032H – DECEMBER 1983 – REVISED SEPTEMBER 2016
Product Folder Links: SN5407 SN5417 SN7407 SN7417
Submit Documentation Feedback
Copyright © 1983–2016, Texas Instruments Incorporated
7 Parameter Measurement Information
A.
CL includes probe and jig capacitance.
B.
In the examples above, the phase relationships between inputs and outputs have been chosen arbitrarily.
C.
All input pulses are supplied by generators having the following characteristics: PRR
≤ 1 MHz, ZO = 50 Ω, tr ≤ 7 ns,
tf ≤ 7 ns.
D.
The outputs are measured one at a time, with one input transition per measurement.
Figure 2. Load Circuit and Voltage Waveforms


Similar Part No. - SNJ5417J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ5417J TI-SNJ5417J Datasheet
80Kb / 13P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SNJ5417J TI-SNJ5417J Datasheet
1Mb / 17P
[Old version datasheet]   HEX BUFFERS DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SNJ5417J TI-SNJ5417J Datasheet
1Mb / 17P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SNJ5417J TI1-SNJ5417J Datasheet
1,019Kb / 17P
[Old version datasheet]   Convert TTL Voltage Levels to MOS Levels
More results

Similar Description - SNJ5417J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN5407 TI-SN5407 Datasheet
80Kb / 13P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN54LS07 TI-SN54LS07_91 Datasheet
52Kb / 4P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN54LS07 TI-SN54LS07_08 Datasheet
513Kb / 13P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN7417J TI-SN7417J Datasheet
1Mb / 17P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
logo
KODENSHI_AUK CORP.
KK7407 KODENSHI-KK7407 Datasheet
195Kb / 4P
   Hex Buffers/Drivers with Open- Collector High-Voltage Outputs
logo
Texas Instruments
SN7407DE4 TI-SN7407DE4 Datasheet
1Mb / 17P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
logo
Renesas Technology Corp
HD74LS07 RENESAS-HD74LS07 Datasheet
53Kb / 5P
   Hex Buffers / Drivers (With Open Collector High-Voltage Outputs)
logo
Integral Corp.
IN7407 INTEGRAL-IN7407 Datasheet
144Kb / 4P
   Hex Buffers/Drivers with Open-Collector High-Voltage Outputs
logo
IK Semicon Co., Ltd
IN7407 IKSEMICON-IN7407 Datasheet
146Kb / 4P
   Hex Buffers/Drivers with Open- Collector High-Voltage Outputs
logo
Texas Instruments
SN7407DG4 TI-SN7407DG4 Datasheet
1Mb / 17P
[Old version datasheet]   HEX BUFFERS DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com