Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN7417NE4 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN7417NE4
Description  Hex Buffers and Drivers With Open-Collector High-Voltage Outputs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN7417NE4 Datasheet(HTML) 5 Page - Texas Instruments

  SN7417NE4 Datasheet HTML 1Page - Texas Instruments SN7417NE4 Datasheet HTML 2Page - Texas Instruments SN7417NE4 Datasheet HTML 3Page - Texas Instruments SN7417NE4 Datasheet HTML 4Page - Texas Instruments SN7417NE4 Datasheet HTML 5Page - Texas Instruments SN7417NE4 Datasheet HTML 6Page - Texas Instruments SN7417NE4 Datasheet HTML 7Page - Texas Instruments SN7417NE4 Datasheet HTML 8Page - Texas Instruments SN7417NE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5
SN5407, SN5417, SN7407, SN7417
www.ti.com
SDLS032H – DECEMBER 1983 – REVISED SEPTEMBER 2016
Product Folder Links: SN5407 SN5417 SN7407 SN7417
Submit Documentation Feedback
Copyright © 1983–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
(2)
The package thermal impedance is calculated in accordance with JESD 51-7.
6.4 Thermal Information
THERMAL METRIC(1)
SN7407
SN7417
UNIT
D (SOIC)
N (PDIP)
NS (SO)
D (SOIC)
N (PDIP)
14 PINS
14 PINS
14 PINS
14 PINS
14 PINS
RθJA
Junction-to-ambient thermal resistance(2)
86.8
52.1
85.9
88.8
52.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
47.1
39.4
43.9
50.4
39.4
°C/W
RθJB
Junction-to-board thermal resistance
41
32
44.7
43
32
°C/W
ψJT
Junction-to-top characterization parameter
15.6
24.2
14.6
16.5
24.2
°C/W
ψJB
Junction-to-board characterization parameter
40.8
31.8
44.4
42.8
31.8
°C/W
(1)
All typical values are at VCC = 5 V, TA = 25°C.
(2)
For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
6.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
(1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIK
Input clamp voltage
VCC = MIN, II = –12 mA
–1.5
V
VOL
Low-level output voltage
VCC = MIN,
VIL = 0.8 V
IOL = 16 mA
0.4
V
IOL = 30 mA, SN5407, SN5417
0.7
IOL = 40 mA, SN7407, SN7417
0.7
IOH
High-level output current
VCC = MIN,
VIH = 2 V
VOH = 30 V, SN5407, SN7407
0.25
mA
VOH = 15 V, SN5417, SN7417
0.25
II
Input current
VCC = MAX, VI = 5.5 V
1
mA
IIH
High-level input current
VCC = MAX, VIH = 2.4 V
40
µA
IIL
Low-level input current
VCC = MAX, VIL = 0.4 V
–1.6
mA
ICCH
High-level supply current
VCC = MAX
29
41
mA
ICCL
Low-level supply current
VCC = MAX
21
30
mA
6.6 Switching Characteristics
VCC = 5 V, TA = 25°C (see Figure 2)
PARAMETER
FROM (INPUT)
TO (OUTPUT)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
A
Y
RL = 110 Ω, CL = 15 pF
6
10
ns
tPHL
20
30
tPLH
A
Y
RL = 150 Ω, CL = 50 pF
15
ns
tPHL
26


Similar Part No. - SN7417NE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN7417NE4 TI-SN7417NE4 Datasheet
1Mb / 17P
[Old version datasheet]   HEX BUFFERS DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN7417NE4 TI1-SN7417NE4 Datasheet
1,019Kb / 17P
[Old version datasheet]   Convert TTL Voltage Levels to MOS Levels
More results

Similar Description - SN7417NE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN5407 TI-SN5407 Datasheet
80Kb / 13P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN54LS07 TI-SN54LS07_91 Datasheet
52Kb / 4P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN54LS07 TI-SN54LS07_08 Datasheet
513Kb / 13P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN7417J TI-SN7417J Datasheet
1Mb / 17P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
logo
KODENSHI_AUK CORP.
KK7407 KODENSHI-KK7407 Datasheet
195Kb / 4P
   Hex Buffers/Drivers with Open- Collector High-Voltage Outputs
logo
Texas Instruments
SN7407DE4 TI-SN7407DE4 Datasheet
1Mb / 17P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
logo
Renesas Technology Corp
HD74LS07 RENESAS-HD74LS07 Datasheet
53Kb / 5P
   Hex Buffers / Drivers (With Open Collector High-Voltage Outputs)
logo
Integral Corp.
IN7407 INTEGRAL-IN7407 Datasheet
144Kb / 4P
   Hex Buffers/Drivers with Open-Collector High-Voltage Outputs
logo
IK Semicon Co., Ltd
IN7407 IKSEMICON-IN7407 Datasheet
146Kb / 4P
   Hex Buffers/Drivers with Open- Collector High-Voltage Outputs
logo
Texas Instruments
SN7407DG4 TI-SN7407DG4 Datasheet
1Mb / 17P
[Old version datasheet]   HEX BUFFERS DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com