Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATE44N-2M4-Z Datasheet(PDF) 4 Page - Copal Electronics

Part # ATE44N-2M4-Z
Description  Subminiature Toggle Switch With Locking Lever
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

ATE44N-2M4-Z Datasheet(HTML) 4 Page - Copal Electronics

  ATE44N-2M4-Z Datasheet HTML 1Page - Copal Electronics ATE44N-2M4-Z Datasheet HTML 2Page - Copal Electronics ATE44N-2M4-Z Datasheet HTML 3Page - Copal Electronics ATE44N-2M4-Z Datasheet HTML 4Page - Copal Electronics ATE44N-2M4-Z Datasheet HTML 5Page - Copal Electronics ATE44N-2M4-Z Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
★:Made to order products.
☆:Semi-standard products.
ATLE(Locking Lever Toggle Switch)
Switching
function
Part No.
Viewed from part No. marking side
★ATLE44D-2M3-Z
ON
ON
★ATLE44E-2M3-Z
ON
OFF
ON
Connecting terminals
2−1
5−4
8−7
11−10
2−3
5−6
8−9
11−12
Switching
function
Part No.
Viewed from part No. marking side
★ATLE44D-2M4-Z
ON
ON
★ATLE44E-2M4-Z
ON
OFF
ON
Connecting terminals
2−1
5−4
8−7
11−10
2−3
5−6
8−9
11−12
Switching
function
Part No.
Viewed from part No. marking side
★ATLE42D-2M3-Z
ON
ON
★ATLE42E-2M3-Z
ON
OFF
ON
Connecting terminals
2−1
5−4
2−3
5−6
Switching
function
Part No.
Viewed from part No. marking side
☆ATLE42D-2M4-Z
ON
ON
☆ATLE42E-2M4-Z
ON
OFF
ON
Connecting terminals
2−1
5−4
2−3
5−6
DPDT
DPDT
4PDT
4PDT
Terminal numbers are not shown on the switch.
Terminal numbers are not shown on the switch.
Terminal numbers are not shown on the switch.
Terminal numbers are not shown on the switch.
PC hole Layouts(Topview)
PC hole Layouts(Topview)
PC hole Layouts(Topview)
PC hole Layouts(Topview)
(With bracket)
(With bracket)
PC Straight
PC Straight
PC Straight
PC Straight


Similar Part No. - ATE44N-2M4-Z

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
ATE COPAL-ATE Datasheet
874Kb / 10P
   Subminiature Toggle Switch
logo
Tyco Electronics
ATE MACOM-ATE Datasheet
308Kb / 3P
   Toggle Switches, Process Sealed, Vertical and Right Angle, Round Actuator
logo
Allied Components Inter...
ATE-1637 ALLIED-ATE-1637 Datasheet
742Kb / 1P
   T1/CEPT/ISDN Primary Filter Module
ATE-1638S ALLIED-ATE-1638S Datasheet
354Kb / 1P
   T1/E1/CEPT/ISDN-Pri Filter Module
ATE-3204I ALLIED-ATE-3204I Datasheet
365Kb / 1P
   T1/E1/CEPT/ISDN Quad Port Transformer
More results

Similar Description - ATE44N-2M4-Z

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
ATE COPAL-ATE Datasheet
874Kb / 10P
   Subminiature Toggle Switch
logo
Omron Electronics LLC
A9TS OMRON-A9TS Datasheet
700Kb / 4P
   Ultra subminiature Toggle Switch
logo
Honeywell Solid State E...
64AT34-3D HONEYWELL-64AT34-3D Datasheet
108Kb / 1P
   AT Series Toggle Switch, 4 pole, 2 position, H58 terminal, Locking Lever
logo
Festo Corporation.
VHEF-VT-B32-G18 FESTO-VHEF-VT-B32-G18 Datasheet
84Kb / 2P
   Toggle lever valve
VHEF-V-B52-N14 FESTO-VHEF-V-B52-N14 Datasheet
84Kb / 2P
   Toggle lever valve
VHEF-VT-M32-M-N18 FESTO-VHEF-VT-M32-M-N18 Datasheet
84Kb / 2P
   Toggle lever valve
VHEF-V-B52-G14 FESTO-VHEF-V-B52-G14 Datasheet
84Kb / 2P
   Toggle lever valve
VHEF-V-B52-N18 FESTO-VHEF-V-B52-N18 Datasheet
85Kb / 2P
   Toggle lever valve
VHEF-VT-M32-M-N14 FESTO-VHEF-VT-M32-M-N14 Datasheet
84Kb / 2P
   Toggle lever valve
33003 FESTO-33003 Datasheet
80Kb / 1P
   Toggle lever valve
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com