Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28951QPWRQ1 Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28951QPWRQ1
Description  Phase-Shifted Full-Bridge Controller
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28951QPWRQ1 Datasheet(HTML) 55 Page - Texas Instruments

Back Button UCC28951QPWRQ1 Datasheet HTML 51Page - Texas Instruments UCC28951QPWRQ1 Datasheet HTML 52Page - Texas Instruments UCC28951QPWRQ1 Datasheet HTML 53Page - Texas Instruments UCC28951QPWRQ1 Datasheet HTML 54Page - Texas Instruments UCC28951QPWRQ1 Datasheet HTML 55Page - Texas Instruments UCC28951QPWRQ1 Datasheet HTML 56Page - Texas Instruments UCC28951QPWRQ1 Datasheet HTML 57Page - Texas Instruments UCC28951QPWRQ1 Datasheet HTML 58Page - Texas Instruments UCC28951QPWRQ1 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 71 page
background image
QA
g
QB
g
QB
d
t
ABSET
= t
1 - t 0
Set t
ABSET at resonant tank Peak and Valley
t
0
t
1 t 2
t
3
t
4
t
ABSET
= t
4 - t 3
Miller Plateau
t
5
Miller Plateau
t
MILLER
= t
2 - t 1
t
MILLER
= t
5 - t 4
AB
R
30.1k
=
W
(
)
ABSET
AB
A
T
R
0.26
CS
K
1.3
30.6k
5
=
´
+
´
´
»
W
A
ADEL
AHI
A
5 V
R
V
0.202 V
R
R
´
=
=
+
A
R
348
=
W
AHI
ADEL
A
ADEL
R
V
R
344
5V
V
´
=
»
W
-
55
UCC28951-Q1
www.ti.com
SLUSCK4 – OCTOBER 2016
Product Folder Links: UCC28951-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Based on VADEL selection, calculate RA:
(148)
Select the closest standard resistor value for RA:
(149)
Recalculate VADEL based on resistor divider selection:
(150)
Resistor RAB programs tABSET:
(151)
Select a standard resistor value for the design:
(152)
NOTE
Once you have a prototype up and running it is recommended you fine tune tABSET at light
load to the peak and valley of the resonance between LS and the switch node
capacitance. In this design the delay was set at 10% load. Please refer to Figure 53.
Figure 53. tABSET to Achieve Valley Switching at Light Loads


Similar Part No. - UCC28951QPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28951 TI1-UCC28951 Datasheet
2Mb / 74P
[Old version datasheet]   Phase-Shifted Full-Bridge Controller for Wide Input-Voltage Range Applications
UCC28951-Q1 TI1-UCC28951-Q1 Datasheet
2Mb / 74P
[Old version datasheet]   Phase-Shifted Full-Bridge Controller for Wide Input-Voltage Range Applications
UCC28951PWR TI1-UCC28951PWR Datasheet
2Mb / 74P
[Old version datasheet]   Phase-Shifted Full-Bridge Controller for Wide Input-Voltage Range Applications
UCC28951PWT TI1-UCC28951PWT Datasheet
2Mb / 74P
[Old version datasheet]   Phase-Shifted Full-Bridge Controller for Wide Input-Voltage Range Applications
More results

Similar Description - UCC28951QPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28950 TI1-UCC28950_15 Datasheet
2Mb / 74P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller
UCC28950-Q1 TI1-UCC28950-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950 TI-UCC28950_1 Datasheet
774Kb / 45P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950 TI-UCC28950 Datasheet
467Kb / 42P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950 TI-UCC28950_11 Datasheet
838Kb / 46P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
LM5046 TI1-LM5046_14 Datasheet
1Mb / 42P
[Old version datasheet]   Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
UCC28950 TI-UCC28950_15 Datasheet
2Mb / 74P
[Old version datasheet]   UCC28950 Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28951 TI1-UCC28951 Datasheet
2Mb / 74P
[Old version datasheet]   Phase-Shifted Full-Bridge Controller for Wide Input-Voltage Range Applications
LM5046MH TI1-LM5046MH Datasheet
1Mb / 41P
[Old version datasheet]   LM5046 Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5046SQX TI1-LM5046SQX Datasheet
1Mb / 41P
[Old version datasheet]   LM5046 Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com