Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28951QPWRQ1 Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28951QPWRQ1
Description  Phase-Shifted Full-Bridge Controller
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28951QPWRQ1 Datasheet(HTML) 46 Page - Texas Instruments

Back Button UCC28951QPWRQ1 Datasheet HTML 42Page - Texas Instruments UCC28951QPWRQ1 Datasheet HTML 43Page - Texas Instruments UCC28951QPWRQ1 Datasheet HTML 44Page - Texas Instruments UCC28951QPWRQ1 Datasheet HTML 45Page - Texas Instruments UCC28951QPWRQ1 Datasheet HTML 46Page - Texas Instruments UCC28951QPWRQ1 Datasheet HTML 47Page - Texas Instruments UCC28951QPWRQ1 Datasheet HTML 48Page - Texas Instruments UCC28951QPWRQ1 Datasheet HTML 49Page - Texas Instruments UCC28951QPWRQ1 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 71 page
background image
BUDGET
BUDGET
QE
P
P
2 P
6.5 W
=
-
´
»
QE
P
9.3 W
»
2
2
OUT
QE
QE _ RMS
ds(on)QE
dsQE
r
f
SW
OSS _ QE _ AVG
dsQE
SW
gQE
gQE SW
OUT
P
P
I
R
V
t
t f
2 C
V
f
2 Q
V
f
V
u
u
u
u
u
u
r
f
P
100nC
52nC
48nC
t
t
24 ns
I
4A
2
2
-
»
=
=
»
P
I
4 A
»
MILLER _ MIN
QE
52nC
»
MILLER _ MAX
QE
100nC
»
46
UCC28951-Q1
SLUSCK4 – OCTOBER 2016
www.ti.com
Product Folder Links: UCC28951-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
To estimate FET switching loss the Vg vs. Qg curve from the FET data sheet needs to be studied. First the gate
charge at the beginning of the miller plateau needs to be determined (QEMILLER_MIN) and the gate charge at the
end of the miller plateau (QEMILLER_MAX) for the given VDS.
Maximum gate charge at the end of the miller plateau:
(90)
Minimum gate charge at the beginning of the miller plateau:
(91)
NOTE
The FETs in this design are driven with a UCC27324 Gate Driver IC, setup to drive 4-A
(IP) of gate drive current.
(92)
Estimated FET Vds rise and fall time:
(93)
Estimate QE and QF FET Losses (PQE):
(94)
(95)
Recalculate the power budget.
(96)


Similar Part No. - UCC28951QPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28951 TI1-UCC28951 Datasheet
2Mb / 74P
[Old version datasheet]   Phase-Shifted Full-Bridge Controller for Wide Input-Voltage Range Applications
UCC28951-Q1 TI1-UCC28951-Q1 Datasheet
2Mb / 74P
[Old version datasheet]   Phase-Shifted Full-Bridge Controller for Wide Input-Voltage Range Applications
UCC28951PWR TI1-UCC28951PWR Datasheet
2Mb / 74P
[Old version datasheet]   Phase-Shifted Full-Bridge Controller for Wide Input-Voltage Range Applications
UCC28951PWT TI1-UCC28951PWT Datasheet
2Mb / 74P
[Old version datasheet]   Phase-Shifted Full-Bridge Controller for Wide Input-Voltage Range Applications
More results

Similar Description - UCC28951QPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28950 TI1-UCC28950_15 Datasheet
2Mb / 74P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller
UCC28950-Q1 TI1-UCC28950-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950 TI-UCC28950_1 Datasheet
774Kb / 45P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950 TI-UCC28950 Datasheet
467Kb / 42P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950 TI-UCC28950_11 Datasheet
838Kb / 46P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
LM5046 TI1-LM5046_14 Datasheet
1Mb / 42P
[Old version datasheet]   Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
UCC28950 TI-UCC28950_15 Datasheet
2Mb / 74P
[Old version datasheet]   UCC28950 Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28951 TI1-UCC28951 Datasheet
2Mb / 74P
[Old version datasheet]   Phase-Shifted Full-Bridge Controller for Wide Input-Voltage Range Applications
LM5046MH TI1-LM5046MH Datasheet
1Mb / 41P
[Old version datasheet]   LM5046 Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5046SQX TI1-LM5046SQX Datasheet
1Mb / 41P
[Old version datasheet]   LM5046 Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com