Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATE2N-7M3-10-Z Datasheet(PDF) 7 Page - Copal Electronics

Part # ATE2N-7M3-10-Z
Description  Subminiature Toggle Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

ATE2N-7M3-10-Z Datasheet(HTML) 7 Page - Copal Electronics

Back Button ATE2N-7M3-10-Z Datasheet HTML 2Page - Copal Electronics ATE2N-7M3-10-Z Datasheet HTML 3Page - Copal Electronics ATE2N-7M3-10-Z Datasheet HTML 4Page - Copal Electronics ATE2N-7M3-10-Z Datasheet HTML 5Page - Copal Electronics ATE2N-7M3-10-Z Datasheet HTML 6Page - Copal Electronics ATE2N-7M3-10-Z Datasheet HTML 7Page - Copal Electronics ATE2N-7M3-10-Z Datasheet HTML 8Page - Copal Electronics ATE2N-7M3-10-Z Datasheet HTML 9Page - Copal Electronics ATE2N-7M3-10-Z Datasheet HTML 10Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
☆(白星)は、準標準品です。
☆:Semi-standard products.
▲は、お問い合せ品です。
▲:Inquiry products.
Part No. mark
Part No. mark
art No. markin
rt No. markin
Actuator shape
ON
ON
ONーOFF ーON
ON
ー (ON)
(ON)
ーOFFー(ON)
ONーOFFー(ON)
Terminal style
D
E
F
G
H
2
6
7
P/C terminal
Right angle
(0.3 inch pitch)
Vertical mounting
3
Without bracket
A
 TE 2  D −  2  J   3 − 10 − Z
Series code
Number of poles
Switching function
Plastic Knob type
J
Actuator shape
Bracket style
Clip mechanism
Terminal style
Fig.
Bracket
Fig.
2 poles
1 pole
Number
of poles
1
2
Fig.
[5.08 mm is not available]
Space between terminal rows (Double pole): 2.54 mm
Code
Toggle type
TE
Type
Code
Switching function
Code Actuator shape
ATE-J
(Plastic type)
(ON)
:Momentary.
★:Made to order products.
Notes:
・Install the cap/rocker accessory after soldering and cleaning.
・Specify the shape and coloring when ordering.
・Space between terminal rows: 5.08 mm is not available.
☆:Semi-standard products.
:Inquiry products.
●Color cap and Rocker accessories are
sold separately.
Terminal numbers are not shown on the switch.
■Part Numbering
(Plastic cap・Rocker type)
Switching
function
Part No.
Viewed from part No. marking side
☆ATE1D-2J3-10-Z
ON
ON
★ATE1E-2J3-10-Z
ON
OFF
ON
ATE1F-2J3-10-Z
ON
−(ON)
ATE1G-2J3-10-Z
(ON)
OFF
(ON)
★ATE1H-2J3-10-Z
ON
OFF
(ON)
Connecting terminals
2
−3
2
−1
Switching
function
Part No.
Viewed from part No. marking side
★ATE2D-2J3-10-Z
ON
ON
ATE2E-2J3-10-Z
ON
OFF
ON
ATE2F-2J3-10-Z
ON
−(ON)
ATE2G-2J3-10-Z
(ON)
OFF
(ON)
ATE2H-2J3-10-Z
ON
OFF
(ON)
Connecting terminals
2
−3
5
−6
2
−1
5
−4
Switching
function
Part No.
Viewed from part No. marking side
★ATE1D-6J3-10-Z
ON
ON
ATE1E-6J3-10-Z
ON
OFF
ON
ATE1F-6J3-10-Z
ON
−(ON)
ATE1G-6J3-10-Z
(ON)
OFF
(ON)
ATE1H-6J3-10-Z
ON
OFF
(ON)
Connecting terminals
2
−3
2
−1
Switching
function
Part No.
Viewed from part No. marking side
ATE2D-6J3-10-Z
ON
ON
ATE2E-6J3-10-Z
ON
OFF
ON
ATE2F-6J3-10-Z
ON
−(ON)
ATE2G-6J3-10-Z
(ON)
OFF
(ON)
ATE2H-6J3-10-Z
ON
OFF
(ON)
Connecting terminals
2
−3
5
−6
2
−1
5
−4
SPDT
SPDT
DPDT
DPDT
(Mount with Rocker)
(Mount with Rocker)
(Mount with CAP)
(Mount with CAP)
Right angle(0.3 inch pitch)
Right angle(0.3 inch pitch)
PC Straight
PC Straight


Similar Part No. - ATE2N-7M3-10-Z

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
ATE2N-2M3-Z COPAL-ATE2N-2M3-Z Datasheet
578Kb / 6P
   Subminiature Toggle Switch With Locking Lever
ATE2N-2M4-Z COPAL-ATE2N-2M4-Z Datasheet
578Kb / 6P
   Subminiature Toggle Switch With Locking Lever
ATE2N-5M3-Z COPAL-ATE2N-5M3-Z Datasheet
578Kb / 6P
   Subminiature Toggle Switch With Locking Lever
ATE2N-5M4-Z COPAL-ATE2N-5M4-Z Datasheet
578Kb / 6P
   Subminiature Toggle Switch With Locking Lever
ATE2N-6M3-Z COPAL-ATE2N-6M3-Z Datasheet
578Kb / 6P
   Subminiature Toggle Switch With Locking Lever
More results

Similar Description - ATE2N-7M3-10-Z

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A9TS OMRON-A9TS Datasheet
700Kb / 4P
   Ultra subminiature Toggle Switch
logo
Copal Electronics
ATE4 COPAL-ATE4 Datasheet
578Kb / 6P
   Subminiature Toggle Switch With Locking Lever
logo
C&K Components
T CK-COMPONENTS-T_V01 Datasheet
966Kb / 6P
   Subminiature Toggle Switches
15 Jan 21
logo
List of Unclassifed Man...
T101SHZQE ETC1-T101SHZQE Datasheet
641Kb / 7P
   Subminiature Toggle Switches
logo
ITT Industries
T101P3HABE ITT-T101P3HABE Datasheet
620Kb / 6P
   Subminiature Toggle Switches
logo
C&K Components
T101P3HABE CK-COMPONENTS-T101P3HABE Datasheet
471Kb / 6P
   Subminiature Toggle Switches
logo
ITT Industries
ET01MD1ABE ITT-ET01MD1ABE Datasheet
694Kb / 7P
   Sealed Subminiature Toggle Switches
logo
C&K Components
ET01MD1ABE2 CK-COMPONENTS-ET01MD1ABE2 Datasheet
460Kb / 7P
   Sealed Subminiature Toggle Switches
ETTOGGLE CK-COMPONENTS-ETTOGGLE Datasheet
882Kb / 7P
   Sealed Subminiature Toggle Switches
ET01MD1SAPE CK-COMPONENTS-ET01MD1SAPE Datasheet
483Kb / 7P
   Sealed Subminiature Toggle Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com