Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQJ850EP Datasheet(PDF) 8 Page - Vishay Siliconix

Part # SQJ850EP
Description  Automotive Dual N-Channel 12 V (D-S) 175 °C MOSFETs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQJ850EP Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button SQJ850EP Datasheet HTML 4Page - Vishay Siliconix SQJ850EP Datasheet HTML 5Page - Vishay Siliconix SQJ850EP Datasheet HTML 6Page - Vishay Siliconix SQJ850EP Datasheet HTML 7Page - Vishay Siliconix SQJ850EP Datasheet HTML 8Page - Vishay Siliconix SQJ850EP Datasheet HTML 9Page - Vishay Siliconix SQJ850EP Datasheet HTML 10Page - Vishay Siliconix SQJ850EP Datasheet HTML 11Page - Vishay Siliconix SQJ850EP Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
SQJ202EP
www.vishay.com
Vishay Siliconix
S15-2474-Rev. A, 19-Oct-15
8
Document Number: 62926
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
N-CHANNEL 2 TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Source Drain Diode Forward Voltage
Threshold Voltage
On-Resistance vs. Junction Temperature
On-Resistance vs. Gate-to-Source Voltage
Drain Source Breakdown vs. Junction Temperature
Safe Operating Area
0.001
0.01
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
V
SD - Source-to-Drain Voltage (V)
T
J = 25 °C
T
J = 150 °C
- 1.3
- 0.9
- 0.5
- 0.1
0.3
0.7
- 50
- 25
0
25
50
75
100
125
150
175
T
J - Temperature (°C)
I
D = 250 μA
I
D = 5 mA
0.5
0.8
1.1
1.4
1.7
2.0
- 50
- 25
0
25
50
75
100
125
150
175
T
J - Junction Temperature (°C)
I
D = 20 A
V
GS = 4.5 V
V
GS = 10 V
0.000
0.003
0.006
0.009
0.012
0.015
0
2
4
6
8
10
V
GS - Gate-to-Source Voltage (V)
T
J = 150 °C
T
J = 25 °C
12
13
14
15
16
17
- 50
- 25
0
25
50
75
100
125
150
175
T
J - Junction Temperature (°C)
I
D = 1 mA
0.1
1
10
100
1000
0.01
0.1
1
10
100
V
DS - Drain-to-Source Voltage (V)
* V
GS > minimum VGS at which RDS(on) is specified
Limited by R
DS(on)*
1 ms
I
DM Limited
T
C = 25 °C
Single Pulse
BVDSS Limited
10 ms
100 ms, 1 s,
10 s, DC
I
D Limited


Similar Part No. - SQJ850EP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ850EP VISHAY-SQJ850EP Datasheet
156Kb / 9P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. F, 19-Dec-11
logo
Texas Instruments
SQJ850EP TI-SQJ850EP Datasheet
2Mb / 49P
[Old version datasheet]   LM5141-Q1 Wide Input Range Synchronous Buck Controller
logo
Vishay Siliconix
SQJ850EP-T1-GE3 VISHAY-SQJ850EP-T1-GE3 Datasheet
174Kb / 10P
   Automotive N-Channel 60 V (D-S) 175 째C MOSFET
09-Jul-2021
SQJ850EP VISHAY-SQJ850EP_15 Datasheet
170Kb / 11P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. F, 19-Dec-11
SQJ850EP VISHAY-SQJ850EP_V01 Datasheet
174Kb / 10P
   Automotive N-Channel 60 V (D-S) 175 째C MOSFET
09-Jul-2021
More results

Similar Description - SQJ850EP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ204EP VISHAY-SQJ204EP_V02 Datasheet
406Kb / 13P
   Automotive Dual N-Channel 12 V (D-S) 175 °C MOSFETs
01-Jan-2023
SQJ202EP VISHAY-SQJ202EP_V02 Datasheet
359Kb / 12P
   Automotive Dual N-Channel 12 V (D-S) 175 °C MOSFETs
01-Jan-2023
SQJ942EP VISHAY-SQJ942EP Datasheet
269Kb / 14P
   Automotive Dual N-Channel 40 V (D-S) 175 C MOSFETs
Rev. B, 01-Apr-13
SQJ942EP VISHAY-SQJ942EP_V02 Datasheet
322Kb / 17P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFETs
01-Jan-2023
SQJ200EP VISHAY-SQJ200EP_V02 Datasheet
355Kb / 14P
   Automotive Dual N-Channel 20 V (D-S) 175 °C MOSFETs
01-Jan-2023
SQJ208EP VISHAY-SQJ208EP_V02 Datasheet
481Kb / 12P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFETs
01-Jan-2023
SQJ260EP VISHAY-SQJ260EP_V02 Datasheet
416Kb / 12P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFETs
01-Jan-2023
SQJ204EP VISHAY-SQJ204EP_V01 Datasheet
407Kb / 13P
   Automotive Dual N-Channel 12 V (D-S) 175 째C MOSFETs
01-Jan-2022
SQJ202EP VISHAY-SQJ202EP_V01 Datasheet
360Kb / 12P
   Automotive Dual N-Channel 12 V (D-S) 175 째C MOSFETs
01-Jan-2022
SQJ940EP VISHAY-SQJ940EP_15 Datasheet
266Kb / 15P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFETs
Rev. A, 18-Mar-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com